Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74AC350 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC74AC350
Description  4-BIT SHIFTER WITH 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74AC350 Datasheet(HTML) 1 Page - Motorola, Inc

  MC74AC350 Datasheet HTML 1Page - Motorola, Inc MC74AC350 Datasheet HTML 2Page - Motorola, Inc MC74AC350 Datasheet HTML 3Page - Motorola, Inc MC74AC350 Datasheet HTML 4Page - Motorola, Inc MC74AC350 Datasheet HTML 5Page - Motorola, Inc MC74AC350 Datasheet HTML 6Page - Motorola, Inc MC74AC350 Datasheet HTML 7Page - Motorola, Inc MC74AC350 Datasheet HTML 8Page - Motorola, Inc MC74AC350 Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
5-1
FACT DATA
4Bit Shifter
With 3State Outputs
The MC74AC350/74ACT350 is a specialized multiplexer that accepts a 4-bit
word and shifts it 0, 1, 2 or 3 places, as determined by two Select (S0, S1) inputs.
For expansion to longer words, three linking inputs are provided for lower-order
bits; thus two packages can shift an 8-bit word, four packages a 16-bit word, etc.
Shifting by more than three places is accomplished by paralleling the 3-state outputs
of different packages and using the Output Enable (OE) inputs as a third Select
level. With appropriate interconnections, the
′AC/ACT350 can perform zero-backfill,
sign-extend or end-around (barrel) shift functions.
• Linking Inputs for Word Expansion
• 3-State Outputs for Extending Shift Range
15
16
14
13
12
11
10
2
1
3
4
5
6
7
VCC
9
8
O0
O1
OE
O2
O3
S0
S1
I–3
I–2
I–1
I0
I1
I2
I3
GND
TRUTH TABLE
Inputs
Outputs
OE
S1
S0
O0
O1
O2
O3
H
X
X
Z
Z
Z
Z
L
L
L
I0
I1
I2
I3
L
L
H
I–1
I0
I1
I2
L
H
L
I–2
I–1
I0
I1
L
H
H
I–3
I–2
I–1
I0
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
MC74AC350
MC74ACT350
4-BIT SHIFTER
WITH 3-STATE
OUTPUTS
N SUFFIX
CASE 648-08
PLASTIC
D SUFFIX
CASE 751B-05
PLASTIC
LOGIC SYMBOL
OE
S1
S0
O0 O1 O2 O3
I–3 I–2 I–1 I0 I1 I2 I3
13
9
10
15 14 12 11
1
2
3
4
5
6
7


Similar Part No. - MC74AC350

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC352 MOTOROLA-MC74AC352 Datasheet
189Kb / 7P
   DUAL 4-INPUT MULTIPLEXER
logo
ON Semiconductor
MC74AC352 ONSEMI-MC74AC352 Datasheet
178Kb / 7P
   Dual 4?묲nput Multiplexer
June, 2006 ??Rev. 4
logo
Motorola, Inc
MC74AC352D MOTOROLA-MC74AC352D Datasheet
189Kb / 7P
   DUAL 4-INPUT MULTIPLEXER
MC74AC352N MOTOROLA-MC74AC352N Datasheet
189Kb / 7P
   DUAL 4-INPUT MULTIPLEXER
MC74AC353 MOTOROLA-MC74AC353 Datasheet
195Kb / 8P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
More results

Similar Description - MC74AC350

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F350 FAIRCHILD-74F350 Datasheet
74Kb / 8P
   4-Bit Shifter with 3-STATE Outputs
logo
Texas Instruments
SN74F350 TI1-SN74F350 Datasheet
140Kb / 4P
[Old version datasheet]   4-BIT SHIFTER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD151015 HITACHI-HD151015 Datasheet
80Kb / 13P
   9 bit Level Shifter/Transceiver With 3 State Outputs
logo
Renesas Technology Corp
HD151015 RENESAS-HD151015_15 Datasheet
202Kb / 11P
   9 bit Level Shifter/Transceiver With 3 State Outputs
HD151015 RENESAS-HD151015 Datasheet
203Kb / 11P
   9 bit Level Shifter/Transceiver With 3 State Outputs
logo
Advanced Micro Devices
AM74S350 AMD-AM74S350 Datasheet
106Kb / 2P
   Four-Bit Shifter With Three-State Outputs
SN74S350 AMD-SN74S350 Datasheet
116Kb / 2P
   Four-Bit Shifter With Three-State Outputs
logo
Motorola, Inc
MC5474F569 MOTOROLA-MC5474F569 Datasheet
187Kb / 6P
   4-BIT BIDIRECTIONAL COUNTERS (WITH 3-STATE OUTPUTS)
SN54LS395 MOTOROLA-SN54LS395 Datasheet
196Kb / 6P
   4-BIT SHIFT REGISTER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN54ALS561A TI-SN54ALS561A Datasheet
154Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com