Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74ACT350 Datasheet(PDF) 8 Page - Motorola, Inc

Part # MC74ACT350
Description  4-BIT SHIFTER WITH 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74ACT350 Datasheet(HTML) 8 Page - Motorola, Inc

  MC74ACT350 Datasheet HTML 1Page - Motorola, Inc MC74ACT350 Datasheet HTML 2Page - Motorola, Inc MC74ACT350 Datasheet HTML 3Page - Motorola, Inc MC74ACT350 Datasheet HTML 4Page - Motorola, Inc MC74ACT350 Datasheet HTML 5Page - Motorola, Inc MC74ACT350 Datasheet HTML 6Page - Motorola, Inc MC74ACT350 Datasheet HTML 7Page - Motorola, Inc MC74ACT350 Datasheet HTML 8Page - Motorola, Inc MC74ACT350 Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MC74AC350 MC74ACT350
5-8
FACT DATA
AC CHARACTERISTICS (For Figures and Waveforms — See Section 3)
Symbol
Parameter
VCC*
(V)
74ACT
74ACT
Unit
Fig.
No.
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = –40°C
to +85
°C
CL = 50 pF
Unit
Fig.
No.
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
In to On
5.0
4.0
11.5
3.0
13.5
ns
3-6
tPLH
In to On
5.0
4.0
11.5
3.0
13.5
ns
3-6
tPHL
Propagation Delay
In to On
5.0
4.0
11.5
3.0
13.5
ns
3-6
tPHL
In to On
5.0
4.0
11.5
3.0
13.5
ns
3-6
tPLH
Propagation Delay
Sn to On
5.0
4.5
13.0
3.5
15.5
ns
3-6
tPLH
Sn to On
5.0
4.5
13.0
3.5
15.5
ns
3-6
tPHL
Propagation Delay
Sn to On
5.0
4.5
13.0
3.5
15.5
ns
3-6
tPHL
Sn to On
5.0
4.5
13.0
3.5
15.5
ns
3-6
tPZH
Output Enable to On
5.0
4.0
9.0
3.0
10.0
ns
3-7
tPZL
Output Enable to On
5.0
4.0
10.0
3.0
11.5
ns
3-8
tPHZ
Output Enable to On
5.0
4.0
10.0
3.0
11.0
ns
3-7
tPLZ
Output Enable to On
5.0
4.0
8.0
3.0
9.0
ns
3-8
* Voltage Range 5.0 V is 5.0 V
±0.5 V.
CAPACITANCE
Symbol
Parameter
Value
Typ
Unit
Test Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0 V
CPD
Power Dissipation Capacitance
40.0
pF
VCC = 5.0 V


Similar Part No. - MC74ACT350

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74ACT352 MOTOROLA-MC74ACT352 Datasheet
189Kb / 7P
   DUAL 4-INPUT MULTIPLEXER
logo
ON Semiconductor
MC74ACT352 ONSEMI-MC74ACT352 Datasheet
178Kb / 7P
   Dual 4?묲nput Multiplexer
June, 2006 ??Rev. 4
logo
Motorola, Inc
MC74ACT352D MOTOROLA-MC74ACT352D Datasheet
189Kb / 7P
   DUAL 4-INPUT MULTIPLEXER
MC74ACT352N MOTOROLA-MC74ACT352N Datasheet
189Kb / 7P
   DUAL 4-INPUT MULTIPLEXER
MC74ACT353 MOTOROLA-MC74ACT353 Datasheet
195Kb / 8P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
More results

Similar Description - MC74ACT350

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F350 FAIRCHILD-74F350 Datasheet
74Kb / 8P
   4-Bit Shifter with 3-STATE Outputs
logo
Texas Instruments
SN74F350 TI1-SN74F350 Datasheet
140Kb / 4P
[Old version datasheet]   4-BIT SHIFTER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD151015 HITACHI-HD151015 Datasheet
80Kb / 13P
   9 bit Level Shifter/Transceiver With 3 State Outputs
logo
Renesas Technology Corp
HD151015 RENESAS-HD151015_15 Datasheet
202Kb / 11P
   9 bit Level Shifter/Transceiver With 3 State Outputs
HD151015 RENESAS-HD151015 Datasheet
203Kb / 11P
   9 bit Level Shifter/Transceiver With 3 State Outputs
logo
Advanced Micro Devices
AM74S350 AMD-AM74S350 Datasheet
106Kb / 2P
   Four-Bit Shifter With Three-State Outputs
SN74S350 AMD-SN74S350 Datasheet
116Kb / 2P
   Four-Bit Shifter With Three-State Outputs
logo
Motorola, Inc
MC5474F569 MOTOROLA-MC5474F569 Datasheet
187Kb / 6P
   4-BIT BIDIRECTIONAL COUNTERS (WITH 3-STATE OUTPUTS)
SN54LS395 MOTOROLA-SN54LS395 Datasheet
196Kb / 6P
   4-BIT SHIFT REGISTER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN54ALS561A TI-SN54ALS561A Datasheet
154Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com