Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74AC378 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC74AC378
Description  PARALLEL D REGISTER WITH ENABLE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74AC378 Datasheet(HTML) 1 Page - Motorola, Inc

  MC74AC378 Datasheet HTML 1Page - Motorola, Inc MC74AC378 Datasheet HTML 2Page - Motorola, Inc MC74AC378 Datasheet HTML 3Page - Motorola, Inc MC74AC378 Datasheet HTML 4Page - Motorola, Inc MC74AC378 Datasheet HTML 5Page - Motorola, Inc MC74AC378 Datasheet HTML 6Page - Motorola, Inc MC74AC378 Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
5-1
FACT DATA
Parallel D Register with Enable
The MC74AC378/74ACT378 is a 6-bit register with a buffered common Enable.
This device is similar to the MC74AC174/74ACT174, but with common Enable
rather than common Master Reset.
• 6-Bit High-Speed Parallel Register
• Positive Edge-Triggered D-Type Inputs
• Fully Buffered Common Clock and Enable Inputs
• Outputs Source/Sink 24 mA
• ′ACT378 Has TTL Compatible Inputs
15
16
14
13
12
11
10
2
1
3
4
5
6
7
VCC
9
8
Q5
D5
D4
Q4
D3
Q3
CP
E
Q0
D0
D1
Q1
D2
Q2
GND
PIN NAMES
E
Enable Input
D0–D5
Data Inputs
CP
Clock Pulse Input
Q0–Q5
Outputs
TRUTH TABLE
Inputs
Outputs
E
CP
Dn
Qn
H
X
No Change
L
H
H
L
L
L
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
= LOW-to-HIGH Transition
MC74AC378
MC74ACT378
PARALLEL
D REGISTER
WITH ENABLE
N SUFFIX
CASE 648-08
PLASTIC
D SUFFIX
CASE 751B-05
PLASTIC
LOGIC SYMBOL
E
D0 D1 D2 D3 D4 D5
CP
Q0 Q1 Q2 Q3 Q4 Q5


Similar Part No. - MC74AC378

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC373 MOTOROLA-MC74AC373 Datasheet
212Kb / 8P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC373 ONSEMI-MC74AC373 Datasheet
117Kb / 12P
   Octal Transparent Latch with 3?뭆tate Outputs
November, 2006 ??Rev. 8
MC74AC373 ONSEMI-MC74AC373 Datasheet
104Kb / 10P
   Octal Transparent Latch with 3-State Outputs
February, 2015 ??Rev. 9
logo
Motorola, Inc
MC74AC373D MOTOROLA-MC74AC373D Datasheet
212Kb / 8P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC373DT ONSEMI-MC74AC373DT Datasheet
117Kb / 12P
   Octal Transparent Latch with 3?뭆tate Outputs
November, 2006 ??Rev. 8
More results

Similar Description - MC74AC378

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC378 NSC-54AC378 Datasheet
175Kb / 8P
   Parallel D Register with Enable
54F378DM NSC-54F378DM Datasheet
166Kb / 8P
   Parallel D Register with Enable
logo
Fairchild Semiconductor
74F378 FAIRCHILD-74F378 Datasheet
56Kb / 6P
   Parallel D-Type Register with Enable
logo
STMicroelectronics
T74LS378 STMICROELECTRONICS-T74LS378 Datasheet
344Kb / 4P
   Hex Parallel D register with enable
logo
Texas Instruments
54F378 TI1-54F378 Datasheet
416Kb / 10P
[Old version datasheet]   54F378 74F378 Parallel D Register with Enable
logo
National Semiconductor ...
54LS379 NSC-54LS379 Datasheet
154Kb / 6P
   Quad Parallel Register with Enable
logo
Fairchild Semiconductor
74F379 FAIRCHILD-74F379 Datasheet
56Kb / 6P
   Quad Parallel Register with Enable
logo
STMicroelectronics
T74LS379 STMICROELECTRONICS-T74LS379 Datasheet
325Kb / 4P
   Quad parallel register with enable
logo
Fairchild Semiconductor
74F379 FAIRCHILD-74F379_00 Datasheet
78Kb / 7P
   Quad Parallel Register with Enable
logo
National Semiconductor ...
54F379DM NSC-54F379DM Datasheet
166Kb / 8P
   Quad Parallel Register with Enable
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com