Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74AC533 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC74AC533
Description  OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74AC533 Datasheet(HTML) 4 Page - Motorola, Inc

  MC74AC533 Datasheet HTML 1Page - Motorola, Inc MC74AC533 Datasheet HTML 2Page - Motorola, Inc MC74AC533 Datasheet HTML 3Page - Motorola, Inc MC74AC533 Datasheet HTML 4Page - Motorola, Inc MC74AC533 Datasheet HTML 5Page - Motorola, Inc MC74AC533 Datasheet HTML 6Page - Motorola, Inc MC74AC533 Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC74AC533 MC74ACT533
5-4
FACT DATA
AC CHARACTERISTICS (For Figures and Waveforms — See Section 3)
Symbol
Parameter
VCC*
(V)
74AC
74AC
Unit
Fig.
No.
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = –40°C
to +85
°C
CL = 50 pF
Unit
Fig.
No.
Min
Max
Min
Max
tPLH
Propagation Delay
3.3
2.0
14.0
1.5
16.0
ns
3-5
tPLH
Dn to On
5.0
2.0
10.0
1.5
11.0
ns
3-5
tPHL
Propagation Delay
3.3
2.0
13.0
1.5
14.5
ns
3-5
tPHL
Dn to On
5.0
2.0
9.5
1.5
10.5
ns
3-5
tPLH
Propagation Delay
3.3
2.0
14.5
1.5
16.5
ns
3-6
tPLH
LE to On
5.0
2.0
10.5
1.5
11.5
ns
3-6
tPHL
Propagation Delay
3.3
2.0
13.0
1.5
14.5
ns
3-6
tPHL
LE to On
5.0
2.0
10.0
1.5
11.0
ns
3-6
tPZH
Output Enable Time
3.3
2.0
12.5
1.5
14.0
ns
3-7
tPZH
Output Enable Time
5.0
2.0
9.5
1.5
10.5
ns
3-7
tPZL
Output Enable Time
3.3
2.0
12.5
1.5
14.0
ns
3-8
tPZL
Output Enable Time
5.0
2.0
9.5
1.5
10.5
ns
3-8
tPHZ
Output Disable Time
3.3
2.0
13.0
1.5
14.5
ns
3-7
tPHZ
Output Disable Time
5.0
2.0
10.0
1.5
11.0
ns
3-7
tPLZ
Output Disable Time
3.3
2.0
13.0
1.5
14.5
ns
3-8
tPLZ
Output Disable Time
5.0
2.0
10.0
1.5
11.0
ns
3-8
* Voltage Range 3.3 V is 3.3 V
±0.3 V.
Voltage Range 5.0 V is 5.0 V
±0.5 V.
AC OPERATING REQUIREMENTS
Symbol
Parameter
VCC*
(V)
74AC
74AC
Unit
Fig.
No.
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = –40°C
to +85
°C
CL = 50 pF
Unit
Fig.
No.
Guaranteed Minimum
ts
Setup Time, HIGH or LOW
3.3
5.5
6.0
ns
3-9
ts
Dn to LE
5.0
4.0
4.5
ns
3-9
th
Hold Time, HIGH or LOW
3.3
1.5
1.0
ns
3-9
th
Dn to LE
5.0
1.5
1.0
ns
3-9
tw
LE Pulse Width, HIGH
3.3
6.0
6.5
ns
3-6
tw
LE Pulse Width, HIGH
5.0
4.5
5.0
ns
3-6
* Voltage Range 3.3 V is 3.3 V
±0.3 V.
Voltage Range 5.0 V is 5.0 V
±0.5 V.


Similar Part No. - MC74AC533

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC534 MOTOROLA-MC74AC534 Datasheet
214Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
MC74AC534DW MOTOROLA-MC74AC534DW Datasheet
214Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
MC74AC534N MOTOROLA-MC74AC534N Datasheet
214Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results

Similar Description - MC74AC533

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC5474F373 MOTOROLA-MC5474F373 Datasheet
79Kb / 3P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT533 FAIRCHILD-74ACT533 Datasheet
92Kb / 7P
   Octal Transparent Latch with 3-STATE Outputs
logo
List of Unclassifed Man...
T74LS373 ETC-T74LS373 Datasheet
236Kb / 5P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT373 FAIRCHILD-74ABT373_07 Datasheet
308Kb / 13P
   Octal Transparent Latch with 3-STATE Outputs
logo
Nexperia B.V. All right...
HEF40373B NEXPERIA-HEF40373B Datasheet
212Kb / 15P
   Octal transparent latch with 3-state outputs
Rev. 4 - 29 June 2018
logo
Fairchild Semiconductor
74AC373 FAIRCHILD-74AC373 Datasheet
122Kb / 10P
   Octal Transparent Latch with 3-STATE Outputs
74ACT373SJX FAIRCHILD-74ACT373SJX Datasheet
466Kb / 14P
   Octal Transparent Latch with 3-STATE Outputs
74F533 FAIRCHILD-74F533 Datasheet
80Kb / 7P
   Octal Transparent Latch with 3-STATE Outputs
logo
NXP Semiconductors
HEF40373B_CNV PHILIPS-HEF40373B_CNV_15 Datasheet
90Kb / 7P
   Octal transparent latch with 3-state outputs
January 1995
logo
Motorola, Inc
MC74AC373 MOTOROLA-MC74AC373 Datasheet
212Kb / 8P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com