Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74AC541 Datasheet(PDF) 6 Page - Motorola, Inc

Part # MC74AC541
Description  OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74AC541 Datasheet(HTML) 6 Page - Motorola, Inc

  MC74AC541 Datasheet HTML 1Page - Motorola, Inc MC74AC541 Datasheet HTML 2Page - Motorola, Inc MC74AC541 Datasheet HTML 3Page - Motorola, Inc MC74AC541 Datasheet HTML 4Page - Motorola, Inc MC74AC541 Datasheet HTML 5Page - Motorola, Inc MC74AC541 Datasheet HTML 6Page - Motorola, Inc MC74AC541 Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MC74AC540 MC74ACT540 MC74AC541 MC74ACT541
5-6
FACT DATA
AC CHARACTERISTICS (For Figures and Waveforms — See Section 3)
Symbol
Parameter
VCC*
(V)
74ACT
74ACT
Unit
Fig.
No.
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = –40°C
to +85
°C
CL = 50 pF
Unit
Fig.
No.
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
Data to Output (
ACT540)
5.0
1.0
7.0
1.0
7.5
ns
3-5
tPLH
Data to Output (
ACT540)
5.0
1.0
7.0
1.0
7.5
ns
3-5
tPHL
Propagation Delay
Data to Output (
ACT540)
5.0
1.0
8.0
1.0
8.5
ns
3-5
tPHL
Data to Output (
ACT540)
5.0
1.0
8.0
1.0
8.5
ns
3-5
tPZH
Output Enable Time
(
ACT540)
5.0
1.0
10.5
1.0
11.5
ns
3-7
tPZH
(
ACT540)
5.0
1.0
10.5
1.0
11.5
ns
3-7
tPZL
Output Enable Time
(
ACT540)
5.0
1.0
9.5
1.0
10.5
ns
3-8
tPZL
(
ACT540)
5.0
1.0
9.5
1.0
10.5
ns
3-8
tPHZ
Output Disable Time
(
ACT540)
5.0
1.0
12.0
1.0
12.5
ns
3-7
tPHZ
(
ACT540)
5.0
1.0
12.0
1.0
12.5
ns
3-7
tPLZ
Output Disable Time
(
ACT540)
5.0
1.5
9.0
1.0
10
ns
3-8
tPLZ
(
ACT540)
5.0
1.5
9.0
1.0
10
ns
3-8
tPLH
Propagation Delay
Data to Output (
ACT541)
5.0
1.5
7.5
1.0
8.0
ns
3-5
tPLH
Data to Output (
ACT541)
5.0
1.5
7.5
1.0
8.0
ns
3-5
tPHL
Propagation Delay
Data to Output (
ACT541)
5.0
1.5
7.5
1.0
8.0
ns
3-5
tPHL
Data to Output (
ACT541)
5.0
1.5
7.5
1.0
8.0
ns
3-5
tPZH
Output Enable Time
(
ACT541)
5.0
2.0
10.0
1.0
11.0
ns
3-7
tPZH
(
ACT541)
5.0
2.0
10.0
1.0
11.0
ns
3-7
tPZL
Output Enable Time
(
ACT541)
5.0
1.5
9.5
1.0
10.5
ns
3-8
tPZL
(
ACT541)
5.0
1.5
9.5
1.0
10.5
ns
3-8
tPHZ
Output Disable Time
(
ACT541)
5.0
2.0
11.0
1.0
12.0
ns
3-7
tPHZ
(
ACT541)
5.0
2.0
11.0
1.0
12.0
ns
3-7
tPLZ
Output Disable Time
(
ACT541)
5.0
2.0
9.0
1.0
10
ns
3-8
tPLZ
(
ACT541)
5.0
2.0
9.0
1.0
10
ns
3-8
* Voltage Range 5.0 V is 5.0 V
±0.5 V.
CAPACITANCE
Symbol
Parameter
Value
Typ
Unit
Test Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0 V
CPD
Power Dissipation Capacitance
30
pF
VCC = 5.0 V


Similar Part No. - MC74AC541

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC541 ONSEMI-MC74AC541 Datasheet
131Kb / 12P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
December, 2006 ??Rev. 8
MC74AC541DTR2 ONSEMI-MC74AC541DTR2 Datasheet
131Kb / 12P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
December, 2006 ??Rev. 8
MC74AC541DTR2G ONSEMI-MC74AC541DTR2G Datasheet
131Kb / 12P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
December, 2006 ??Rev. 8
MC74AC541DTR2G ONSEMI-MC74AC541DTR2G Datasheet
103Kb / 10P
   Octal Buffer/Line Driver with 3-State Outputs
March, 2015 ??Rev. 9
MC74AC541DW ONSEMI-MC74AC541DW Datasheet
131Kb / 12P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
December, 2006 ??Rev. 8
More results

Similar Description - MC74AC541

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244 FAIRCHILD-74ABT244 Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com