Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5670 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 5670
Description  T-1 3/4 Right Angle 2 High LED Assembly
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

5670 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  5670 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
585
563
608
650
3.0
3.0
3.0
3.0
60
60
60
60
5
5
5
5
35
35
35
35
10
10
10
10
Yellow/Yellow
Green/Green
Amber/Amber
Red/Red
(V)
Max.
(V)
Typ.
Continuous
Forward
Current Max.
(mA)
Rated
Current
(mA)
Reverse
Breakdown
Voltage Min.(V)
(nm)
Wavelength
Peak
Forward Voltage
Emitted
Color
Part Number
5670H1;1
5670H3;3
5670H5;5
5670H7;7
6.3
10.0
10.0
6.3
Typical
Intensity
(mcd)
Features:
• Dual block mounting allows 2 LEDs in same
board area.
• Single block mounting-height and spacing
alignment, saves assembly cost.
• Super Brite LEDs, high light output, diffused lens.
• Low current, only 2 mA needed.
• Built-in resistor chip operates off 5 volt supply
without external resistor.
• Standoffs prevent flux entrapment.
Housing: Black Nylon, UL94V-O
Alternate LEDs are also available in this package
as a standard variation.
Mounting hole pattern on page 1-X6.
635
583
565
635
7.5
2.7
2.2
2.2
5.0
1.9
1.8
1.8
5
5
5
5
15
7
7
7
10.0
2.0
2.0
2.0
1-5V
7LC
5LC
1LC
(V)
Max.
(V)
Typ.
Forward
Current Max.
(mA)
Rated
Current
(mA)
Reverse
Breakdown
Voltage Min.
(V)
(nm)
Wavelength
Peak
Forward Voltage
LED
Code
LED Color
Red
Green
Yellow
Red
Typical
Intensity
(mcd)
2.3
2.3
2.1
8.0
608
650
565
583
3.0
3.0
7.5
7.5
2.0
2.0
5.0
5.0
5
5
5
5
60
60
15
15
10.0
10.0
12.0
10.0
3
1
5-5V
3-5V
Amber
Green
Red
Amber
8.0
8.0
6.3
10
585
563
3.0
3.0
2.1
2.2
5
5
60
60
10.0
10.0
7
5
Green
Yellow
10
6.3
All dimensions in inches.
1.0
.09
1.0
1.0
Peak Forward
Current @
1ms-300pps (A)
DESCRIP TION A ND FE A TURES
E L E C T R O - O P T I C A L C H A R A C T E R I S T I C S A N D R A T I N G S
5670 Series T-1 3/4 Right Angle 2 High LED Assembly
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack -NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Similar Part No. - 5670

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
5670 VCC-5670 Datasheet
127Kb / 1P
   3/4 Right Angle 2 High LED Assembly
logo
Heyco.
5670 HEYCO-5670 Datasheet
380Kb / 2P
   Full Thickness Male Blades
logo
Festo Corporation.
567000 FESTO-567000 Datasheet
102Kb / 2P
   Air solenoid valve
567001 FESTO-567001 Datasheet
101Kb / 2P
   Air solenoid valve
567002 FESTO-567002 Datasheet
101Kb / 2P
   Air solenoid valve
More results

Similar Description - 5670

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5300E1 CML-5300E1 Datasheet
21Kb / 1P
   T-1 3/4 Right Angle LED Assembly
5307H1 CML-5307H1 Datasheet
21Kb / 1P
   T-1 3/4 Right Angle LED Assembly
logo
IDEA.lnc.
G64XB IDEA-G64XB Datasheet
27Kb / 1P
   T-1-3/4, Right-Angle LED Assembly
G63XB IDEA-G63XB Datasheet
35Kb / 1P
   T-1-3/4, Right-Angle LED Assembly
G65XB IDEA-G65XB Datasheet
35Kb / 1P
   T-1-3/4, Right-Angle LED Assembly
G626XB IDEA-G626XB Datasheet
26Kb / 1P
   T-1-3/4, Right-Angle LED Assembly
G646XB IDEA-G646XB Datasheet
31Kb / 1P
   T-1-3/4, Right-Angle LED Assembly
logo
Visual Communications C...
5390 VCC-5390 Datasheet
98Kb / 1P
   T-1 3/4 Right Angle LED Assembly
5380 VCC-5380 Datasheet
95Kb / 1P
   T-1 3/4 Right Angle LED Assembly
5306 VCC-5306 Datasheet
95Kb / 1P
   T-1 3/4 Right Angle LED Assembly
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com