Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT573PW Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LVT573PW
Description  3.3V Octal D-type transparent latch 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT573PW Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVT573PW Datasheet HTML 2Page - NXP Semiconductors 74LVT573PW Datasheet HTML 3Page - NXP Semiconductors 74LVT573PW Datasheet HTML 4Page - NXP Semiconductors 74LVT573PW Datasheet HTML 5Page - NXP Semiconductors 74LVT573PW Datasheet HTML 6Page - NXP Semiconductors 74LVT573PW Datasheet HTML 7Page - NXP Semiconductors 74LVT573PW Datasheet HTML 8Page - NXP Semiconductors 74LVT573PW Datasheet HTML 9Page - NXP Semiconductors 74LVT573PW Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
74LVT573
3.3V Octal D-type transparent latch
(3-State)
1998 Feb 19
6
AC CHARACTERISTICS
GND = 0V, tR = tF = 2.5ns, CL = 50pF, RL = 500Ω; Tamb = –40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V ± 0.3V
VCC = 2.7V
UNIT
MIN
TYP1
MAX
MAX
tPLH
tPHL
Propagation delay
Dn to Qn
2
1.0
1.0
2.5
2.7
4.2
4.3
4.7
5.2
ns
tPLH
tPHL
Propagation delay
E to Qn
1
1.6
2.5
3.5
4.3
5.6
6.5
6.3
7.2
ns
tPZH
tPZL
Output enable time
to High and Low level
4
5
1.0
1.3
2.8
3.3
5.1
5.5
6.2
6.6
ns
tPHZ
tPLZ
Output disable time
from High and Low level
4
5
2.0
1.5
3.7
3.0
5.7
4.6
6.7
5.1
ns
NOTE:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.
AC SETUP REQUIREMENTS
GND = 0V, tR = tF = 2.5ns, CL = 50pF, RL = 500Ω; Tamb = –40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V ± 0.3V
VCC = 2.7V
UNIT
MIN
MAX
MIN
tS(H)
tS(L)
Setup time, High or Low, Dn to E
3
0.7
0.7
0.6
0.6
ns
TH(H)
TH(L)
Hold time, High or Low, Dn to E
3
1.6
1.6
1.8
1.8
ns
TW(H)
E pulse width High
1
3.3
3.3
ns
AC WAVEFORMS
VM = 1.5V, VIN = GND to 2.7V
tPHL
tw(H)
tPLH
E
Qn
1.5V
2.7V
0V
1.5V
1.5V
1.5V
1.5V
VOH
VOL
SV00035
Waveform 1. Propagation Delay, Enable to Output, and Enable
Pulse Width
Dn
tPLH
tPHL
Qn
1.5V
1.5V
1.5V
1.5V
2.7V
0V
VOL
VOH
SV00117
Waveform 2. Propagation Delay for Data to Outputs
Dn
E
ts(H)
th(H)
ts(L)
th(L)
1.5V
1.5V
1.5V
1.5V
1.5V
1.5V
2.7V
2.7V
0V
0V
NOTE: The shaded areas indicate when the input is permitted
to change for predictable output performance.
SV00118
Waveform 3. Data Setup and Hold Times


Similar Part No. - 74LVT573PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT573PW NXP-74LVT573PW Datasheet
111Kb / 16P
   3.3 V octal D-type transparent latch; (3-state)
Rev. 04-15 September 2008
logo
Nexperia B.V. All right...
74LVT573PW NEXPERIA-74LVT573PW Datasheet
264Kb / 15P
   3.3 V octal D-type transparent latch; 3-state
Rev. 9 - 30 July 2021
More results

Similar Description - 74LVT573PW

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
   Octal D-type transparent latch; 3-state
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
   Octal D-type transparent latch (3-State)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com