Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT573PWDH Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LVT573PWDH
Description  3.3V Octal D-type transparent latch 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT573PWDH Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVT573PWDH Datasheet HTML 3Page - NXP Semiconductors 74LVT573PWDH Datasheet HTML 4Page - NXP Semiconductors 74LVT573PWDH Datasheet HTML 5Page - NXP Semiconductors 74LVT573PWDH Datasheet HTML 6Page - NXP Semiconductors 74LVT573PWDH Datasheet HTML 7Page - NXP Semiconductors 74LVT573PWDH Datasheet HTML 8Page - NXP Semiconductors 74LVT573PWDH Datasheet HTML 9Page - NXP Semiconductors 74LVT573PWDH Datasheet HTML 10Page - NXP Semiconductors 74LVT573PWDH Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
74LVT573
3.3V Octal D-type transparent latch
(3-State)
1998 Feb 19
7
OE
tPZH
tPHZ
0V
VOH –0.3V
Qn
1.5V
1.5V
1.5V
2.7V
0V
VOH
SV00119
Waveform 4. 3-State Output Enable Time to High Level and
Output Disable Time from High Level
OE
tPZL
tPLZ
VOL +0.3V
Qn
1.5V
1.5V
1.5V
2.7V
0V
VOL
3V
SV00120
Waveform 5. 3-State Output Enable Time to Low Level and
Output Disable Time from Low Level
TEST CIRCUIT AND WAVEFORM
VM
VM
tW
AMP (V)
NEGATIVE
PULSE
10%
10%
90%
90%
0V
VM
VM
tW
AMP (V)
POSITIVE
PULSE
90%
90%
10%
10%
0V
tTHL (tF)
tTLH (tR)tTHL (tF)
tTLH (tR)
VM = 1.5V
Input Pulse Definition
DEFINITIONS
RL = Load resistor; see AC CHARACTERISTICS for value.
CL = Load capacitance includes jig and probe capacitance;
see AC CHARACTERISTICS for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
INPUT PULSE REQUIREMENTS
FAMILY
74LVT
PULSE
GENERATOR
VIN
D.U.T.
VOUT
CL
VCC
RL
Test Circuit for 3-State Outputs
6.0V
RT
RL
SV00092
Open
GND
SWITCH POSITION
TEST
SWITCH
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
6V
GND
Amplitude
Rep. Rate
tW
tR
tF
2.7V
v10MHz
500ns
v2.5ns v2.5ns


Similar Part No. - 74LVT573PWDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT573PW NXP-74LVT573PW Datasheet
111Kb / 16P
   3.3 V octal D-type transparent latch; (3-state)
Rev. 04-15 September 2008
logo
Nexperia B.V. All right...
74LVT573PW NEXPERIA-74LVT573PW Datasheet
264Kb / 15P
   3.3 V octal D-type transparent latch; 3-state
Rev. 9 - 30 July 2021
More results

Similar Description - 74LVT573PWDH

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
   Octal D-type transparent latch; 3-state
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
   Octal D-type transparent latch (3-State)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com