Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT623PWDH Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74LVT623PWDH
Description  3.3 V octal transceiver with dual enable 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT623PWDH Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVT623PWDH Datasheet HTML 2Page - NXP Semiconductors 74LVT623PWDH Datasheet HTML 3Page - NXP Semiconductors 74LVT623PWDH Datasheet HTML 4Page - NXP Semiconductors 74LVT623PWDH Datasheet HTML 5Page - NXP Semiconductors 74LVT623PWDH Datasheet HTML 6Page - NXP Semiconductors 74LVT623PWDH Datasheet HTML 7Page - NXP Semiconductors 74LVT623PWDH Datasheet HTML 8Page - NXP Semiconductors 74LVT623PWDH Datasheet HTML 9Page - NXP Semiconductors 74LVT623PWDH Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Philips Semiconductors
Product specification
74LVT623
3.3 V octal transceiver with dual enable (3-State)
1999 Jul 09
9
TSSOP24:
plastic thin shrink small outline package; 24 leads; body width 4.4 mm
SOT355-1


Similar Part No. - 74LVT623PWDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT640 PHILIPS-74LVT640 Datasheet
94Kb / 10P
   3.3V Octal transceiver with direction pin; inverting 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74LVT640 NEXPERIA-74LVT640 Datasheet
233Kb / 12P
   3.3 V Octal transceiver with direction pin; inverting; 3-state
Rev. 4 - 23 February 2021
logo
NXP Semiconductors
74LVT640D PHILIPS-74LVT640D Datasheet
94Kb / 10P
   3.3V Octal transceiver with direction pin; inverting 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74LVT640D NEXPERIA-74LVT640D Datasheet
233Kb / 12P
   3.3 V Octal transceiver with direction pin; inverting; 3-state
Rev. 4 - 23 February 2021
logo
NXP Semiconductors
74LVT640DB PHILIPS-74LVT640DB Datasheet
94Kb / 10P
   3.3V Octal transceiver with direction pin; inverting 3-State
1998 Feb 19
More results

Similar Description - 74LVT623PWDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC623A PHILIPS-74LVC623A Datasheet
96Kb / 10P
   Octal transceiver with dual enable 3-State
1998 Jul 29
74LVC652 PHILIPS-74LVC652 Datasheet
147Kb / 14P
   Octal transceiver/register with dual enable 3-State
1998 Jul 29
74ABT620 PHILIPS-74ABT620 Datasheet
47Kb / 11P
   Octal transceiver with dual enable, inverting 3-State
1993 Jun 21
logo
Nexperia B.V. All right...
74ABT543A NEXPERIA-74ABT543A Datasheet
267Kb / 17P
   Octal latched transceiver with dual enable; 3-state
Rev. 5 - 3 November 2011
logo
NXP Semiconductors
74ABT543A PHILIPS-74ABT543A Datasheet
112Kb / 12P
   Octal latched transceiver with dual enable 3-State
1998 Sep 24
74ABT543A NXP-74ABT543A Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 03-26 January 2010
74ABT543A PHILIPS-74ABT543A Datasheet
115Kb / 12P
   Octal latched transceiver with dual enable (3-State)
1998 Sep 24
74F543 NXP-74F543 Datasheet
99Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 04-26 January 2010
74ABT544 PHILIPS-74ABT544 Datasheet
115Kb / 19P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 03-20 April 2005
74ABT623 PHILIPS-74ABT623 Datasheet
104Kb / 10P
   Octal transceiver with dual enable, non-inverting; 3-State
1998 Jan 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com