Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT74 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVT74
Description  3.3V Dual D-type flip-flop
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT74 Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVT74 Datasheet HTML 1Page - NXP Semiconductors 74LVT74 Datasheet HTML 2Page - NXP Semiconductors 74LVT74 Datasheet HTML 3Page - NXP Semiconductors 74LVT74 Datasheet HTML 4Page - NXP Semiconductors 74LVT74 Datasheet HTML 5Page - NXP Semiconductors 74LVT74 Datasheet HTML 6Page - NXP Semiconductors 74LVT74 Datasheet HTML 7Page - NXP Semiconductors 74LVT74 Datasheet HTML 8Page - NXP Semiconductors 74LVT74 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
74LVT74
3.3V Dual D-type flip-flop
1996 Aug 28
3
LOGIC DIAGRAM
VCC = Pin 14
GND = Pin 7
5, 9
6, 8
Q
Q
4, 10
1, 13
3, 11
2, 12
SD
RD
CP
D
SF00048
FUNCTION TABLE
INPUTS
OUTPUTS
OPERATING
SD
RD
CP
D
Q
Q
MODE
L
H
X
X
H
L
Asynchronous set
H
L
X
X
L
H
Asynchronous reset
L
L
X
X
H
H
Undetermined*
H
H
h
H
L
Load “1”
H
H
l
L
H
Load “0”
H
H
X
NC
NC
Hold
NOTES:
H = High voltage level
h
= High voltage level one setup time prior to low-to-high
clock transition
L
= Low voltage level
l
= Low voltage level one setup time prior to low-to-high
clock transition
NC= No change from the previous setup
X = Don’t care
↑ = Low-to-high clock transition
↑ = Not low-to-high clock transition
*
= This setup is unstable and will change when either set
or reset return to the high level.
ABSOLUTE MAXIMUM RATINGS1, 2
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +4.6
V
IIK
DC input diode current
VI < 0
–50
mA
VI
DC input voltage3
–0.5 to +7.0
V
IOK
DC output diode current
VO < 0
–50
mA
VOUT
DC output voltage3
Output in Off or High state
–0.5 to +7.0
V
IOUT
DC output current
Output in High state
–32
mA
IOUT
DC out ut current
Output in Low state
64
mA
Tstg
Storage temperature range
–65 to 150
°C
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150
°C.
3. The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
MAX
UNIT
VCC
DC supply voltage
2.7
3.6
V
VI
Input voltage
0
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Low-level Input voltage
0.8
V
IOH
High-level output current
–20
mA
IOL
Low-level output current
32
mA
∆t/∆v
Input transition rise or fall rate; Outputs enabled
10
ns/V
Tamb
Operating free-air temperature range
–40
+85
°C


Similar Part No. - 74LVT74

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVT-LVTH16374A NEXPERIA-74LVT-LVTH16374A Datasheet
233Kb / 13P
   3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 12 - 6 August 2021
logo
NXP Semiconductors
74LVT00 PHILIPS-74LVT00 Datasheet
81Kb / 10P
   3.3V Quad 2-input NAND gate
1996 Aug 15
74LVT00D PHILIPS-74LVT00D Datasheet
81Kb / 10P
   3.3V Quad 2-input NAND gate
1996 Aug 15
74LVT00DB PHILIPS-74LVT00DB Datasheet
81Kb / 10P
   3.3V Quad 2-input NAND gate
1996 Aug 15
74LVT00PW PHILIPS-74LVT00PW Datasheet
81Kb / 10P
   3.3V Quad 2-input NAND gate
1996 Aug 15
More results

Similar Description - 74LVT74

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C74 FAIRCHILD-MM74C74 Datasheet
76Kb / 7P
   Dual D-Type Flip-Flop
logo
Hitachi Semiconductor
HD14013B HITACHI-HD14013B Datasheet
80Kb / 7P
   Dual D-type Flip Flop
logo
Fairchild Semiconductor
CD4013BC FAIRCHILD-CD4013BC_02 Datasheet
89Kb / 7P
   Dual D-Type Flip-Flop
logo
Toshiba Semiconductor
TC4013BP TOSHIBA-TC4013BP_07 Datasheet
343Kb / 9P
   Dual D-Type Flip Flop
logo
ON Semiconductor
MC74VHC74 ONSEMI-MC74VHC74_11 Datasheet
144Kb / 8P
   Dual D-Type Flip-Flop
May, 2011 ??Rev. 8
logo
Motorola, Inc
MC14013B MOTOROLA-MC14013B Datasheet
210Kb / 6P
   Dual Type D Flip-Flop
logo
ON Semiconductor
MC14013B ONSEMI-MC14013B Datasheet
209Kb / 8P
   Dual Type D Flip-Flop
March, 2000 ??Rev. 3
logo
NXP Semiconductors
74F74 PHILIPS-74F74 Datasheet
80Kb / 8P
   Dual D-type flip-flop
1996 Mar 12
logo
Nexperia B.V. All right...
HEF4013B-Q100 NEXPERIA-HEF4013B-Q100 Datasheet
770Kb / 17P
   Dual D-type flip-flop
logo
STMicroelectronics
HCF4013 STMICROELECTRONICS-HCF4013 Datasheet
375Kb / 13P
   Dual D-type flip-flop
May 2013 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com