Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74AC648DW Datasheet(PDF) 8 Page - Motorola, Inc

Part # MC74AC648DW
Description  OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (INVERTING)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74AC648DW Datasheet(HTML) 8 Page - Motorola, Inc

  MC74AC648DW Datasheet HTML 1Page - Motorola, Inc MC74AC648DW Datasheet HTML 2Page - Motorola, Inc MC74AC648DW Datasheet HTML 3Page - Motorola, Inc MC74AC648DW Datasheet HTML 4Page - Motorola, Inc MC74AC648DW Datasheet HTML 5Page - Motorola, Inc MC74AC648DW Datasheet HTML 6Page - Motorola, Inc MC74AC648DW Datasheet HTML 7Page - Motorola, Inc MC74AC648DW Datasheet HTML 8Page - Motorola, Inc MC74AC648DW Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MC74AC648 MC74ACT648
5-8
FACT DATA
AC OPERATING REQUIREMENTS
Symbol
Parameter
VCC*
(V)
74ACT
74ACT
Unit
Fig.
No.
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = –40°C
to +85
°C
CL = 50 pF
Unit
Fig.
No.
Typ
Guaranteed Minimum
ts
Setup Time, HIGH or LOW
5.0
4.0
5.0
ns
3-9
ts
Bus to Clock
5.0
4.0
5.0
ns
3-9
th
Hold Time, HIGH or LOW
5.0
2.0
3.0
ns
3-9
th
Bus to Clock
5.0
2.0
3.0
ns
3-9
tw
Clock Pulse Width
5.0
5.0
6.0
ns
3-6
tw
HIGH or LOW
5.0
5.0
6.0
ns
3-6
* Voltage Range 5.0 V is 5.0 V
±0.5 V.
CAPACITANCE
Symbol
Parameter
Value
Typ
Unit
Test Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0 V
CI/O
Input/Output Capacitance
15
pF
VCC = 5.0 V
CPD
Power Dissipation Capacitance
65
pF
VCC = 5.0 V


Similar Part No. - MC74AC648DW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC640 MOTOROLA-MC74AC640 Datasheet
190Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
MC74AC640DW MOTOROLA-MC74AC640DW Datasheet
190Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
MC74AC640N MOTOROLA-MC74AC640N Datasheet
190Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
MC74AC643 MOTOROLA-MC74AC643 Datasheet
188Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
MC74AC643DW MOTOROLA-MC74AC643DW Datasheet
188Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - MC74AC648DW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC652 MOTOROLA-MC74AC652 Datasheet
233Kb / 8P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
MC74AC646 MOTOROLA-MC74AC646 Datasheet
258Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646 Datasheet
82Kb / 12P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
May, 2001 ??Rev. 5
logo
NXP Semiconductors
74ABT648 PHILIPS-74ABT648 Datasheet
120Kb / 14P
   Octal transceiver/register, inverting 3-State
1998 Jun 08
74ABT651 PHILIPS-74ABT651 Datasheet
88Kb / 7P
   Octal transceiver/register, inverting 3-State
1995 Sep 06
logo
Fairchild Semiconductor
74AC646 FAIRCHILD-74AC646 Datasheet
72Kb / 10P
   Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646 Datasheet
78Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
74AC646 FAIRCHILD-74AC646_00 Datasheet
82Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646_15 Datasheet
97Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
MC74AC652 ONSEMI-MC74AC652_15 Datasheet
94Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com