Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74AC4040 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC74AC4040
Description  12-STAGE BINARY RIPPLE COUNTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74AC4040 Datasheet(HTML) 1 Page - Motorola, Inc

  MC74AC4040 Datasheet HTML 1Page - Motorola, Inc MC74AC4040 Datasheet HTML 2Page - Motorola, Inc MC74AC4040 Datasheet HTML 3Page - Motorola, Inc MC74AC4040 Datasheet HTML 4Page - Motorola, Inc MC74AC4040 Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
5-1
FACT DATA
12Stage Binary Ripple Counter
The MC74AC4040 consists of 12 master-slave flip-flops. The output of each
flip-flop feeds the next and the frequency at each output is half that of the preceding
one. The state of the counter advances on the negative-going edge of the Clock
input. Reset is asynchronous and active-high.
State changes of the Q outputs do not occur simultaneously because of internal
ripple delays. Therefore, decoded output signals are subject to decoding spikes
and may have to be gated with the Clock of the MC74AC4040 for some designs.
• 140 MHz Typ. Clock
• Outputs Source/Sink 24 mA
• Operating Voltage Range: 2.0 to 6.0 V
• High Noise Immunity
15
16
14
13
12
11
10
2
1
3
4
5
6
7
VCC
9
8
Q11
Q10
Q8
Q9
RESET CLK
Q1
Q12
Q6
Q5
Q7
Q4
Q3
Q2
GND
FUNCTION TABLE
Clock
Reset
Output State
L
No Change
L
Advance to next state
X
H
All Outputs are low
MC74AC4040
12-STAGE
BINARY RIPPLE
COUNTER
N SUFFIX
CASE 648-08
PLASTIC
D SUFFIX
CASE 751B-05
PLASTIC
LOGIC DIAGRAM
CLOCK
10
11
RESET
PIN 16 = VCC
PIN 8 = GND
9
7
6
5
3
2
4
13
12
14
15
1
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
Q9
Q10
Q11
Q12


Similar Part No. - MC74AC4040

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC4040 ONSEMI-MC74AC4040 Datasheet
84Kb / 6P
   12?뭆tage Binary Ripple Counter
November, 2006 ??Rev. 7
MC74AC4040 ONSEMI-MC74AC4040 Datasheet
73Kb / 6P
   12-Stage Binary Ripple Counter
March, 2015 ??Rev. 8
MC74AC4040D ONSEMI-MC74AC4040D Datasheet
84Kb / 6P
   12?뭆tage Binary Ripple Counter
November, 2006 ??Rev. 7
MC74AC4040DG ONSEMI-MC74AC4040DG Datasheet
84Kb / 6P
   12?뭆tage Binary Ripple Counter
November, 2006 ??Rev. 7
MC74AC4040DG ONSEMI-MC74AC4040DG Datasheet
73Kb / 6P
   12-Stage Binary Ripple Counter
March, 2015 ??Rev. 8
More results

Similar Description - MC74AC4040

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4040A ONSEMI-MC74HC4040A Datasheet
170Kb / 8P
   12-Stage Binary Ripple Counter
May, 2000 ??Rev. 3
logo
Integral Corp.
IW4040B INTEGRAL-IW4040B Datasheet
59Kb / 7P
   12-Stage Binary Ripple Counter
logo
Nexperia B.V. All right...
HEF4040B-Q100 NEXPERIA-HEF4040B-Q100 Datasheet
680Kb / 13P
   12-stage binary ripple counter
74HC4040-Q100 NEXPERIA-74HC4040-Q100 Datasheet
762Kb / 19P
   12-stage binary ripple counter
logo
NXP Semiconductors
74HC4040 PHILIPS-74HC4040 Datasheet
137Kb / 24P
   12-stage binary ripple counter
Rev. 03-14 September 2005
logo
Nexperia B.V. All right...
74HCT4040 NEXPERIA-74HCT4040 Datasheet
275Kb / 16P
   12-stage binary ripple counter
Rev. 7 - 26 May 2021
logo
NXP Semiconductors
74LV4040 PHILIPS-74LV4040 Datasheet
133Kb / 14P
   12-stage binary ripple counter
1998 Jun 23
logo
ON Semiconductor
MC74AC4040 ONSEMI-MC74AC4040_15 Datasheet
73Kb / 6P
   12-Stage Binary Ripple Counter
March, 2015 ??Rev. 8
MC74HC4040A ONSEMI-MC74HC4040A_14 Datasheet
123Kb / 8P
   12-Stage Binary Ripple Counter
August, 2014 ??Rev. 9
logo
Nexperia B.V. All right...
HEF4040B NEXPERIA-HEF4040B Datasheet
211Kb / 11P
   12-stage binary ripple counter
Rev. 10 - 7 December 2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com