Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT652DB Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74LVT652DB
Description  3.3V Octal transceiver/register, non-inverting 3-State
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT652DB Datasheet(HTML) 1 Page - NXP Semiconductors

  74LVT652DB Datasheet HTML 1Page - NXP Semiconductors 74LVT652DB Datasheet HTML 2Page - NXP Semiconductors 74LVT652DB Datasheet HTML 3Page - NXP Semiconductors 74LVT652DB Datasheet HTML 4Page - NXP Semiconductors 74LVT652DB Datasheet HTML 5Page - NXP Semiconductors 74LVT652DB Datasheet HTML 6Page - NXP Semiconductors 74LVT652DB Datasheet HTML 7Page - NXP Semiconductors 74LVT652DB Datasheet HTML 8Page - NXP Semiconductors 74LVT652DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Philips
Semiconductors
74LVT652
3.3V Octal transceiver/register,
non-inverting (3-State)
Product specification
Supersedes data of 1994 May 20
IC23 Data Handbook
1998 Feb 19
INTEGRATED CIRCUITS


Similar Part No. - 74LVT652DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT623 PHILIPS-74LVT623 Datasheet
123Kb / 10P
   3.3 V octal transceiver with dual enable 3-State
1999 Jul 09
74LVT623D PHILIPS-74LVT623D Datasheet
123Kb / 10P
   3.3 V octal transceiver with dual enable 3-State
1999 Jul 09
74LVT623DB PHILIPS-74LVT623DB Datasheet
123Kb / 10P
   3.3 V octal transceiver with dual enable 3-State
1999 Jul 09
74LVT623PW PHILIPS-74LVT623PW Datasheet
123Kb / 10P
   3.3 V octal transceiver with dual enable 3-State
1999 Jul 09
74LVT623PWDH PHILIPS-74LVT623PWDH Datasheet
123Kb / 10P
   3.3 V octal transceiver with dual enable 3-State
1999 Jul 09
More results

Similar Description - 74LVT652DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT652A NXP-74ABT652A Datasheet
113Kb / 19P
   Octal transceiver/register; non-inverting; 3-state
Rev. 02-12 March 2010
74ABT652A PHILIPS-74ABT652A Datasheet
120Kb / 8P
   Octal transceiver/register, non-inverting 3-State
1995 Apr 19
74F646 PHILIPS-74F646 Datasheet
121Kb / 16P
   Octal transceiver/register, non-inverting 3-State
1990 Sep 25
74ABT648 PHILIPS-74ABT648 Datasheet
120Kb / 14P
   Octal transceiver/register, inverting 3-State
1998 Jun 08
74ABT651 PHILIPS-74ABT651 Datasheet
88Kb / 7P
   Octal transceiver/register, inverting 3-State
1995 Sep 06
logo
Motorola, Inc
MC74AC652 MOTOROLA-MC74AC652 Datasheet
233Kb / 8P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
MC74AC646 MOTOROLA-MC74AC646 Datasheet
258Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646 Datasheet
82Kb / 12P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
May, 2001 ??Rev. 5
logo
NXP Semiconductors
74HC648 PHILIPS-74HC648 Datasheet
95Kb / 12P
   Octal bus transceiver/register; 3-state; inverting
December 1990
logo
Motorola, Inc
MC74AC648 MOTOROLA-MC74AC648 Datasheet
255Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (INVERTING)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com