Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC7982A Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LC7982A
Description  LCD Dot Matrix Graphics Display Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7982A Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC7982A Datasheet HTML 5Page - Sanyo Semicon Device LC7982A Datasheet HTML 6Page - Sanyo Semicon Device LC7982A Datasheet HTML 7Page - Sanyo Semicon Device LC7982A Datasheet HTML 8Page - Sanyo Semicon Device LC7982A Datasheet HTML 9Page - Sanyo Semicon Device LC7982A Datasheet HTML 10Page - Sanyo Semicon Device LC7982A Datasheet HTML 11Page - Sanyo Semicon Device LC7982A Datasheet HTML 12Page - Sanyo Semicon Device LC7982A Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Display Control Instructions
The display is controlled by writing data to the instruction register and the 13 data registers. The instruction register and
the data registers are differentiated using the RS signal. First, with RS set to 1 the application writes 8-bit data to the
instruction register and specifies the code for the data register. Then, with RS set to 0, the application writes 8-bit data to
the data register, and the specified instruction is executed. Note that another instruction cannot be written while the
previous instruction is executing. Since the busy flag is set during this period, applications must verify that the busy flag
is 0 before writing an instruction. However, after a data read instruction or a data write instruction, the microcontroller
may execute the next instruction without checking the busy flag after the maximum value of the read cycle or write cycle
elapses, respectively
• Mode control
Applications specify the mode control register by writing 00H to the instruction register.
(The form "00H" is used to express values in hexadecimal.)
• Character pitch setting
VP indicates the number of dots in the vertical direction per character. Applications should determine this value based
on the desired vertical separation between characters. This setting is only meaningful in character display mode, and is
ignored in graphics mode.
In character display mode, HP indicates the number of dots in the horizontal direction per character, and also includes
the gap between the current character and the character displayed to the right. In graphics mode, HP indicates the
number of bits displayed from each byte of display data from RAM.
HP can be set to one of three values.
No. 5946-9/18
LC7982A
Register
R/W
RS
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
Instruction register
0
1
0
0
0
0
0
0
0
0
Mode control register
0
0
0
0
Mode data
DB5 DB4 DB3 DB2 DB1 DB0
Cursor/blinking
CG
Graphics/character display
0
0
Cursor off
0
1
0
Cursor on
1
0
Cursor off/character blinking
1
1
0
Cursor blinking
1/0
1/0
0
0
Cursor off
0
1
1
Cursor on
1
0
Cursor off/character blinking
1
1
Cursor blinking
0
0
1
0
Character display
mode
Graphics mode
Display
on/of
Master/
slave
Blinking Cursor Mode
Internal/
external
CG
1: Master mode
0: Slave mode
1: Display on
0: Display off
Register
R/W
RS
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
Instruction register
0
1
0
0
0
0
0
0
0
1
Character pitch register
0
0
(VP - 1) binary
0
(HP - 1) binary
Hp
DB2 DB1 DB0
Setting
6
1
0
1
Horizontal character pitch of 6 dots
7
1
1
0
Horizontal character pitch of 7 dots
8
1
1
1
Horizontal character pitch of 8 dots


Similar Part No. - LC7982A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7980 SANYO-LC7980 Datasheet
397Kb / 18P
   Controller for the LCD Dot Matrix Graphic Display
LC7981 SANYO-LC7981 Datasheet
386Kb / 19P
   Controller for the LC Dot Matrix Graphic Display?
LC7985 SANYO-LC7985 Datasheet
670Kb / 30P
   LCD Controller/Driver
LC7985NA SANYO-LC7985NA Datasheet
670Kb / 30P
   LCD Controller/Driver
LC7985ND SANYO-LC7985ND Datasheet
670Kb / 30P
   LCD Controller/Driver
More results

Similar Description - LC7982A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6240 OKI-MSM6240 Datasheet
449Kb / 25P
   DOT MATRIX LCD CONTROLLER
MSM6255 OKI-MSM6255 Datasheet
485Kb / 39P
   DOT MATRIX LCD CONTROLLER
MSM9000B OKI-MSM9000B Datasheet
223Kb / 38P
   DOT MATRIX LCD CONTROLLER
logo
Sanyo Semicon Device
LC7980 SANYO-LC7980 Datasheet
397Kb / 18P
   Controller for the LCD Dot Matrix Graphic Display
DM0811 SANYO-DM0811 Datasheet
155Kb / 8P
   LCD Dot Matrix Display Module
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
Sitronix Technology Co....
ST7038 SITRONIX-ST7038 Datasheet
1Mb / 63P
   Dot Matrix LCD Controller/Driver
logo
RAIO Technology Inc.
RA6963 RAIO-RA6963 Datasheet
1Mb / 46P
   Dot Matrix LCD Controller Specification
logo
Renesas Technology Corp
PD16435 RENESAS-PD16435_15 Datasheet
440Kb / 38P
   DOT MATRIX LCD CONTROLLER/DRIVER
logo
RAIO Technology Inc.
RA8835 RAIO-RA8835 Datasheet
119Kb / 6P
   Dot Matrix LCD Controller Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com