Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT646PWDH Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LVT646PWDH
Description  3.3V Octal bus transceiver/register 3-State
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT646PWDH Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVT646PWDH Datasheet HTML 3Page - NXP Semiconductors 74LVT646PWDH Datasheet HTML 4Page - NXP Semiconductors 74LVT646PWDH Datasheet HTML 5Page - NXP Semiconductors 74LVT646PWDH Datasheet HTML 6Page - NXP Semiconductors 74LVT646PWDH Datasheet HTML 7Page - NXP Semiconductors 74LVT646PWDH Datasheet HTML 8Page - NXP Semiconductors 74LVT646PWDH Datasheet HTML 9Page - NXP Semiconductors 74LVT646PWDH Datasheet HTML 10Page - NXP Semiconductors 74LVT646PWDH Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Philips Semiconductors
Product specification
74LVT646
3.3V Octal bus transceiver/register (3-State)
1998 Feb 19
7
AC CHARACTERISTICS
GND = 0V, tR = tF = 2.5ns, CL = 50pF, RL = 500Ω; Tamb = –40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V ± 0.3V
VCC = 2.7V
UNIT
MIN
TYP1
MAX
MAX
fMAX
Maximum clock frequency
1
150
180
MHz
tPLH
tPHL
Propagation delay
CPAB to Bn or CPBA to An
1
1.8
2.1
3.8
3.8
5.7
5.7
6.7
6.4
ns
tPLH
tPHL
Propagation delay
An to Bn or Bn to An
2
1.3
1.0
2.8
2.7
4.7
4.6
5.4
5.3
ns
tPLH
tPHL
Propagation delay
SAB to Bn or SBA to An
2
3
1.4
1.4
3.7
3.8
6.2
6.2
7.2
6.8
ns
tPZH
tPZL
Output enable time
OE to An or Bn
5
6
1.0
1.0
4.0
4.1
5.8
6.0
7.2
7.3
ns
tPHZ
tPLZ
Output disable time
OE to An or Bn
5
6
2.3
2.2
4.3
3.8
6.5
5.8
6.9
5.9
ns
tPZH
tPZL
Output enable time
DIR to An or Bn
5
6
1.0
1.2
3.4
3.4
6.5
6.3
7.5
7.1
ns
tPHZ
tPLZ
Output disable time
DIR to An or Bn
5
6
1.7
1.5
4.1
3.5
7.2
5.8
8.1
6.3
ns
NOTE:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.
AC SETUP REQUIREMENTS
GND = 0V, tR =2.5ns, tF = 2.5ns, CL = 50pF, RL = 500Ω; Tamb = –40°C to +85°C
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V± 0.3V
VCC = 2.7V
UNIT
Min
Typ
Min
ts(H)
ts(L)
Setup time1
An to CPAB, Bn to CPBA
4
1.5
2.0
1.0
1.0
1.6
2.4
ns
th(H)
th(L)
Hold time1
An to CPAB, Bn to CPBA
4
0.0
0.0
–1.0
–1.0
0.0
0.0
ns
tw(H)
tw(L)
Pulse width, High or Low
CPAB or CPBA
1
3.3
3.3
1.0
2.0
3.3
3.3
ns
NOTE:
1. This data sheet limit may vary among suppliers.


Similar Part No. - 74LVT646PWDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT640 PHILIPS-74LVT640 Datasheet
94Kb / 10P
   3.3V Octal transceiver with direction pin; inverting 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74LVT640 NEXPERIA-74LVT640 Datasheet
233Kb / 12P
   3.3 V Octal transceiver with direction pin; inverting; 3-state
Rev. 4 - 23 February 2021
logo
NXP Semiconductors
74LVT640D PHILIPS-74LVT640D Datasheet
94Kb / 10P
   3.3V Octal transceiver with direction pin; inverting 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74LVT640D NEXPERIA-74LVT640D Datasheet
233Kb / 12P
   3.3 V Octal transceiver with direction pin; inverting; 3-state
Rev. 4 - 23 February 2021
logo
NXP Semiconductors
74LVT640DB PHILIPS-74LVT640DB Datasheet
94Kb / 10P
   3.3V Octal transceiver with direction pin; inverting 3-State
1998 Feb 19
More results

Similar Description - 74LVT646PWDH

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC646AP TOSHIBA-TC74HC646AP Datasheet
307Kb / 7P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT646AP TOSHIBA-TC74HCT646AP Datasheet
277Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT652AP TOSHIBA-TC74HCT652AP Datasheet
279Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
logo
NXP Semiconductors
74ABT646A NXP-74ABT646A Datasheet
112Kb / 19P
   Octal bus transceiver/register; 3-state
Rev. 03-15 March 2010
74HC652 PHILIPS-74HC652 Datasheet
104Kb / 10P
   Octal bus transceiver/register; 3-state
September 1993
logo
Toshiba Semiconductor
TC74HC652AP TOSHIBA-TC74HC652AP Datasheet
311Kb / 7P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
logo
STMicroelectronics
M74HCT651 STMICROELECTRONICS-M74HCT651 Datasheet
199Kb / 12P
   HCT651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV. HCT652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE
M74HC651 STMICROELECTRONICS-M74HC651 Datasheet
202Kb / 12P
   HC652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE HC651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV.
logo
NXP Semiconductors
74ABT646A PHILIPS-74ABT646A Datasheet
117Kb / 14P
   Octal bus transceiver/register 3-State
1998 Feb 17
74LVC646A PHILIPS-74LVC646A Datasheet
138Kb / 16P
   Octal bus transceiver/register 3-State
1998 Jul 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com