Electronic Components Datasheet Search |
|
MC74F160A Datasheet(PDF) 2 Page - Motorola, Inc |
|
MC74F160A Datasheet(HTML) 2 Page - Motorola, Inc |
2 / 4 page 4-72 FAST AND LS TTL DATA MC74F160A • MC74F162A CP D NOTE: This diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays. LOGIC DIAGRAM DETAIL A DETAIL A DETAIL A DETAIL A P0 P1 P3 P2 CEP CET CP Q0 Q1 Q2 Q3 MR (MC74F160A) SR (MC74F162A) Q0 Q0 TC CP CP D Q Q CD MC74F160A MC74F162A MC74F162A ONLY MC74F160A ONLY PE FUNCTIONAL DESCRIPTION The MC74F160A and MC74F162A count modulo-10 in the BCD (8421) sequence. From state 9 (HLLH) they increment to state 0 (LLLL). The clock inputs of all flip-flops are driven in parallel through a clock buffer. Thus, all changes of the Q out- puts (except due to Master Reset of the MC74F160A) occur as a result of, and synchronous with, the LOW-to-HIGH transi- tion of the CP input signal. The circuits have four fundamental modes of operation, in order of precedence: asynchronous re- set (MC74F160A), synchronous reset (MC74F162A), paral- lel load, count-up and hold. Five control inputs — Master Re- set (MR, MC74F160A), Synchronous Reset (SR, MC74F162A), Parallel Enable (PE), Count Enable Parallel (CEP) and Count Enable Trickle (CET) — determine the mode of operation, as shown in the Function Table. A LOW signal on MR overrides all other inputs and asynchronously forces all outputs LOW. A LOW signal on SR overrides counting and parallel loading and allows all outputs to go LOW on the next rising edge of CP. A LOW signal on PE overrides counting and allows information on the Parallel Data (Pn) inputs to be loaded into the flip-flops on the next rising edge of CP. With PE and MR (MC74F160A) or SR (MC74F162A) HIGH, CEP and CET permit counting when both are HIGH. Conversely, a LOW signal on either CEP or CET inhibits counting. The MC74F160A and MC74F162A use D-type edge-trig- gered flip-flops and changing the SR, PE, CEP, and CET in- puts when the CP is in either state does not cause errors, pro- vided that the recommended setup and hold times, with respect to the rising edge of CP, are observed. |
Similar Part No. - MC74F160A |
|
Similar Description - MC74F160A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |