Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74F162A Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC74F162A
Description  SYNCHRONOUS PRESETTABLE BCD DECADE COUNTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74F162A Datasheet(HTML) 1 Page - Motorola, Inc

  MC74F162A Datasheet HTML 1Page - Motorola, Inc MC74F162A Datasheet HTML 2Page - Motorola, Inc MC74F162A Datasheet HTML 3Page - Motorola, Inc MC74F162A Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
4-71
FAST AND LS TTL DATA
SYNCHRONOUS PRESETTABLE
BCD DECADE COUNTER
The MC74F160A and MC74F162A are high-speed synchronous decade
counters operating in the BCD (8421) sequence. They are synchronously pre-
settable for application in programmable dividers and have two types of Count
Enable inputs plus a Terminal Count output for versatility in forming synchro-
nous multistage counters. The MC74F160A has an asynchronous Master Re-
set input that overrides all other inputs and forces the outputs LOW. The
MC74F162A has a Synchronous Reset input that overrides counting and par-
allel loading and allows the outputs to be simultaneously reset on the rising
edge of the clock.
Synchronous Counting and Loading
High-Speed Synchronous Expansion
Typical Count Rate of 120 MHz
CONNECTION DIAGRAM
15
16
14
13
12
11
10
2
1
3
4
5
6
7
VCC
9
8
TC
Q0
Q1
Q2
Q3
CET
PE
*R
CP
P0
P1
P2
P3
CEP
GND
*MR for MC74F160A
*SR for MC74F162A
FUNCTION TABLE
SR
PE
CET
CEP
ACTION ON THE RISING CLOCK EDGE (
)
L
X
X
X
Reset (Clear)
H
L
X
X
Load (Pn
Qn)
H
H
H
H
Count (Increment)
H
H
L
X
No Change (Hold)
H
H
X
L
No Change (Hold)
H = HIGH Voltage Level; L = LOW Voltage Level; X = Don’t Care
15
12
STATE DIAGRAM
1
2
3
4
5
6
7
8
9
10
11
13
14
0
MC74F160A
MC74F162A
ORDERING INFORMATION
MC74FXXXAJ
Ceramic
MC74FXXXAN
Plastic
MC74FXXXAD
SOIC
LOGIC SYMBOL
PE P0 P1
P3
P2
CEP
CET
CP
*R
Q0 Q1 Q2 Q3
TC
J SUFFIX
CERAMIC
CASE 620-09
N SUFFIX
PLASTIC
CASE 648-08
16
1
16
1
16
1
D SUFFIX
SOIC
CASE 751B-03
SYNCHRONOUS PRESETTABLE
BCD DECADE COUNTER
FAST
™ SHOTTKY TTL
VCC = PIN 16
GND = PIN 8
1
15
7
14
13
12
11
9
3
4
5
6
10
2
*MR for MC74F160A
*SR for MC74F162A


Similar Part No. - MC74F162A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74F161A MOTOROLA-MC74F161A Datasheet
102Kb / 4P
   SYNCHRONOUS PRESETTABLE BINARY COUNTER
MC74F161AD MOTOROLA-MC74F161AD Datasheet
102Kb / 4P
   SYNCHRONOUS PRESETTABLE BINARY COUNTER
MC74F161AJ MOTOROLA-MC74F161AJ Datasheet
102Kb / 4P
   SYNCHRONOUS PRESETTABLE BINARY COUNTER
MC74F161AN MOTOROLA-MC74F161AN Datasheet
102Kb / 4P
   SYNCHRONOUS PRESETTABLE BINARY COUNTER
MC74F163A MOTOROLA-MC74F163A Datasheet
102Kb / 4P
   SYNCHRONOUS PRESETTABLE BINARY COUNTER
More results

Similar Description - MC74F162A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F162A FAIRCHILD-74F162A Datasheet
70Kb / 7P
   Synchronous Presettable BCD Decade Counter
74F160A FAIRCHILD-74F160A Datasheet
96Kb / 8P
   Synchronous Presettable BCD Decade Counter
logo
Motorola, Inc
MC74AC160 MOTOROLA-MC74AC160 Datasheet
326Kb / 14P
   Synchronous Presettable BCD Decade Counter
logo
NXP Semiconductors
74AC11160 PHILIPS-74AC11160 Datasheet
271Kb / 10P
   SYNCHRONOUS PRESETTABLE SYNCHRONOUS BCD DECADE COUNTER
October 17 1990
74HC162 PHILIPS-74HC162 Datasheet
83Kb / 11P
   Presettable synchronous BCD decade counter; synchronous reset
December 1990
74HC190 PHILIPS-74HC190 Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
logo
Nexperia B.V. All right...
74HC160 NEXPERIA-74HC160 Datasheet
256Kb / 15P
   Presettable synchronous BCD decade counter; asynchronous reset
Rev. 4 - 27 March 2019
logo
NXP Semiconductors
74HC160 PHILIPS-74HC160 Datasheet
63Kb / 9P
   Presettable synchronous BCD decade counter; asynchronous reset
December 1990
74HC192 PHILIPS-74HC192 Datasheet
90Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
logo
Integral Corp.
IN74ACT192 INTEGRAL-IN74ACT192 Datasheet
364Kb / 7P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com