Electronic Components Datasheet Search |
|
T9AS5D12-12 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
T9AS5D12-12 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 3 page 60 Operate Data @ 25 °C Must Operate Voltage: 75% of nominal voltage or less. Must Release Voltage: 10% of nominal voltage or more. Operate Time (Including Bounce)§: 15 ms, max. Release Time (Including Bounce)§: 15 ms, max. § At or From Nominal Coil Voltage T9A series Low Cost 30 Amp PC Board or Panel Mount Relay File E22575 File LR15734 Contact Ratings @ 25 °C with relay properly vented. Remove vent nib after soldering and cleaning. Arrangements: 1 Form A (SPST-NO), and 1 Form C (SPDT). Material: Silver-cadmium oxide. Mechanical Life: 10 million operations, typical. Minimum Contact Load: 1A @ 5VDC or 12VAC. Initial Contact Resistance: 75 milliohms, max., @ min. rated current (switched). Initial Dielectric Strength Between Open Contacts: 1,500V rms. Between Contacts and Coil: 2,500V rms. 6 kV surge using 1.2 µs/50µs Impulse Wave or .5 µs – 100kHz Ring Wave Initial Insulation Resistance Between Mutually Insulated Elements: 109 ohms, min., @ 500VDC, 25 °C and 50% R.H. Coil Data @ 25 °C Voltage: 5 to 110VDC. Nominal Coil Power: 1.0W, (approx.) and 900mW (approx.) versions. Maximum Coil Power: 2.8 Watt. Maximum Coil Temperature(5): Class F: 140 °C. Duty Cycle: Continuous. Nominal DC Resistance Nominal Nominal DC Resistance Nominal Voltage ± 10% (Ohms) Current (mA) Voltage ± 10% (Ohms) Current (mA) 5 27 185 22 545 40 6 40 150 24 660 36 9 97 93 28 890 31 12 155 77 36 1,450 25 15 256 59 48 2,560 19 18 380 47 110 13,450 8 20 450 44 Coil Data - 900mW Coil Data - 1 Watt Nominal DC Resistance Nominal Nominal DC Resistance Nominal Voltage ± 10% (Ohms) Current (mA) Voltage ± 10% (Ohms) Current (mA) 5 25 200 18 324 56 6 36 167 22 484 45 9 81 111 24 576 42 12 144 83 48 2,304 21 15 225 67 110 12,100 9 Features • Up to 30 amp switching in SPST and 20 amp in SPDT arrangements. • Immersion cleanable(6), plastic sealed case available. • Meets UL 873 and UL 508 spacing – 1/8" through air, 1/4" over surface. • Load connections made via 1/4" Q. C. terminals and safety wells accept insulated female Q. C. terminals (mounting codes 2 & 5). • UL Class F insulation system standard. • Well suited for various industrial, commercial and residential applications. Typical Electrical Load & Life - 900mW Coil Contact Contact Load Type of Load Operations Arrangement 1 120VAC 50 LRA/16 FLA 100,000 120VAC 30 LRA/11 FLA 200,000 Typical Electrical Load & Life - 1 Watt Coil Contact Contact Load Type of Load Operations Arrangement 1 30A @ 240VAC UL General Purpose 100,000 25A @ 240VAC Resistive Heater 100,000 5 20A/10A @ 240VAC UL General Purpose 100,000 20A/10A @ 240VAC UL Resistive 100,000 20A/10A @ 28VDC Resistive 100,000 UL 508/873 & CSA Contact Ratings - 1 Watt Coil Voltage Load Type N.O. Contact N.C. Contact 277VAC Tungsten * 5.4A – 277VAC Ballast 10A 3A 240VAC Motor 2 HP 1/2 HP 240VAC Resistive * 30A 20A 240VAC General Purpose† 30A 15A 240VAC LRA/FLA **†† 80A/30A 30A/12A 240VAC Pilot Duty * 470VA 275VA 125VAC Motor 1 HP 1/4 HP 120VAC LRA/FLA 98A/22A – 120VAC Tungsten * 8.3A – 120VAC Pilot Duty 470VA – 28VDC Resistive 20A 10A * Rated 6,000 operations. ** Higher UL & CSA ratings available. † For Form C application, derate current to 20A (N.O.), 10A (N.C.). †† For Form C application, derate current to 67%. Note: Consult factory for other 900mW version contact ratings. |
Similar Part No. - T9AS5D12-12 |
|
Similar Description - T9AS5D12-12 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |