Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74F160AN Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC74F160AN
Description  SYNCHRONOUS PRESETTABLE BCD DECADE COUNTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74F160AN Datasheet(HTML) 3 Page - Motorola, Inc

  MC74F160AN Datasheet HTML 1Page - Motorola, Inc MC74F160AN Datasheet HTML 2Page - Motorola, Inc MC74F160AN Datasheet HTML 3Page - Motorola, Inc MC74F160AN Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
4-73
FAST AND LS TTL DATA
MC74F160A
• MC74F162A
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
74
4.5
5.0
5.5
V
TA
Operating Ambient Temperature Range
74
0
25
70
°C
IOH
Output Current — High
74
–1.0
mA
IOL
Output Current — Low
74
20
mA
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Limits
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VIH
Input HIGH Voltage
2.0
V
Guaranteed Input HIGH Voltage for
All Inputs
VIL
Input LOW Voltage
0.8
V
Guaranteed Input LOW Voltage for
All Inputs
VIK
Input Clamp Diode Voltage
–1.2
V
VCC = MIN, IIN = – 18 mA
VOH
Output HIGH Voltage
74
2.5
3.4
V
IOH = –1.0 mA
VCC = 4.50 V
74
2.7
3.4
V
IOH = –1.0 mA
VCC = 4.75 V
VOL
Output LOW Voltage
0.35
0.5
V
IOL = 20 mA
VCC = MIN
IIH
Input HIGH Current
20
µA
VCC = MAX, VIN = 2.7 V
0.1
mA
VCC = MAX, VIN = 7.0 V
IIL
Input LOW Current
MR, Data, CEP, Clock
PE, CET, SR
–0.6
–1.2
mA
VCC = MAX, VIN = 0.5 V
IOS
Output Short Circuit Current (Note 2)
–60
– 150
mA
VCC = MAX, VOUT = 0 V
ICC
Power Supply Current
37
55
mA
VCC = MAX
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable device type.
2. Not more than one output should be shorted at a time, nor for more than 1 second.
The Terminal Count (TC) output is HIGH when CET is HIGH
and the counter is in state 9. To implement synchronous multi-
stage counters, the TC outputs can be used with the CEP and
CET inputs in two different ways. Please refer to the
MC74F568 data sheet. The TC output is subject to decoding
spikes due to internal race conditions and is therefore not rec-
ommended for use as a clock or asynchronous reset for
flip-flops, counters, or registers. In the MC74F160A and
MC74F162A decade counters, the TC output is fully decoded
and can only be HIGH in state 9. If a decade counter is preset
to an illegal state, or assumes an illegal state when power is
applied, it will return to the normal sequence within two
counts, as shown in the State Diagram.
Logic Equations:
Count Enable = CEP
• CET • PE
TC = Q0 • Q1 • Q2 • Q3 • CET


Similar Part No. - MC74F160AN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74F161A MOTOROLA-MC74F161A Datasheet
102Kb / 4P
   SYNCHRONOUS PRESETTABLE BINARY COUNTER
MC74F161AD MOTOROLA-MC74F161AD Datasheet
102Kb / 4P
   SYNCHRONOUS PRESETTABLE BINARY COUNTER
MC74F161AJ MOTOROLA-MC74F161AJ Datasheet
102Kb / 4P
   SYNCHRONOUS PRESETTABLE BINARY COUNTER
MC74F161AN MOTOROLA-MC74F161AN Datasheet
102Kb / 4P
   SYNCHRONOUS PRESETTABLE BINARY COUNTER
MC74F163A MOTOROLA-MC74F163A Datasheet
102Kb / 4P
   SYNCHRONOUS PRESETTABLE BINARY COUNTER
More results

Similar Description - MC74F160AN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F162A FAIRCHILD-74F162A Datasheet
70Kb / 7P
   Synchronous Presettable BCD Decade Counter
74F160A FAIRCHILD-74F160A Datasheet
96Kb / 8P
   Synchronous Presettable BCD Decade Counter
logo
Motorola, Inc
MC74AC160 MOTOROLA-MC74AC160 Datasheet
326Kb / 14P
   Synchronous Presettable BCD Decade Counter
logo
NXP Semiconductors
74AC11160 PHILIPS-74AC11160 Datasheet
271Kb / 10P
   SYNCHRONOUS PRESETTABLE SYNCHRONOUS BCD DECADE COUNTER
October 17 1990
74HC162 PHILIPS-74HC162 Datasheet
83Kb / 11P
   Presettable synchronous BCD decade counter; synchronous reset
December 1990
74HC190 PHILIPS-74HC190 Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
logo
Nexperia B.V. All right...
74HC160 NEXPERIA-74HC160 Datasheet
256Kb / 15P
   Presettable synchronous BCD decade counter; asynchronous reset
Rev. 4 - 27 March 2019
logo
NXP Semiconductors
74HC160 PHILIPS-74HC160 Datasheet
63Kb / 9P
   Presettable synchronous BCD decade counter; asynchronous reset
December 1990
74HC192 PHILIPS-74HC192 Datasheet
90Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
logo
Integral Corp.
IN74ACT192 INTEGRAL-IN74ACT192 Datasheet
364Kb / 7P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com