Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15015252 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 15015252
Description  StarLEDs T1(3mm) BI-Pin with half wave rectifier
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

15015252 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  15015252 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 15015252

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1501521000CB ETC2-1501521000CB Datasheet
172Kb / 4P
   Flame Retardant Wrap and Fill Axial Leaded Capacitors
150152630AA ETC2-150152630AA Datasheet
172Kb / 4P
   Flame Retardant Wrap and Fill Axial Leaded Capacitors
150152630BB ETC2-150152630BB Datasheet
172Kb / 4P
   Flame Retardant Wrap and Fill Axial Leaded Capacitors
logo
Cornell Dubilier Electr...
150152J1000CB1 CDE-150152J1000CB1 Datasheet
172Kb / 4P
   Type 150 Axial Leaded Metallized Polyester
logo
List of Unclassifed Man...
150152J1000CB2 ETC2-150152J1000CB2 Datasheet
172Kb / 4P
   Flame Retardant Wrap and Fill Axial Leaded Capacitors
More results

Similar Description - 15015252

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1501545X CML-1501545X Datasheet
359Kb / 1P
   StarLEDs T1(3mm) BI-Pin with half wave rectifier
1501535X CML-1501535X Datasheet
359Kb / 1P
   StarLEDs T1(3mm) BI-Pin with half wave rectifier
1509525XXX CML-1509525XXX Datasheet
359Kb / 1P
   StarLEDs T13/4 (6mm) BI-Pin with half wave rectifier
1512145XXX CML-1512145XXX Datasheet
361Kb / 1P
   StarLEDs T13/4 (6mm) BI-Pin with half wave rectifier
1509535XXX CML-1509535XXX Datasheet
359Kb / 1P
   StarLEDs T13/4 (6mm) BI-Pin with half wave rectifier
1512125XXX CML-1512125XXX Datasheet
361Kb / 1P
   StarLEDs T13/4 (6mm) BI-Pin with half wave rectifier
1509545XXX CML-1509545XXX Datasheet
359Kb / 1P
   StarLEDs T13/4 (6mm) BI-Pin with half wave rectifier
1507145XXX CML-1507145XXX Datasheet
357Kb / 1P
   StarLEDs T6,8 with half wave rectifier
1507135XXX CML-1507135XXX Datasheet
357Kb / 1P
   StarLEDs T6,8 with half wave rectifier
1504135XXX CML-1504135XXX Datasheet
355Kb / 1P
   StarLEDs T5,5K with half wave rectifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com