Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74F258AD Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC74F258AD
Description  QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74F258AD Datasheet(HTML) 3 Page - Motorola, Inc

  MC74F258AD Datasheet HTML 1Page - Motorola, Inc MC74F258AD Datasheet HTML 2Page - Motorola, Inc MC74F258AD Datasheet HTML 3Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
4-132
FAST AND LS TTL DATA
MC74F258A
AC CHARACTERISTICS
74F
74F
TA = +25°C
TA = 0°C to 70°C
VCC = +5.0 V
VCC = 5.0 V ± 10%
CL = 50 pF
CL = 50 pF
Symbol
Parameter
Min
Max
Min
Max
Unit
tPLH
Propagation Delay
2.5
5.3
2.0
6.0
ns
tPHL
In to Zn
1.0
4.0
1.0
5.0
tPLH
Propagation Delay
3.0
7.5
3.0
8.5
ns
tPHL
S to Zn
2.5
7.0
2.5
8.0
tPZH
Output Enable Time
2.0
6.0
2.0
7.0
ns
tPZL
2.5
7.0
2.5
8.0
tPHZ
Output Disable Time
2.0
6.0
2.0
7.0
ns
tPLZ
1.5
6.0
1.5
7.0
FUNCTIONAL DESCRIPTION
The F258A is a quad 2-input multiplexer with 3-state out-
puts. It selects four bits of data from two sources under control
of a common Select input (S). When the Select input is LOW,
the I0x inputs are selected and when Select is HIGH, the I1x
inputs are selected. The data on the selected inputs appears
at the outputs in inverted form. The F258A is the logic imple-
mentation of a 4-pole, 2-position switch where the position of
the switch is determined by the logic levels supplied to the Se-
lect input. The logic equations for the outputs are shown be-
low:
Za = OE • (I1a • S + I0a • S)
Zb = OE • (I1b • S + I0b • S)
Zc = OE • (I1c • S + I0c • S)
Zd = OE • (I1d • S + I0d • S)
When the Output Enable input (OE) is HIGH, the outputs are
forced to a high impedance OFF state. If the outputs of the
3-state devices are tied together, all but one device must be in
the high impedance state to avoid high currents that would ex-
ceed the maximum ratings. Designers should ensure the Out-
put Enable signals to 3-state devices whose outputs are tied
together are designed so there is no overlap.


Similar Part No. - MC74F258AD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74F257A MOTOROLA-MC74F257A Datasheet
78Kb / 3P
   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
MC74F257AD MOTOROLA-MC74F257AD Datasheet
78Kb / 3P
   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
MC74F257AJ MOTOROLA-MC74F257AJ Datasheet
78Kb / 3P
   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
MC74F257AN MOTOROLA-MC74F257AN Datasheet
78Kb / 3P
   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
More results

Similar Description - MC74F258AD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F258A FAIRCHILD-74F258A Datasheet
56Kb / 6P
   Quad 2-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
SN54LS257B MOTOROLA-SN54LS257B Datasheet
182Kb / 6P
   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT258 FAIRCHILD-74ACT258_07 Datasheet
284Kb / 10P
   Quad 2-Input Multiplexer with 3-STATE Outputs
logo
Texas Instruments
CY74FCT257T TI-CY74FCT257T Datasheet
330Kb / 12P
[Old version datasheet]   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Motorola, Inc
MC74F257A MOTOROLA-MC74F257A Datasheet
78Kb / 3P
   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT258 FAIRCHILD-74ACT258 Datasheet
90Kb / 8P
   Quad 2-Input Multiplexer with 3-STATE Outputs
74F257ASCX FAIRCHILD-74F257ASCX Datasheet
80Kb / 7P
   Quad 2-Input Multiplexer with 3-STATE Outputs
logo
Texas Instruments
CY74FCT257T TI1-CY74FCT257T_15 Datasheet
378Kb / 15P
[Old version datasheet]   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC257 ONSEMI-MC74AC257_15 Datasheet
101Kb / 9P
   Quad 2-Input Multiplexer with 3-State Outputs
March, 2015 ??Rev. 8
logo
Fairchild Semiconductor
74AC257 FAIRCHILD-74AC257 Datasheet
97Kb / 9P
   Quad 2-Input Multiplexer with 3-STATE Outputs
74F257A FAIRCHILD-74F257A Datasheet
79Kb / 7P
   Quad 2-Input Multiplexer with 3-STATE Outputs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com