Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2574N-ADJ Datasheet(PDF) 3 Page - ON Semiconductor

Part # LM2574N-ADJ
Description  0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2574N-ADJ Datasheet(HTML) 3 Page - ON Semiconductor

  LM2574N-ADJ Datasheet HTML 1Page - ON Semiconductor LM2574N-ADJ Datasheet HTML 2Page - ON Semiconductor LM2574N-ADJ Datasheet HTML 3Page - ON Semiconductor LM2574N-ADJ Datasheet HTML 4Page - ON Semiconductor LM2574N-ADJ Datasheet HTML 5Page - ON Semiconductor LM2574N-ADJ Datasheet HTML 6Page - ON Semiconductor LM2574N-ADJ Datasheet HTML 7Page - ON Semiconductor LM2574N-ADJ Datasheet HTML 8Page - ON Semiconductor LM2574N-ADJ Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LM2574
http://onsemi.com
3
OPERATING RATINGS (Operating Ratings indicate conditions for which the device is intended to be functional, but do not guarantee
specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics).
Rating
Symbol
Value
Unit
Operating Junction Temperature Range
TJ
–40 to +125
°C
Supply Voltage
Vin
40
V
SYSTEM PARAMETERS ([Note 1] Test Circuit Figure 16)
ELECTRICAL CHARACTERISTICS (Unless otherwise specified, Vin = 12 V for the 3.3 V, 5.0 V, and Adjustable
version, Vin = 25 V for the 12 V version, Vin = 30 V for the 15 V version. ILoad = 100 mA. For typical values TJ = 25°C, for min/max values
TJ is the operating junction temperature range that applies [Note 2], unless otherwise noted).
Characteristic
Symbol
Min
Typ
Max
Unit
LM2574–3.3 ([Note 1] Test Circuit Figure 16)
Output Voltage (Vin = 12 V, ILoad = 100 mA, TJ = 25°C)
Vout
3.234
3.3
3.366
V
Output Voltage (4.75 V
≤ Vin ≤ 40 V, 0.1 A ≤ ILoad ≤ 0.5 A)
Vout
V
TJ = 25°C
3.168
3.3
3.432
TJ = –40 to +125°C
3.135
3.465
Efficiency (Vin = 12 V, ILoad = 0.5 A)
η
72
%
LM2574–5 ([Note 1] Test Circuit Figure 16)
Output Voltage (Vin = 12 V, ILoad = 100 mA, TJ = 25°C)
Vout
4.9
5.0
5.1
V
Output Voltage (7.0 V
≤ Vin ≤ 40 V, 0.1 A ≤ ILoad ≤ 0.5 A)
Vout
V
TJ = 25°C
4.8
5.0
5.2
TJ = –40 to +125°C
4.75
5.25
Efficiency (Vin = 12 V, ILoad = 0.5 A)
η
77
%
LM2574–12 ([Note 1] Test Circuit Figure 16)
Output Voltage (Vin = 25 V, ILoad = 100 mA, TJ = 25°C)
Vout
11.76
10
12.24
V
Output Voltage (15 V
≤ Vin ≤ 40 V, 0.1 A ≤ ILoad ≤ 0.5 A)
Vout
V
TJ = 25°C
11.52
12
12.48
TJ = –40 to +125°C
11.4
12.6
Efficiency (Vin = 15 V, ILoad = 0.5 A)
η
88
%
LM2574–15 ([Note 1] Test Circuit Figure 16)
Output Voltage (Vin = 30 V, ILoad = 100 mA, TJ = 25°C)
Vout
14.7
15
15.3
V
Output Voltage (18 V < Vin < 40 V, 0.1 A < ILoad < 0.5 A)
Vout
V
TJ = 25°C
14.4
15
15.6
TJ = –40 to +125°C
14.25
15.75
Efficiency (Vin = 18 V, ILoad = 0.5 A)
η
88
%
LM2574 ADJUSTABLE VERSION ([Note 1] Test Circuit Figure 16)
Feedback Voltage Vin = 12 V, ILoad = 100 mA, Vout = 5.0 V, TJ = 25°C
VFB
1.217
1.23
1.243
V
Feedback Voltage 7.0 V
≤ Vin ≤ 40 V, 0.1 A ≤ ILoad ≤ 0.5 A, Vout = 5.0
V
VFBT
V
TJ = 25°C
1.193
1.23
1.267
TJ = –40 to +125°C
1.18
1.28
Efficiency (Vin = 12 V, ILoad = 0.5 A, Vout = 5.0 V)
η
77
%
1. External components such as the catch diode, inductor, input and output capacitors can affect the switching regulator system performance.
When the LM2574 is used as shown in the Figure 16 test circuit, the system performance will be as shown in the system parameters section
of the Electrical Characteristics.
2. Tested junction temperature range for the LM2574: Tlow = –40°C Thigh = +125°C.


Similar Part No. - LM2574N-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2574N-ADJ NSC-LM2574N-ADJ Datasheet
639Kb / 24P
   SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
logo
ON Semiconductor
LM2574N-ADJ ONSEMI-LM2574N-ADJ Datasheet
296Kb / 26P
   0.5 A, Adjustable Output Voltage, Step?묭own Switching Regulator
August, 2006 ??Rev. 8
logo
Texas Instruments
LM2574N-ADJ TI1-LM2574N-ADJ Datasheet
2Mb / 35P
[Old version datasheet]   LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
logo
ON Semiconductor
LM2574N-ADJ ONSEMI-LM2574N-ADJ Datasheet
234Kb / 26P
   0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
January, 2015 ??Rev. 9
logo
Texas Instruments
LM2574N-ADJ/NOPB TI1-LM2574N-ADJ/NOPB Datasheet
2Mb / 35P
[Old version datasheet]   LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
More results

Similar Description - LM2574N-ADJ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2574 ONSEMI-LM2574_15 Datasheet
234Kb / 26P
   0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
January, 2015 ??Rev. 9
LM2574 ONSEMI-LM2574_06 Datasheet
296Kb / 26P
   0.5 A, Adjustable Output Voltage, Step?묭own Switching Regulator
August, 2006 ??Rev. 8
LM2575T-15G ONSEMI-LM2575T-15G Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575T-005G ONSEMI-LM2575T-005G Datasheet
461Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575 ONSEMI-LM2575_09 Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575 ONSEMI-LM2575 Datasheet
382Kb / 26P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
May, 2004 ??Rev. 6
LM2575T-ADJ ONSEMI-LM2575T-ADJ Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2594 ONSEMI-LM2594 Datasheet
560Kb / 25P
   0.5 A, Step-Down Switching Regulator
January, 2009 ??Rev. 0
logo
KODENSHI_AUK CORP.
SN317MPI KODENSHI-SN317MPI Datasheet
376Kb / 8P
   [ 0.5 A Adjustable Output ] Positive Voltage Regulator
logo
ON Semiconductor
LM2575 ONSEMI-LM2575_05 Datasheet
364Kb / 28P
   1.0 A, Adjustable Output Voltage, Step?묭own Switching Regulator
November, 2005 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com