Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54F648SPMX Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54F648SPMX
Description  Octal Transceiver/Register with TRI-STATE Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54F648SPMX Datasheet(HTML) 3 Page - National Semiconductor (TI)

  54F648SPMX Datasheet HTML 1Page - National Semiconductor (TI) 54F648SPMX Datasheet HTML 2Page - National Semiconductor (TI) 54F648SPMX Datasheet HTML 3Page - National Semiconductor (TI) 54F648SPMX Datasheet HTML 4Page - National Semiconductor (TI) 54F648SPMX Datasheet HTML 5Page - National Semiconductor (TI) 54F648SPMX Datasheet HTML 6Page - National Semiconductor (TI) 54F648SPMX Datasheet HTML 7Page - National Semiconductor (TI) 54F648SPMX Datasheet HTML 8Page - National Semiconductor (TI) 54F648SPMX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Unit LoadingFan Out
54F74F
Pin Names
Description
UL
Input IIH IIL
HIGHLOW
Output IOH IOL
A0–A7
Data Register A Inputs
351083
70 mA b650 mA
TRI-STATE Outputs
6001066 (80) b12 mA64 mA (48 mA)
B0–B7
Data Register B Inputs
351083
70 mA b650 mA
TRI-STATE Outputs
6001066 (80) b12 mA64 mA (48 mA)
CPAB CPBA Clock Pulse Inputs
1010
20 mA b06 mA
SAB SBA
Select Inputs
1010
20 mA b06 mA
G
Output Enable Input
1010
20 mA b06 mA
DIR
Direction Control Input
1010
20 mA b06 mA
Function Table
Inputs
Data IO
Function
G
DIR
CPAB
CPBA
SAB
SBA
A0–A7
B0–B7
H
X
H or L
H or L
X
X
Isolation
HX
L
X
X
X
Input
Input
Clock An Data into A Register
HX
X
L
X
X
Clock Bn Data into B Register
LH
X
X
L
X
An to Bn Real Time (Transparent Mode)
LH
L
XL
X
Input
Output
Clock An Data into A Register
L
H
H or L
X
H
X
A Register to Bn (Stored Mode)
LH
L
X
H
X
Clock An Data into A Register and Output to Bn
LL
X
X
X
L
Bn to An Real Time (Transparent Mode)
LL
X
L
XL
Output
Input
Clock Bn Data into B Register
L
L
X
H or L
X
H
B Register to An (Stored Mode)
LL
X
L
X
H
Clock Bn Data into B Register and Output to An
The data output functions may be enabled or disabled by various signals at the G and DIR Inputs Data input functions are always enabled ie data at the bus
pins will be stored on every LOW-to-HIGH transition of the clock inputs
H e HIGH Voltage Level
L e LOW Voltage Level
X e Irrelevant
L e LOW-to-HIGH Transition
3


Similar Part No. - 54F648SPMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F64 NSC-54F64 Datasheet
130Kb / 6P
   4-2-3-2-Input AND-OR-Invert Gate
54F64DM NSC-54F64DM Datasheet
130Kb / 6P
   4-2-3-2-Input AND-OR-Invert Gate
54F64FM NSC-54F64FM Datasheet
130Kb / 6P
   4-2-3-2-Input AND-OR-Invert Gate
54F64LM NSC-54F64LM Datasheet
130Kb / 6P
   4-2-3-2-Input AND-OR-Invert Gate
More results

Similar Description - 54F648SPMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC646 NSC-54AC646 Datasheet
193Kb / 10P
   Octal Transceiver/Register with TRI-STATE Outputs
54ABT245 NSC-54ABT245 Datasheet
261Kb / 10P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
74F2245 NSC-74F2245 Datasheet
112Kb / 6P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
54F245DM NSC-54F245DM Datasheet
173Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
54FCT245 NSC-54FCT245 Datasheet
137Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
74FR245 NSC-74FR245 Datasheet
152Kb / 6P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74AC646 FAIRCHILD-74AC646 Datasheet
72Kb / 10P
   Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646 Datasheet
78Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
74AC646 FAIRCHILD-74AC646_00 Datasheet
82Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646_15 Datasheet
97Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com