Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P80C528FHP Datasheet(PDF) 8 Page - NXP Semiconductors

Part # P80C528FHP
Description  CMOS single-chip 8-bit microcontroller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80C528FHP Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button P80C528FHP Datasheet HTML 4Page - NXP Semiconductors P80C528FHP Datasheet HTML 5Page - NXP Semiconductors P80C528FHP Datasheet HTML 6Page - NXP Semiconductors P80C528FHP Datasheet HTML 7Page - NXP Semiconductors P80C528FHP Datasheet HTML 8Page - NXP Semiconductors P80C528FHP Datasheet HTML 9Page - NXP Semiconductors P80C528FHP Datasheet HTML 10Page - NXP Semiconductors P80C528FHP Datasheet HTML 11Page - NXP Semiconductors P80C528FHP Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Philips Semiconductors
Product specification
80C528/83C528
CMOS single-chip 8-bit microcontrollers
1995 Feb 02
8
Table 1.
8XC524/8XC528 Special Function Registers
SYMBOL
DESCRIPTION
DIRECT
ADDRESS
BIT ADDRESS, SYMBOL, OR ALTERNATIVE PORT FUNCTION
MSB
LSB
RESET
VALUE
ACC*
Accumulator
E0H
E7
E6
E5
E4
E3
E2
E1
E0
00H
B*
B register
F0H
F7
F6
F5
F4
F3
F2
F1
F0
00H
DPTR:
DPH
DPL
Data pointer (2 bytes):
Data pointer high
Data pointer low
83H
82H
00H
00H
AF
AE
AD
AC
AB
AA
A9
A8
IE*#
Interrupt enable
A8H
EA
ES1
ET2
ES0
ET1
EX1
ET0
EX0
00H
BF
BE
BD
BC
BB
BA
B9
B8
IP*#
Interrupt priority
B8H
PS1
PT2
PS0
PT1
PX1
PT0
PX0
x0000000B
87
86
85
84
83
82
81
80
P0*
Port 0
80H
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
FFH
97
96
95
94
93
92
91
90
P1*
Port 1
90H
SDA
SEL
T2EX
T2
FFH
A7
A6
A5
A4
A3
A2
A1
A0
P2*
Port 2
A0H
A15
A14
A13
A12
A11
A10
A9
A8
FFH
B7
B6
B5
B4
B3
B2
B1
B0
P3*
Port 3
B0H
RD
WR
T1
T0
INT1
INT0
TxD
RxD
FFH
PCON
Power control
87H
SMOD
GF1
GF0
PD
IDL
0xxx0000B
D7
D6
D5
D4
D3
D2
D1
D0
PSW*
Program status word
D0H
CY
AC
F0
RS1
RS0
OV
F1
P
00H
RCAP2H#
RCAP2L#
SBUF
Capture high
Capture low
Serial data buffer
CBH
CAH
99H
00H
00H
xxxxxxxxB
9F
9E
9D
9C
9B
9A
99
98
SCON*
Serial controller
98H
SM0
SM1
SM2
REN
TB8
RB8
TI
RI
00H
S1BIT#
Serial I2C data
D9H/RD
SDI
0
0
0
0
0
0
0
x0000000B
WR
SD0
X
X
X
X
X
X
X
0xxxxxxxB
S1INT#
Serial I2C interrupt
DAH
INT
X
X
X
X
X
X
X
0xxxxxxxB
DF
DE
DD
DC
DB
DA
D9
D8
S1SCS*#
Serial I2C control
D8H/RD
SDI
SCI
CLH
BB
RBF
WBF
STR
ENS
xxxx0000B
WR
SD0
SC0
CLH
X
X
X
STR
ENS
00xxxx00B
SP
Stack pointer
81H
07H
8F
8E
8D
8C
8B
8A
89
88
TCON*
Timer control
88H
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
00H
CF
CE
CD
CC
CB
CA
C9
C8
T2CON*#
Timer 2 control
C8H
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C/T2
CP/RL2
00H
TH0
TH1
TH2#
TL0
TL1
TL2#
T3#
Timer high 0
Timer high 1
Timer high 2
Timer low 0
Timer low 1
Timer low 2
Watchdog timer
8CH
8DH
CDH
8AH
8BH
CCH
FFH
00H
00H
00H
00H
00H
00H
00H
TMOD
Timer mode
89H
GATE
C/T
M1
M0
GATE
C/T
M1
M0
00H
WDCON#
Watchdog control
A5H
A5H
*
SFRs are bit addressable.
#
SFRs are modified from or added to the 80C51 SFRs.


Similar Part No. - P80C528FHP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P80C528 PHILIPS-P80C528 Datasheet
400Kb / 76P
   8-bit microcontrollers
1997 Dec 15
P80C528EBA PHILIPS-P80C528EBA Datasheet
400Kb / 76P
   8-bit microcontrollers
1997 Dec 15
P80C528EBB PHILIPS-P80C528EBB Datasheet
400Kb / 76P
   8-bit microcontrollers
1997 Dec 15
P80C528EBP PHILIPS-P80C528EBP Datasheet
400Kb / 76P
   8-bit microcontrollers
1997 Dec 15
P80C528EFA PHILIPS-P80C528EFA Datasheet
400Kb / 76P
   8-bit microcontrollers
1997 Dec 15
More results

Similar Description - P80C528FHP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
logo
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
SAB80C517A INFINEON-SAB80C517A Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
1994-05-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com