Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P83C652FBA Datasheet(PDF) 7 Page - NXP Semiconductors

Part # P83C652FBA
Description  CMOS single-chip 8-bit microcontrollers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C652FBA Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button P83C652FBA Datasheet HTML 3Page - NXP Semiconductors P83C652FBA Datasheet HTML 4Page - NXP Semiconductors P83C652FBA Datasheet HTML 5Page - NXP Semiconductors P83C652FBA Datasheet HTML 6Page - NXP Semiconductors P83C652FBA Datasheet HTML 7Page - NXP Semiconductors P83C652FBA Datasheet HTML 8Page - NXP Semiconductors P83C652FBA Datasheet HTML 9Page - NXP Semiconductors P83C652FBA Datasheet HTML 10Page - NXP Semiconductors P83C652FBA Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Phlips Semiconductors
Product specification
80C652/83C652
CMOS single-chip 8-bit microcontrollers
1996 Aug 15
7
PIN DESCRIPTIONS
PIN NUMBER
MNEMONIC
DIP
PLCC
QFP
TYPE
NAME AND FUNCTION
VSS
20
22
6, 16,
28, 39
I
Ground: 0V reference. With the QFP package all VSS pins (VSS1 to VSS4) must be
connected.
VDD
40
44
38
I
Power Supply: This is the power supply voltage for normal, idle, and power-down
operation.
P0.0–0.7
39–32
43–36
37–30
I/O
Port 0: Port 0 is an open-drain, bidirectional I/O port. Port 0 pins that have 1s written to
them float and can be used as high-impedance inputs. Port 0 is also the multiplexed
low-order address and data bus during accesses to external program and data memory. In
this application, it uses strong internal pull-ups when emitting 1s.
P1.0–P1.7
1–8
2–9
40–44,
1–3
I/O
Port 1: Port 1 is an 8-bit bidirectional I/O port with internal pull-ups, except P1.6 and P1.7
which are open drain. Port 1 pins that have 1s written to them are pulled high by the
internal pull-ups and can be used as inputs. As inputs, port 1 pins that are externally pulled
low will source current because of the internal pull-ups. (See DC Electrical Characteristics:
IIL). Alternate functions include:
P1.6
7
8
2
I/O
SCL: I2C-bus serial port clock line.
P1.7
8
9
3
I/O
SDA: I2C-bus serial port data line.
P2.0–P2.7
21–28
24–31
18–25
I/O
Port 2: Port 2 is an 8-bit bidirectional I/O port with internal pull-ups. Port 2 pins that have 1s
written to them are pulled high by the internal pull-ups and can be used as inputs. As
inputs, port 2 pins that are externally being pulled low will source current because of the
internal pull-ups. (See DC Electrical Characteristics: IIL). Port 2 emits the high-order
address byte during fetches from external program memory and during accesses to
external data memory that use 16-bit addresses (MOVX @DPTR). In this application, it
uses strong internal pull-ups when emitting 1s. During accesses to external data memory
that use 8-bit addresses (MOV @Ri), port 2 emits the contents of the P2 special function
register.
P3.0–P3.7
10–17
11,
13–19
5,
7–13
I/O
Port 3: Port 3 is an 8-bit bidirectional I/O port with internal pull-ups. Port 3 pins that have 1s
written to them are pulled high by the internal pull-ups and can be used as inputs. As
inputs, port 3 pins that are externally being pulled low will source current because of the
pull-ups. (See DC Electrical Characteristics: IIL). Port 3 also serves the special features of
the 80C51 family, as listed below:
10
11
5
I
RxD (P3.0): Serial input port
11
13
7
O
TxD (P3.1): Serial output port
12
14
8
I
INT0 (P3.2): External interrupt
13
15
9
I
INT1 (P3.3): External interrupt
14
16
10
I
T0 (P3.4): Timer 0 external input
15
17
11
I
T1 (P3.5): Timer 1 external input
16
18
12
O
WR (P3.6): External data memory write strobe
17
19
13
O
RD (P3.7): External data memory read strobe
RST
9
10
4
I
Reset: A high on this pin for two machine cycles while the oscillator is running, resets the
device. An internal diffused resistor to VSS permits a power-on reset using only an external
capacitor to VDD.
ALE
30
33
27
I/O
Address Latch Enable: Output pulse for latching the low byte of the address during an
access to external memory. In normal operation, ALE is emitted at a constant rate of 1/6
the oscillator frequency. Note that one ALE pulse is skipped during each access to external
data memory.
PSEN
29
32
26
O
Program Store Enable: Read strobe to external program memory via Port 0 and Port 2. It
is activated twice each machine cycle during fetches from the external program memory.
When executing out of external program memory two activations of PSEN are skipped
during each access to external data memory. PSEN is not activated (remains HIGH) during
no fetches from external program memory. PSEN can sink/source 8 LSTTL inputs and can
drive CMOS inputs without external pull–ups.
EA
31
35
29
I
External Access: If during a RESET, EA is held at TTL, level HIGH, the CPU executes out
of the internal program memory ROM provided the Program Counter is less than 8192. If
during a RESET, EA is held a TTL LOW level, the CPU executes out of external program
memory. EA is not allowed to float.
XTAL1
19
21
15
I
Crystal 1: Input to the inverting oscillator amplifier and input to the internal clock generator
circuits.
XTAL2
18
20
14
O
Crystal 2: Output from the inverting oscillator amplifier.
NOTE:
To avoid “latch-up” effect at power-on, the voltage on any pin at any time must not be higher than VDD + 0.5V or VSS – 0.5V, respectively.


Similar Part No. - P83C652FBA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P83C652EBA PHILIPS-P83C652EBA Datasheet
185Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
P83C652EBAA PHILIPS-P83C652EBAA Datasheet
185Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
P83C652EBAA NXP-P83C652EBAA Datasheet
191Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
P83C652EBB PHILIPS-P83C652EBB Datasheet
185Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
P83C652EBBB PHILIPS-P83C652EBBB Datasheet
185Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
More results

Similar Description - P83C652FBA

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S380F7 SAMSUNG-S380F7 Datasheet
172Kb / 34P
   8-bit single-chip CMOS microcontrollers
logo
NXP Semiconductors
OM5234 PHILIPS-OM5234 Datasheet
106Kb / 10P
   CMOS single-chip 8-bit microcontrollers
1996 Nov 01
80C31X PHILIPS-80C31X Datasheet
280Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
87C54 PHILIPS-87C54 Datasheet
162Kb / 21P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
80C652 NXP-80C652 Datasheet
191Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
80C31 PHILIPS-80C31 Datasheet
411Kb / 30P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
83C652 PHILIPS-83C652 Datasheet
185Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
logo
Samsung semiconductor
S3C9688 SAMSUNG-S3C9688 Datasheet
615Kb / 209P
   8-bit single-chip CMOS microcontrollers
logo
NXP Semiconductors
80C453 PHILIPS-80C453 Datasheet
262Kb / 23P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 15
80C32 PHILIPS-80C32 Datasheet
663Kb / 62P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com