Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM220F Datasheet(PDF) 4 Page - C-Media Electronics

Part # CM220F
Description  Updateable USB2.0 Card Reader Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

CM220F Datasheet(HTML) 4 Page - C-Media Electronics

  CM220F Datasheet HTML 1Page - C-Media Electronics CM220F Datasheet HTML 2Page - C-Media Electronics CM220F Datasheet HTML 3Page - C-Media Electronics CM220F Datasheet HTML 4Page - C-Media Electronics CM220F Datasheet HTML 5Page - C-Media Electronics CM220F Datasheet HTML 6Page - C-Media Electronics CM220F Datasheet HTML 7Page - C-Media Electronics CM220F Datasheet HTML 8Page - C-Media Electronics CM220F Datasheet HTML 9Page - C-Media Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
CM220
Updateable USB2.0 Card Reader Controller
Date: 8/2/2005
Version:
1.4
- 4 -
Features
USB 2.0 High-Speed operation, USB1.1 Full/Low-Speed backward compatible
Compliant with USB Mass Storage Device Class specifications
Driver updates provided transparently via Microsoft’s Windows Update service
USB bus power and self power capability
Single chip with integrated USB2.0 PHY
Supports 24in-1 (12 specs + 6 small-size + 6 ROM-Type) card reader systems.
Flash media card specifications supported:
CompactFlash (Ver2.1) / Microdrive
Smart Media Card
xD-Picture Card (Ver 1.1, 1.2)
MultiMediaCard / MultiMediaCardplus (Ver4.1, 1/4/8 bit mode)
SD Card / High Speed SD Card (SD ver 1.1)
MemoryStick / High Speed MemoryStick / Memory Stick Pro / High Speed
MemoryStick Pro
Also support 6 small-size flash cards
miniSD / T-Flash Card/MemoryStick Duo / MemoryStick-Pro Duo
RS-MMC / MMCmobile (Ver4.1, 1/4/8 bit mode)
In addition, 6 ROM-Type flash cards are also supported
MMC ROM, MMCplus ROM, MMCmobile ROM
MemoryStick ROM, MemoryStick Pro ROM
SD ROM
SPI interface for external MCU
EEPROM Serial Interface for customized VID/PID via USB interface
Support 1~5 LED displays to indicate operation status
“Designed for Windows” logo certified driver with Windows Update option.
USB IF logo qualified
xD-Picture certified
MS-logo certified
CM220L (QFP 100) or CM220F (LQFP 128) are both available
Small footprint for CM220S (LQFP 48) which can be used in notebook or size-sensitive
systems


Similar Part No. - CM220F

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM2200 CML-CM2200 Datasheet
222Kb / 1P
   T-1 1/2 Wedge Base
logo
Visual Communications C...
CM2200 VCC-CM2200 Datasheet
44Kb / 1P
   Wedge Base
logo
Chicago Miniature Lamp,...
CM2203 CML-CM2203 Datasheet
222Kb / 1P
   T-1 1/2 Wedge Base
logo
Visual Communications C...
CM2203 VCC-CM2203 Datasheet
44Kb / 1P
   Wedge Base
More results

Similar Description - CM220F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU6320 ETC2-AU6320 Datasheet
522Kb / 19P
   USB2.0 CF Card Reader Controller
AU6376-GEL ETC2-AU6376-GEL Datasheet
515Kb / 21P
   USB2.0 Multi-LUN Flash Card Reader Controller
AU6375 ETC2-AU6375 Datasheet
816Kb / 21P
   USB2.0 Multi-LUN Flash Card Reader Controller
AU6336 ETC2-AU6336 Datasheet
532Kb / 22P
   USB2.0 SD/MMC Single LUN Card Reader Controller
AU6366 ETC2-AU6366 Datasheet
533Kb / 20P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JDL ETC2-AU6371-JDL Datasheet
520Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6372 ETC2-AU6372 Datasheet
517Kb / 18P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
logo
Transcend Information. ...
TS-RDP5 TRANSCEND-TS-RDP5 Datasheet
81Kb / 3P
   USB2.0 Compact Card Reader
logo
List of Unclassifed Man...
AU6371-JEL ETC2-AU6371-JEL Datasheet
511Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
logo
Transcend Information. ...
TS-RDP6 TRANSCEND-TS-RDP6 Datasheet
69Kb / 3P
   USB2.0 Compact Card Reader
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com