Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM102S+ Datasheet(PDF) 8 Page - C-Media Electronics

Part # CM102S+
Description  USB 2CH Audio Controller for Speaker
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

CM102S+ Datasheet(HTML) 8 Page - C-Media Electronics

Back Button CM102S+ Datasheet HTML 4Page - C-Media Electronics CM102S+ Datasheet HTML 5Page - C-Media Electronics CM102S+ Datasheet HTML 6Page - C-Media Electronics CM102S+ Datasheet HTML 7Page - C-Media Electronics CM102S+ Datasheet HTML 8Page - C-Media Electronics CM102S+ Datasheet HTML 9Page - C-Media Electronics CM102S+ Datasheet HTML 10Page - C-Media Electronics CM102S+ Datasheet HTML 11Page - C-Media Electronics CM102S+ Datasheet HTML 12Page - C-Media Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
CM102-A+/102S+
USB Stereo Audio Chip for Speaker Integrated
Date: 09/25/2005
Version:
1.01
- 8 -
3.3 PIN SIGNAL DESCRIPTIONS
Pin #
Symbol
Type
Description
1
PAEN
DI, ST
Power Amplifier Control Input, Connect to a Switch or
Pull-High in Normal Operation.
H: Enable Power Amplifier (Normal Mode)
L: Disable Power Amplifier
2
GPIO
DIO, 8mA, ST,
SR, PD
GPIO Pin, Controlled via Vender Specific Command
3
XO
AO
Output Pin for 12MHz Oscillator
4
XI
AI
Input Pin for 12MHz Oscillator
5
DVDD5V
P
5V Power Supply
6
REGV
AO
Regulator output 3.3v
7
USBDP
AIO
USB Data D+
8
USBDM
AIO
USB Data D-
9
DVSS
P
Digital Ground
10
TEST
DI, ST, PD
Test Mode Select Pin, Pull-Down in normal Operation
11
VREF
AO
Connecting to External Decoupling Capacitor for
Embedded Bandgap Circuit; 2.25V Output
12
VOLADJ
AI
Analog Volume Control Input from external VR circuit.
0 ~ 2.25V:
+12 dB ~ 3 dB / mute
3.5 ~ 5V:
0 dB
13
AVDD
P
5V Power Supply for Analog Circuit
14
LOL
AO
Line Out Left Channel
15
LOR
AO
Line Out Right Channel


Similar Part No. - CM102S+

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM102026 ETC-CM102026 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
CM102060 ETC-CM102060 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
CM102125 ETC-CM102125 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
CM102147 ETC-CM102147 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
CM102160 ETC-CM102160 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
More results

Similar Description - CM102S+

ManufacturerPart #DatasheetDescription
logo
C-Media Electronics
CM101S++ CMEDIA-CM101S+ Datasheet
682Kb / 22P
   USB 2CH Audio Controller
logo
ELAN Microelectronics C...
EKA8561A EMC-EKA8561A Datasheet
281Kb / 14P
   USB Audio Controller
EKA8562A EMC-EKA8562A Datasheet
323Kb / 18P
   USB Audio Controller
logo
SONiX Technology Compan...
SN11121ASF SONIX-SN11121ASF Datasheet
156Kb / 10P
   USB AUDIO Controller
logo
ELAN Microelectronics C...
EKA8564A EMC-EKA8564A Datasheet
255Kb / 16P
   USB Audio Controller
EKA8566A EMC-EKA8566A Datasheet
657Kb / 37P
   USB Audio Controller
logo
Nuvoton Technology Corp...
W681308 NUVOTON-W681308 Datasheet
981Kb / 64P
   USB AUDIO CONTROLLER
logo
SONiX Technology Compan...
SN11220ACF SONIX-SN11220ACF Datasheet
1Mb / 34P
   USB Audio Controller
SN11112 SONIX-SN11112 Datasheet
328Kb / 24P
   USB AUDIO CONTROLLER
SN11113 SONIX-SN11113 Datasheet
266Kb / 22P
   USB AUDIO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com