Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

83C576 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 83C576
Description  80C51 8-bit microcontroller family 8K/256 OTP/ROM, 6 channel 10-bit A/D, 4 comparators, failure detect circuitry, watchdog timer
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

83C576 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 83C576 Datasheet HTML 4Page - NXP Semiconductors 83C576 Datasheet HTML 5Page - NXP Semiconductors 83C576 Datasheet HTML 6Page - NXP Semiconductors 83C576 Datasheet HTML 7Page - NXP Semiconductors 83C576 Datasheet HTML 8Page - NXP Semiconductors 83C576 Datasheet HTML 9Page - NXP Semiconductors 83C576 Datasheet HTML 10Page - NXP Semiconductors 83C576 Datasheet HTML 11Page - NXP Semiconductors 83C576 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
Philips Semiconductors
Product specification
83C576/87C576
80C51 8-bit microcontroller family
8K/256 OTP/ROM, 6 channel 10-bit A/D, 4 comparators,
failure detect circuitry, watchdog timer
1998 Jun 04
8
Table 1.
87C576 Special Function Registers (Continued)
SYMBOL
DESCRIPTION
DIRECT
ADDRESS
BIT ADDRESS, SYMBOL, OR ALTERNATIVE PORT FUNCTION
MSB
LSB
RESET
VALUE
BF
BE
BD
BC
BB
BA
B9
B8
IP0*
Interrupt Priority 0
B8H
PPC
PT2
PS
PT1
PX1
PT0
PX0
x0000000B
IP1*#
Interrupt Priority 1
F8H
POB
PIB
PAD
PC4
PC3
PC2
PC1
PC0
00H
87
86
85
84
83
82
81
80
P0*
Port 0
80H
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
FFH
97
96
95
94
93
92
91
90
P1*
Port 1
90H
ADIN5
ADIN4
ADIN3
ADIN2
ADIN1
ADIN0
FFH
A7
A6
A5
A4
A3
A2
A1
A0
P2*
Port 2
A0H
ECI
CEX4
T2
T2EX
CEX3
CEX2
CEX1
CEX0
FFH
B7
B6
B5
B4
B3
B2
B1
B0
P3*
Port 3
B0H
RD
WR
T1
T0
INT1
INT0
TxD
RxD
FFH
P0M1#
Port 0 Output Mode 1
84H
00H
P0M2#
Port 0 Output Mode 2
85H
00H
P1M1#
Port 1 Output Mode 1
94H
00H
P1M2#
Port 1 Output Mode 2
95H
3FH
P2M1#
Port 2 Output Mode 1
A4H
00H
P2M2#
Port 2 Output Mode 2
A5H
FFH
P3M1#
Port 3 Output Mode 1
B4H
00H
P3M2#
Port 3 Output Mode 2
B5H
FFH
PCON
Power Control
87H
SMOD1
SMOD0
OSF1
POF1
LVF1
WDT0F1
PD
IDL
00xxxx00B
D7
D6
D5
D4
D3
D2
D1
D0
PSW*
Program Status Word
D0H
CY
AC
F0
RS1
RS0
OV
P
00H
PWCON#
PWM Control
BCH
PWMF
EN/CLR
PWE1
PWE0
00H
PWMP#
PWM Prescaler
BDH
00H
PWM0#
PWM Register 0
BEH
00H
PWM1#
PWM Register 1
BFH
00H
RACAP2H#
Timer 2 Capture High
CBH
00H
RACAP2L#
Timer 2 Capture Low
CAH
00H
SADDR#
Slave Address
A9H
00H
SADEN#
Slave Address Mask
B9H
00H
SBUF
Serial Data Buffer
99H
xxxxxxxxB
9F
9E
9D
9C
9B
9A
99
98
SCON*
Serial Control
98H
SM0/FE
SM1
SM2
REN
TB8
RB8
TI
RI
00H
SP
Stack Pointer
81H
07H
8F
8E
8D
8C
8B
8A
89
88
TCON*
Timer Control
88H
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
00H
CF
CE
CD
CC
CB
CA
C9
C8
T2CON*
Timer 2 Control
C8H
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C/T2
CP/RL2
00H
T2MOD#
Timer 2 Mode Control
C9H
T2OE2
DCEN
xxxxxxx0B
*
SFRs are bit addressable.
#
SFRs are modified from or added to the 80C51 SFRs.
1. Reset value depends on reset source.
2. Programmable clock-out


Similar Part No. - 83C576

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
83C575 PHILIPS-83C575 Datasheet
383Kb / 40P
   80C51 8-bit microcontroller family 8K/256 OTP/ROM/ROMless, 4 comparator, failure detect circuitry, watchdog timer
1998 May 01
More results

Similar Description - 83C576

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
80C575 PHILIPS-80C575 Datasheet
383Kb / 40P
   80C51 8-bit microcontroller family 8K/256 OTP/ROM/ROMless, 4 comparator, failure detect circuitry, watchdog timer
1998 May 01
80C550 PHILIPS-80C550 Datasheet
190Kb / 28P
   80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, 8 channel 8 bit A/D, watchdog timer
1998 May 01
83C453 PHILIPS-83C453 Datasheet
188Kb / 26P
   80C51 8-bit microcontroller family 8K/256 OTP/ROM, expanded I/O
1998 Apr 23
87C652 PHILIPS-87C652 Datasheet
195Kb / 24P
   80C51 8-bit microcontroller 8K/16K, 256 OTP, I2C
1999 Jul 23
83C754 PHILIPS-83C754 Datasheet
217Kb / 26P
   80C51 8-bit microcontroller family 4K/256 OTP/ROM, DAC, comparator, UART, reference
1998 Apr 23
87C552 PHILIPS-87C552 Datasheet
193Kb / 24P
   80C51 8-bit microcontroller 8K/256 OTP, 8 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O
1998 May 01
83C749 PHILIPS-83C749 Datasheet
200Kb / 22P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8-bit A/D, PWM, low pin count
1998 Apr 23
87C749 PHILIPS-87C749 Datasheet
164Kb / 22P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8-bit A/D, PWM, low pin count
1998 Apr 23
87C750 PHILIPS-87C750 Datasheet
137Kb / 16P
   80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
83C752 PHILIPS-83C752 Datasheet
225Kb / 24P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
1998 May 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com