Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1512035X Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 1512035X
Description  MultiLEDs T13/4 (6mm) MG 4-Chip-LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

1512035X Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  1512035X Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 1512035X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
15120 ETC2-15120 Datasheet
385Kb / 1P
   TERMINAL BOARDS & STRIPS
logo
3M Electronics
151204-2320-RB 3M-151204-2320-RB Datasheet
1Mb / 5P
   2 mm 횞 2 mm Solder Tail Straight & Right Angle, Surface Mount Straight
151204-2320-RB-WX 3M-151204-2320-RB-WX Datasheet
1Mb / 5P
   2 mm 횞 2 mm Solder Tail Straight & Right Angle, Surface Mount Straight
151204-2420-RB 3M-151204-2420-RB Datasheet
1Mb / 5P
   2 mm 횞 2 mm Solder Tail Straight & Right Angle, Surface Mount Straight
151204-2420-RB-WX 3M-151204-2420-RB-WX Datasheet
1Mb / 5P
   2 mm 횞 2 mm Solder Tail Straight & Right Angle, Surface Mount Straight
More results

Similar Description - 1512035X

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1512045X CML-1512045X Datasheet
263Kb / 1P
   MultiLEDs T13/4 (6mm) MG 4-Chip-LED
1512135X CML-1512135X Datasheet
261Kb / 1P
   MultiLEDs T13/4 (6mm) MG 6-Chip-LED
1513035X CML-1513035X Datasheet
267Kb / 1P
   MultiLEDs T13/4 (6mm) MG 4-Chip-LED with bridge rectifier
1510045X CML-1510045X Datasheet
263Kb / 1P
   MultiLEDs T13/4 (6mm) MF 4-Chip-LED
1513045X CML-1513045X Datasheet
267Kb / 1P
   MultiLEDs T13/4 (6mm) MG 6-Chip-LED with bridge rectifier
1512115XXX CML-1512115XXX Datasheet
332Kb / 1P
   MultiLEDs T13/4 (6mm) MG with protection diode
1509045X CML-1509045X Datasheet
256Kb / 1P
   MultiLEDs T13/4 (6mm) BI-Pin 4-Chip-LED
1510035X CML-1510035X Datasheet
263Kb / 1P
   MultiLEDs T13/4 (6mm) BI-Pin 4-Chip-LED
1509035X CML-1509035X Datasheet
256Kb / 1P
   MultiLEDs T13/4 (6mm) BI-Pin 4-Chip-LED
1510145X CML-1510145X Datasheet
261Kb / 1P
   MultiLEDs T13/4 (6mm) BI-Pin 6-Chip-LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com