Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1512145XXX Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 1512145XXX
Description  StarLEDs T13/4 (6mm) BI-Pin with half wave rectifier
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

1512145XXX Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  1512145XXX Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 1512145XXX

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1512145X CML-1512145X Datasheet
261Kb / 1P
   MultiLEDs T13/4 (6mm) BI-Pin 6-Chip-LED
More results

Similar Description - 1512145XXX

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1509535XXX CML-1509535XXX Datasheet
359Kb / 1P
   StarLEDs T13/4 (6mm) BI-Pin with half wave rectifier
1512125XXX CML-1512125XXX Datasheet
361Kb / 1P
   StarLEDs T13/4 (6mm) BI-Pin with half wave rectifier
1509525XXX CML-1509525XXX Datasheet
359Kb / 1P
   StarLEDs T13/4 (6mm) BI-Pin with half wave rectifier
1509545XXX CML-1509545XXX Datasheet
359Kb / 1P
   StarLEDs T13/4 (6mm) BI-Pin with half wave rectifier
1512135XXX CML-1512135XXX Datasheet
361Kb / 1P
   StarLEDs T13/4 (6mm) MG with half wave rectifier
1512165XXX CML-1512165XXX Datasheet
362Kb / 1P
   StarLEDs T13/4 (6mm) MG with half wave rectifier
1512565XXX CML-1512565XXX Datasheet
366Kb / 1P
   StarLEDs T13/4 (6mm) MG with half wave rectifier without reflector
1512525XXX CML-1512525XXX Datasheet
365Kb / 1P
   StarLEDs T13/4 (6mm) MG with half wave rectifier without reflector
1512535XXX CML-1512535XXX Datasheet
365Kb / 1P
   StarLEDs T13/4 (6mm) MG with half wave rectifier without reflector
1512545XXX CML-1512545XXX Datasheet
365Kb / 1P
   StarLEDs T13/4 (6mm) MG with half wave rectifier without reflector
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com