Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15121452 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 15121452
Description  MultiLEDs T13/4 (6mm) BI-Pin 6-Chip-LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

15121452 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  15121452 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 15121452

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1512145B3 CML-1512145B3 Datasheet
48Kb / 1P
   T 13/4 Midget Groove Based LED
1512145B3 CML-1512145B3 Datasheet
361Kb / 1P
   StarLEDs T13/4 (6mm) BI-Pin with half wave rectifier
1512145UG3 CML-1512145UG3 Datasheet
48Kb / 1P
   T 13/4 Midget Groove Based LED
1512145UG3 CML-1512145UG3 Datasheet
361Kb / 1P
   StarLEDs T13/4 (6mm) BI-Pin with half wave rectifier
1512145UR3 CML-1512145UR3 Datasheet
48Kb / 1P
   T 13/4 Midget Groove Based LED
More results

Similar Description - 15121452

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1510145X CML-1510145X Datasheet
261Kb / 1P
   MultiLEDs T13/4 (6mm) BI-Pin 6-Chip-LED
1510135X CML-1510135X Datasheet
261Kb / 1P
   MultiLEDs T13/4 (6mm) BI-Pin 6-Chip-LED
1509135X CML-1509135X Datasheet
256Kb / 1P
   MultiLEDs T13/4 (6mm) BI-Pin 6-Chip-LED
1509145X CML-1509145X Datasheet
256Kb / 1P
   MultiLEDs T13/4 (6mm) BI-Pin 6-Chip-LED
1509045X CML-1509045X Datasheet
256Kb / 1P
   MultiLEDs T13/4 (6mm) BI-Pin 4-Chip-LED
1510035X CML-1510035X Datasheet
263Kb / 1P
   MultiLEDs T13/4 (6mm) BI-Pin 4-Chip-LED
1509035X CML-1509035X Datasheet
256Kb / 1P
   MultiLEDs T13/4 (6mm) BI-Pin 4-Chip-LED
1512135X CML-1512135X Datasheet
261Kb / 1P
   MultiLEDs T13/4 (6mm) MG 6-Chip-LED
1510045X CML-1510045X Datasheet
263Kb / 1P
   MultiLEDs T13/4 (6mm) MF 4-Chip-LED
1512035X CML-1512035X Datasheet
263Kb / 1P
   MultiLEDs T13/4 (6mm) MG 4-Chip-LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com