Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0560-6600-BZ Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # 0560-6600-BZ
Description  ADSL Magnetics Tioga
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0560-6600-BZ Datasheet(HTML) 2 Page - Bel Fuse Inc.

  0560-6600-BZ Datasheet HTML 1Page - Bel Fuse Inc. 0560-6600-BZ Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CORPORATE
Bel Fuse Inc.
206 Van Vorst Street
Jersey City, NJ 07302
Tel
201-432-0463
Fax
201-432-9542
www.belfuse.com
FAR EAST
Bel Fuse Ltd.
8F / 8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel
852-2328-5515
Fax 852-2352-3706
www.belfuse.com
EUROPE
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Suite G7, Preston
Lancashire, PR1 8UD, U.K.
Tel
44-1772-556601
Fax 44-1772-888366
www.belfuse.com
©2001 Bel Fuse Inc. Specifications subject to change without notice. 09.01
TM01374
ADSL Magnetics
Tioga
MECHANICAL
page 2
0560-6600-BZ
0.440
[11.18]
max
0.480
[12.19]
max
0.460
[11.68]
max
0.098
[2.50]
0.134 ±0.010
[3.40 ±0.25]
0.295
[7.50]
0.020
[0.51]
Sq. typ
Dimensions are in inches [millimeters].
Standard dimension tolerance is ±0.005 [0.13] unless otherwise noted.


Similar Part No. - 0560-6600-BZ

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0560-6600-B1 BEL-0560-6600-B1 Datasheet
62Kb / 2P
   ADSL Magnetics Lucent WildWire 12V ADSL Full Rate CO
0560-6600-BA BEL-0560-6600-BA Datasheet
51Kb / 2P
   ADSL Magnetics Centillium
More results

Similar Description - 0560-6600-BZ

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S560-6600-CA BEL-S560-6600-CA Datasheet
64Kb / 2P
   ADSL Magnetics Tioga
S560-6611-09 BEL-S560-6611-09 Datasheet
65Kb / 2P
   ADSL Magnetics Tioga
0560-6100-A2 BEL-0560-6100-A2 Datasheet
46Kb / 2P
   ADSL Magnetics
S560-6600-ET BEL-S560-6600-ET Datasheet
72Kb / 2P
   ADSL MAGNETICS
S560-6600-JY BEL-S560-6600-JY Datasheet
80Kb / 2P
   ADSL MAGNETICS
S560-6600-KD BEL-S560-6600-KD Datasheet
77Kb / 2P
   ADSL MAGNETICS
S560-6600-EK BEL-S560-6600-EK Datasheet
80Kb / 2P
   ADSL Magnetics
S560-6600-EP BEL-S560-6600-EP Datasheet
82Kb / 2P
   ADSL Magnetics
0560-6600-88 BEL-0560-6600-88 Datasheet
121Kb / 4P
   ADSL Magnetics
S560-6600-KR BEL-S560-6600-KR Datasheet
77Kb / 2P
   ADSL MAGNETICS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com