Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S87C654-4N40 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # S87C654-4N40
Description  80C51 8-bit microcontroller 8K/16K, 256 OTP, I2C
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

S87C654-4N40 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button S87C654-4N40 Datasheet HTML 6Page - NXP Semiconductors S87C654-4N40 Datasheet HTML 7Page - NXP Semiconductors S87C654-4N40 Datasheet HTML 8Page - NXP Semiconductors S87C654-4N40 Datasheet HTML 9Page - NXP Semiconductors S87C654-4N40 Datasheet HTML 10Page - NXP Semiconductors S87C654-4N40 Datasheet HTML 11Page - NXP Semiconductors S87C654-4N40 Datasheet HTML 12Page - NXP Semiconductors S87C654-4N40 Datasheet HTML 13Page - NXP Semiconductors S87C654-4N40 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Philips Semiconductors
Product specification
87C652/87C654
80C51 8-bit microcontroller
8K/16K, 256 OTP, I2C
1999 Jul 23
10
AC ELECTRICAL CHARACTERISTICS1, 2
16 MHz CLOCK
VARIABLE CLOCK
SYMBOL
FIGURE
PARAMETER
MIN
MAX
MIN
MAX
UNIT
1/tCLCL
2
Oscillator frequency Speed Versions
87C654
–4, –5
3.5
16
MHz
tLHLL
2
ALE pulse width
85
2tCLCL–40
ns
tAVLL
2
Address valid to ALE low
8
tCLCL–55
ns
tLLAX
2
Address hold after ALE low
28
tCLCL–35
ns
tLLIV
2
ALE low to valid instruction in
150
4tCLCL–100
ns
tLLPL
2
ALE low to PSEN low
23
tCLCL–40
ns
tPLPH
2
PSEN pulse width
143
3tCLCL–45
ns
tPLIV
2
PSEN low to valid instruction in
83
3tCLCL–105
ns
tPXIX
2
Input instruction hold after PSEN
0
0
ns
tPXIZ
2
Input instruction float after PSEN
38
tCLCL–25
ns
tAVIV
2
Address to valid instruction in
208
5tCLCL–105
ns
tPLAZ
2
PSEN low to address float
10
10
ns
Data Memory
tAVLL
3, 4
Address valid to ALE low
28
tCLCL–35
ns
tRLRH
3, 4
RD pulse width
275
6tCLCL–100
ns
tWLWH
3, 4
WR pulse width
275
6tCLCL–100
ns
tRLDV
3, 4
RD low to valid data in
148
5tCLCL–165
ns
tRHDX
3, 4
Data hold after RD
0
0
ns
tRHDZ
3, 4
Data float after RD
55
2tCLCL–70
ns
tLLDV
3, 4
ALE low to valid data in
350
8tCLCL–150
ns
tAVDV
3, 4
Address to valid data in
398
9tCLCL–165
ns
tLLWL
3, 4
ALE low to RD or WR low
138
238
3tCLCL–50
3tCLCL+50
ns
tAVWL
3, 4
Address valid to WR low or RD low
120
4tCLCL–130
ns
tQVWX
3, 4
Data valid to WR transition
3
tCLCL–60
ns
tDW
3, 4
Data setup time before WR
288
7tCLCL–150
ns
tWHQX
3, 4
Data hold after WR
13
tCLCL–50
ns
tRLAZ
3, 4
RD low to address float
0
0
ns
tWHLH
3, 4
RD or WR high to ALE high
23
103
tCLCL–40
tCLCL+40
ns
Shift Register
tXLXL
5
Serial port clock cycle time3
0.75
12tCLCL
µs
tQVXH
5
Output data setup to clock rising edge3
492
10tCLCL–133
ns
tXHQX
5
Output data hold after clock rising edge3
80
2tCLCL–117
ns
tXHDX
5
Input data hold after clock rising edge3
0
0
ns
tXHDV
5
Clock rising edge to input data valid3
492
10tCLCL–133
ns
External Clock
tCHCX
6
High time3
20
20
tCLCL – tLOW
ns
tCLCX
6
Low time3
20
20
tCLCL – tHIGH
ns
tCLCH
6
Rise time3
20
20
ns
tCHCL
6
Fall time3
20
20
ns
NOTES:
1. Parameters are valid over operating temperature range unless otherwise specified.
2. Load capacitance for port 0, ALE, and PSEN = 100 pF, load capacitance for all other outputs = 80 pF.
3. These values are characterized but not 100% production tested.


Similar Part No. - S87C654-4N40

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
S87C654-4N40 PHILIPS-S87C654-4N40 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
S87C654-4N40 PHILIPS-S87C654-4N40 Datasheet
480Kb / 28P
   CMOS single-chip 8-bit microcontroller
1996 Aug 16
More results

Similar Description - S87C654-4N40

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
83C453 PHILIPS-83C453 Datasheet
188Kb / 26P
   80C51 8-bit microcontroller family 8K/256 OTP/ROM, expanded I/O
1998 Apr 23
89C58 PHILIPS-89C58 Datasheet
226Kb / 32P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
1999 Oct 27
89C52 PHILIPS-89C52 Datasheet
245Kb / 39P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
2002 Jan 15
87C552 PHILIPS-87C552 Datasheet
193Kb / 24P
   80C51 8-bit microcontroller 8K/256 OTP, 8 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O
1998 May 01
89C51 PHILIPS-89C51 Datasheet
212Kb / 32P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
1999 Oct 27
87C524 PHILIPS-87C524 Datasheet
186Kb / 26P
   80C51 8-bit microcontrollers 16K/32K, 512 OTP, I2C, watchdog timer
1999 Jul 23
80C575 PHILIPS-80C575 Datasheet
383Kb / 40P
   80C51 8-bit microcontroller family 8K/256 OTP/ROM/ROMless, 4 comparator, failure detect circuitry, watchdog timer
1998 May 01
83C754 PHILIPS-83C754 Datasheet
217Kb / 26P
   80C51 8-bit microcontroller family 4K/256 OTP/ROM, DAC, comparator, UART, reference
1998 Apr 23
P87C552 PHILIPS-P87C552 Datasheet
368Kb / 74P
   80C51 8-bit microcontroller 8K/256 OTP, 8 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, low voltage 2.7V.5.5V, low power
1999 Mar 30
87C751 PHILIPS-87C751 Datasheet
172Kb / 24P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, I2C, low pin count
1998 May 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com