Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3232CDR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MAX3232CDR
Description  3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-kV ESD PROTECTION
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MAX3232CDR Datasheet(HTML) 1 Page - Texas Instruments

  MAX3232CDR Datasheet HTML 1Page - Texas Instruments MAX3232CDR Datasheet HTML 2Page - Texas Instruments MAX3232CDR Datasheet HTML 3Page - Texas Instruments MAX3232CDR Datasheet HTML 4Page - Texas Instruments MAX3232CDR Datasheet HTML 5Page - Texas Instruments MAX3232CDR Datasheet HTML 6Page - Texas Instruments MAX3232CDR Datasheet HTML 7Page - Texas Instruments MAX3232CDR Datasheet HTML 8Page - Texas Instruments MAX3232CDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MAX3232
3V TO 5.5V MULTICHANNEL RS232 LINE DRIVER/RECEIVER
WITH ±15kV ESD PROTECTION
SLLS410I − JANUARY 2000 − REVISED JANUARY 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D RS-232 Bus-Pin ESD Protection Exceeds
±15 kV Using Human-Body Model (HBM)
D Meets or Exceeds the Requirements of
TIA/EIA-232-F and ITU v.28 Standards
D Operates With 3-V to 5.5-V VCC Supply
D Operates Up To 250 kbit/s
D Two Drivers and Two Receivers
D Low Supply Current . . . 300 µA Typical
D External Capacitors ...4 × 0.1 µF
D Accepts 5-V Logic Input With 3.3-V Supply
D Alternative High-Speed Pin-Compatible
Device (1 Mbit/s)
− SNx5C3232
D Applications
− Battery-Powered Systems, PDAs,
Notebooks, Laptops, Palmtop PCs, and
Hand-Held Equipment
description/ordering information
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SOIC (D)
Tube of 40
MAX3232CD
MAX3232C
SOIC (D)
Reel of 2500
MAX3232CDR
MAX3232C
SOIC (DW)
Tube of 40
MAX3232CDW
MAX3232C
−0
°C to 70°C
SOIC (DW)
Reel of 2000
MAX3232CDWR
MAX3232C
−0
°C to 70°C
SSOP (DB)
Tube of 80
MAX3232CDB
MA3232C
SSOP (DB)
Reel of 2000
MAX3232CDBR
MA3232C
TSSOP (PW)
Tube of 90
MAX3232CPW
MA3232C
TSSOP (PW)
Reel of 2000
MAX3232CPWR
MA3232C
SOIC (D)
Tube of 40
MAX3232ID
MAX3232I
SOIC (D)
Reel of 2500
MAX3232IDR
MAX3232I
SOIC (DW)
Tube of 40
MAX3232IDW
MAX3232I
−40
°C to 85°C
SOIC (DW)
Reel of 2000
MAX3232IDWR
MAX3232I
−40
°C to 85°C
SSOP (DB)
Tube of 80
MAX3232IDB
MB3232I
SSOP (DB)
Reel of 2000
MAX3232IDBR
MB3232I
TSSOP (PW)
Tube of 90
MAX3232IPW
MB3232I
TSSOP (PW)
Reel of 2000
MAX3232IPWR
MB3232I
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
D, DB, DW, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
C1+
V+
C1−
C2+
C2−
V−
DOUT2
RIN2
VCC
GND
DOUT1
RIN1
ROUT1
DIN1
DIN2
ROUT2
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - MAX3232CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3232CDR TI-MAX3232CDR Datasheet
615Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/ RECEIVER WITH -15-kV ESD PROTECTION
MAX3232CDR TI1-MAX3232CDR Datasheet
1Mb / 27P
[Old version datasheet]   MAX3232 3-V to 5.5-V Multichannel RS-232 Line Driver/Receiver
logo
Guangdong Youtai Semico...
MAX3232CDR UMW-MAX3232CDR Datasheet
405Kb / 7P
   3.0V TO 5.5V LOW POWER MULTICHANNEL RS-232 LINE TRANSCEIVERS USING FOR 0.1 μF EXTERNAL CAPACITORS
logo
Texas Instruments
MAX3232CDRE4 TI-MAX3232CDRE4 Datasheet
615Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/ RECEIVER WITH -15-kV ESD PROTECTION
MAX3232CDRE4 TI1-MAX3232CDRE4 Datasheet
1Mb / 27P
[Old version datasheet]   MAX3232 3-V to 5.5-V Multichannel RS-232 Line Driver/Receiver
More results

Similar Description - MAX3232CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3232 TI-MAX3232_09 Datasheet
615Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/ RECEIVER WITH -15-kV ESD PROTECTION
MAX3243 TI-MAX3243_06 Datasheet
299Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-kV ESD (HBM) PROTECTION
MAX3243 TI-MAX3243_09 Datasheet
489Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH - 15-kV ESD (HBM) PROTECTION
MAX3223-EP TI1-MAX3223-EP Datasheet
426Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3222 TI-TRS3222 Datasheet
428Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
logo
TEXAS ADVANCED OPTOELEC...
MAX3223EIDBG4 TAOS-MAX3223EIDBG4 Datasheet
646Kb / 22P
   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
logo
Texas Instruments
MAX3232-EP TI1-MAX3232-EP Datasheet
533Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX3222E TI-MAX3222E Datasheet
311Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3223-Q1 TI-TRS3223-Q1 Datasheet
241Kb / 12P
[Old version datasheet]   3-V To 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3232 TI-TRS3232_1 Datasheet
611Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com