Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87LPC769 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # 87LPC769
Description  Low power, low price, low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D, and DAC
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87LPC769 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button 87LPC769 Datasheet HTML 24Page - NXP Semiconductors 87LPC769 Datasheet HTML 25Page - NXP Semiconductors 87LPC769 Datasheet HTML 26Page - NXP Semiconductors 87LPC769 Datasheet HTML 27Page - NXP Semiconductors 87LPC769 Datasheet HTML 28Page - NXP Semiconductors 87LPC769 Datasheet HTML 29Page - NXP Semiconductors 87LPC769 Datasheet HTML 30Page - NXP Semiconductors 87LPC769 Datasheet HTML 31Page - NXP Semiconductors 87LPC769 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 61 page
background image
Philips Semiconductors
Preliminary specification
87LPC769
Low power, low price, low pin count (20 pin)
microcontroller with 4 kB OTP 8-bit A/D, and DAC
2001 Jan 11
25
BIT
SYMBOL
FUNCTION
P2M1.7
P2S
When P2S = 1, this bit enables Schmitt trigger inputs on Port 2.
P2M1.6
P1S
When P1S = 1, this bit enables Schmitt trigger inputs on Port 1.
P2M1.5
P0S
When P0S = 1, this bit enables Schmitt trigger inputs on Port 0.
P2M1.4
ENCLK
When ENCLK is set and the 87LPC769 is configured to use the on-chip RC oscillator, a clock
output is enabled on the X2 pin (P2.0). Refer to the Oscillator section for details.
P2M1.3
ENT1
When set, the P.7 pin is toggled whenever Timer 1 overflows. The output frequency is therefore
one half of the Timer 1 overflow rate. Refer to the Timer/Counters section for details.
P2M1.2
ENT0
When set, the P1.2 pin is toggled whenever Timer 0 overflows. The output frequency is therefore
one half of the Timer 0 overflow rate. Refer to the Timer/Counterssection for details.
P2M1.1, P2M1.0
These bits, along with the matching bits in the P2M2 register, control the output configuration of
P2.1 and P2.0 respectively, as shown in Table 4.
(P2M1.0)
SU01373
(P2M1.1)
ENT0
ENT1
ENCLK
P0S
P1S
P2S
0
1
2
3
4
5
6
7
P2M1
Reset Value: 00h
Not Bit Addressable
Address: A4h
Figure 16. Port 2 Mode Register 1 (P2M1)
Keyboard Interrupt (KBI)
The Keyboard Interrupt function is intended primarily to allow a
single interrupt to be generated when any key is pressed on a
keyboard or keypad connected to specific pins of the 87LPC769, as
shown in Figure 17. This interrupt may be used to wake up the CPU
from Idle or Power Down modes. This feature is particularly useful in
handheld, battery powered systems that need to carefully manage
power consumption yet also need to be convenient to use.
The 87LPC769 allows any or all pins of port 0 to be enabled to
cause this interrupt. Port pins are enabled by the setting of bits in
the KBI register, as shown in Figure 18. The Keyboard Interrupt Flag
(KBF) in the AUXR1 register is set when any enabled pin is pulled
low while the KBI interrupt function is active. An interrupt will
generated if it has been enabled. Note that the KBF bit must be
cleared by software.
Due to human time scales and the mechanical delay associated with
keyswitch closures, the KBI feature will typically allow the interrupt
service routine to poll port 0 in order to determine which key was
pressed, even if the processor has to wake up from Power Down
mode. Refer to the section on Power Reduction Modes for details.


Similar Part No. - 87LPC769

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
87LPC762 PHILIPS-87LPC762 Datasheet
312Kb / 57P
   Low power, low price, low pin count 20 pin microcontroller with 2 kbyte OTP
2001 Oct 26
87LPC764 PHILIPS-87LPC764 Datasheet
307Kb / 56P
   Low power, low price, low pin count 20 pin microcontroller with 4 kbyte OTP
2001 Oct 26
87LPC767 PHILIPS-87LPC767 Datasheet
320Kb / 60P
   Low power, low price, low pin count 20 pin microcontroller with 4-kbyte OTP and 8-bit A/D converter
2001 Aug 07
87LPC768 PHILIPS-87LPC768 Datasheet
337Kb / 64P
   Low power, low price, low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D,and Pulse Width Modulator
2001 Aug 06
More results

Similar Description - 87LPC769

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
87LPC768 PHILIPS-87LPC768 Datasheet
337Kb / 64P
   Low power, low price, low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D,and Pulse Width Modulator
2001 Aug 06
87LPC767 PHILIPS-87LPC767 Datasheet
320Kb / 60P
   Low power, low price, low pin count 20 pin microcontroller with 4-kbyte OTP and 8-bit A/D converter
2001 Aug 07
87LPC764 PHILIPS-87LPC764 Datasheet
307Kb / 56P
   Low power, low price, low pin count 20 pin microcontroller with 4 kbyte OTP
2001 Oct 26
P87LPC764BN112 PHILIPS-P87LPC764BN112 Datasheet
329Kb / 60P
   Low power, low price, low pin count (20 pin) microcontroller with 4 kbyte OTP
2003 Sep 03
P87LPC764 PHILIPS-P87LPC764 Datasheet
322Kb / 60P
   Low power, low price, low pin count (20 pin) microcontroller with 4 kbyte OTP
2003 Sep 03
87LPC762 PHILIPS-87LPC762 Datasheet
312Kb / 57P
   Low power, low price, low pin count 20 pin microcontroller with 2 kbyte OTP
2001 Oct 26
P87LPC759 PHILIPS-P87LPC759 Datasheet
168Kb / 38P
   Low power, low price, low pin count (14 pin) microcontroller with 1 kbyte OTP
2002 Mar 21
P87LPC760 PHILIPS-P87LPC760 Datasheet
290Kb / 56P
   Low power, low price, low pin count (14 pin) microcontroller with 1 kbyte OTP
2002 Mar 07
P87LPC761 PHILIPS-P87LPC761 Datasheet
299Kb / 58P
   Low power, low price, low pin count (16 pin) microcontroller with 2 kbyte OTP
2002 Mar 07
logo
ATMEL Corporation
AT83EB5114 ATMEL-AT83EB5114 Datasheet
1Mb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com