Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8481IBRGZRG4 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS8481IBRGZRG4
Description  18-BIT, 1-MSPS, PSEUDO-DIFFERENTIAL UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8481IBRGZRG4 Datasheet(HTML) 4 Page - Burr-Brown (TI)

  ADS8481IBRGZRG4 Datasheet HTML 1Page - Burr-Brown (TI) ADS8481IBRGZRG4 Datasheet HTML 2Page - Burr-Brown (TI) ADS8481IBRGZRG4 Datasheet HTML 3Page - Burr-Brown (TI) ADS8481IBRGZRG4 Datasheet HTML 4Page - Burr-Brown (TI) ADS8481IBRGZRG4 Datasheet HTML 5Page - Burr-Brown (TI) ADS8481IBRGZRG4 Datasheet HTML 6Page - Burr-Brown (TI) ADS8481IBRGZRG4 Datasheet HTML 7Page - Burr-Brown (TI) ADS8481IBRGZRG4 Datasheet HTML 8Page - Burr-Brown (TI) ADS8481IBRGZRG4 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
www.ti.com
SPECIFICATIONS (Continued)
ADS8481
SLAS385A – FEBRUARY 2006 – REVISED MARCH 2006
T
A = –40°C to 85°C, +VA = 5 V, +VBD = 3 V or 5 V, Vref = 4.096 V, fSAMPLE = 1 MSPS (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DYNAMIC CHARACTERISTICS
ADS8481I
–110
VIN = 4 Vpp at 1 kHz
ADS8481IB
–112
ADS8481I
–106
Total harmonic distortion (THD)(1)
VIN = 4 Vpp at 10 kHz
dB
ADS8481IB
–108
ADS8481I
–98
VIN = 4 Vpp at 100 kHz
ADS8481IB
–99
ADS8481I
92
VIN = 4 Vpp at 1 kHz
ADS8481IB
94
ADS8481I
91
Signal to noise ratio (SNR)(1)
VIN = 4 Vpp at 10 kHz
dB
ADS8481IB
93
ADS8481I
90
VIN = 4 Vpp at 100 kHz
ADS8481IB
92
ADS8481I
91
VIN = 4 Vpp at 1 kHz
ADS8481IB
93
ADS8481I
90
Signal to noise + distortion (SINAD)(1)
VIN = 4 Vpp at 10 kHz
dB
ADS8481IB
92
ADS8481I
89
VIN = 4 Vpp at 100 kHz
ADS8481IB
91
ADS8481I
110
VIN = 4 Vpp at 1 kHz
ADS8481IB
112
ADS8481I
108
Spurious free dynamic range (SFDR)(1)
VIN = 4 Vpp at 10 kHz
dB
ADS8481IB
107
ADS8481I
98
VIN = 4 Vpp at 100 kHz
ADS8481IB
98
–3dB Small signal bandwidth
15
MHz
VOLTAGE REFERENCE INPUT
Reference voltage at REFIN, Vref
3.0
4.096
4.2
V
Reference resistance(2)
500
k
Reference current drain
fs = 1 MHz
1
mA
(1)
Calculated on the first nine harmonics of the input frequency.
(2)
Can vary ±20%
4
Submit Documentation Feedback


Similar Part No. - ADS8481IBRGZRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8481 BURR-BROWN-ADS8481 Datasheet
1Mb / 30P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
More results

Similar Description - ADS8481IBRGZRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8471 BURR-BROWN-ADS8471 Datasheet
1Mb / 31P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8471 TI1-ADS8471_15 Datasheet
1Mb / 31P
[Old version datasheet]   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Burr-Brown (TI)
ADS8482 BURR-BROWN-ADS8482 Datasheet
853Kb / 31P
   18-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8405IPFBT TI-ADS8405IPFBT Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 1.25-MSPS, UNIPOLAR PSEUDO DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
logo
Burr-Brown (TI)
ADS8412 BURR-BROWN-ADS8412 Datasheet
736Kb / 26P
   16-BIT, 2 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8484 TI1-ADS8484 Datasheet
1Mb / 32P
[Old version datasheet]   18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE,REFERENCE
ADS8484 TI1-ADS8484_15 Datasheet
1Mb / 33P
[Old version datasheet]   18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Burr-Brown (TI)
ADS8472 BURR-BROWN-ADS8472 Datasheet
1Mb / 30P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
ADS8422 BURR-BROWN-ADS8422 Datasheet
1Mb / 25P
   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8422 TI1-ADS8422_14 Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com