Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8481IPFBT Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS8481IPFBT
Description  18-BIT, 1-MSPS, PSEUDO-DIFFERENTIAL UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8481IPFBT Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button ADS8481IPFBT Datasheet HTML 6Page - Burr-Brown (TI) ADS8481IPFBT Datasheet HTML 7Page - Burr-Brown (TI) ADS8481IPFBT Datasheet HTML 8Page - Burr-Brown (TI) ADS8481IPFBT Datasheet HTML 9Page - Burr-Brown (TI) ADS8481IPFBT Datasheet HTML 10Page - Burr-Brown (TI) ADS8481IPFBT Datasheet HTML 11Page - Burr-Brown (TI) ADS8481IPFBT Datasheet HTML 12Page - Burr-Brown (TI) ADS8481IPFBT Datasheet HTML 13Page - Burr-Brown (TI) ADS8481IPFBT Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
4.09713
4.09714
4.09715
4.09716
4.09717
4.09718
4.09719
4.0972
4.75
4.85
4.95
5.05
5.15
5.25
SupplyVoltage-V
T
=25°C
A
4.095
4.0955
4.096
4.0965
4.097
4.0975
4.098
-40
-25
-10
5
20
35
50
65
80
T -Free-AirTemperature-°C
A
+VA =5V,
+VBD=5V
0
6
30
132
446
1003
1683
1846
1626
785
488
111
32
4
0
0
500
1000
1500
2000
2500
OutputCode
+VA =5V,
+VBD=5V,
T =25°C,
f =1MSPS,
V
=4.096V,
Input=Midscale
A
i
ref
42.6
42.8
43
43.2
43.4
43.6
43.8
44
44.2
44.4
4.75
4.85
4.95
5.05
5.15
5.25
SupplyVoltage-V
T =25°C,
f =1MSPS,
V
=4.096V
A
i
ref
38.5
39
39.5
40
40.5
41
41.5
42
42.5
43
43.5
44
250
500
750
1000
SampleRate-KSPS
+VA =5V,
+VBD=5V,
T
=25°C,
V
=4.096V
A
ref
43
43.2
43.4
43.6
43.8
44
-40
-25
-10
5
20
35
50
65
80
T -Free-AirTemperature-°C
A
+VA =5V,
+VBD=5V,
f =1MSPS,
V
=4.096V
i
ref
-1
-0.5
0
0.5
1
1.5
4.75
4.85
4.95
5.05
5.15
5.25
SupplyVoltage-V
+VA =5V,
+VBD=5V,
T =25°C
f =1MSPS,
V
=4.096V
A
ref
i
Max
Min
-1
-0.5
0
0.5
1
1.5
-40
-25
-10
5
20
35
50
65
80
T -Free-AirTemperature-°C
A
Max
Min
+VA =5V,
+VBD=5V,
f =1MSPS,
V
=4.096V
i
ref
-4
-3
-2
-1
0
1
2
3
4
-40
-25
-10
5
20
35
50
65
80
T -Free-AirTemperature-°C
A
Max
Min
+VA =5V,
+VBD=5V,
f =1MSPS,
V
=4.096V
i
ref
ADS8481
SLAS385A – FEBRUARY 2006 – REVISED MARCH 2006
INTERNAL REFERENCE VOLTAGE
INTERNAL REFERENCE VOLTAGE
DC HISTOGRAM
vs
vs
(8192 Conversion Outputs)
FREE-AIR TEMPERATURE
SUPPLY VOLTAGE
Figure 1.
Figure 2.
Figure 3.
SUPPLY CURRENT
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
vs
FREE-AIR TEMPERATURE
SUPPLY VOLTAGE
SAMPLE RATE
Figure 4.
Figure 5.
Figure 6.
DIFFERENTIAL NONLINEARITY
INTEGRAL NONLINEARITY
DIFFERENTIAL NONLINEARITY
vs
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
SUPPLY VOLTAGE
Figure 7.
Figure 8.
Figure 9.
10
Submit Documentation Feedback


Similar Part No. - ADS8481IPFBT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8481 BURR-BROWN-ADS8481 Datasheet
1Mb / 30P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
More results

Similar Description - ADS8481IPFBT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8471 BURR-BROWN-ADS8471 Datasheet
1Mb / 31P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8471 TI1-ADS8471_15 Datasheet
1Mb / 31P
[Old version datasheet]   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Burr-Brown (TI)
ADS8482 BURR-BROWN-ADS8482 Datasheet
853Kb / 31P
   18-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8405IPFBT TI-ADS8405IPFBT Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 1.25-MSPS, UNIPOLAR PSEUDO DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
logo
Burr-Brown (TI)
ADS8412 BURR-BROWN-ADS8412 Datasheet
736Kb / 26P
   16-BIT, 2 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8484 TI1-ADS8484 Datasheet
1Mb / 32P
[Old version datasheet]   18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE,REFERENCE
ADS8484 TI1-ADS8484_15 Datasheet
1Mb / 33P
[Old version datasheet]   18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Burr-Brown (TI)
ADS8472 BURR-BROWN-ADS8472 Datasheet
1Mb / 30P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
ADS8422 BURR-BROWN-ADS8422 Datasheet
1Mb / 25P
   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8422 TI1-ADS8422_14 Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com