Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL8506-50NRN Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # BL8506-50NRN
Description  High-precision Low Voltage Detector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BL8506-50NRN Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button BL8506-50NRN Datasheet HTML 7Page - List of Unclassifed Manufacturers BL8506-50NRN Datasheet HTML 8Page - List of Unclassifed Manufacturers BL8506-50NRN Datasheet HTML 9Page - List of Unclassifed Manufacturers BL8506-50NRN Datasheet HTML 10Page - List of Unclassifed Manufacturers BL8506-50NRN Datasheet HTML 11Page - List of Unclassifed Manufacturers BL8506-50NRN Datasheet HTML 12Page - List of Unclassifed Manufacturers BL8506-50NRN Datasheet HTML 13Page - List of Unclassifed Manufacturers BL8506-50NRN Datasheet HTML 14Page - List of Unclassifed Manufacturers BL8506-50NRN Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
www.belling.com.cn
Ver1.1
11
BL8506
Typical Performance Characteristics:
1) Output voltage VS. Input voltage
Detector threshold= 0.9V
(25°C)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.5
0.7
0.9
1.1
1.3
1.5
Input voltage (V)
Vin(high to
low)
Vin(low to
high)
Detector threshold= 0.9V
(-40°C)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0.5
0.7
0.9
1.1
1.3
1.5
Input voltage (V)
Vin(high to
low)
Vin(low to
high)
Detector threshold= 0.9V
(70°C)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.5
0.7
0.9
1.1
1.3
1.5
Input voltage (V)
Vin(high to
low)
Vin(low to
high)
Detector threshold=3.0V(-40°C)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
2.6
2.8
3.0
3.2
3.4
Input voltage (V)
Vin(h
igh to
low)
Vin(l
ow to
high)
Detector threshold=3.0V(25°C)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
2.6
2.8
3.0
3.2
3.4
Input voltage (V)
Vin(hi
gh to
low)
Vin(lo
w to
high)
Detector threshold=3.0V(70°C)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
2.6
2.8
3.0
3.2
3.4
Input voltage (V)
Vin(hig
h to
low)
Vin(low
to
high)
Detector threshold=2.7V(-40°C)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
2.3
2.5
2.7
2.9
3.1
Input voltage (V)
Vin(high
to low)
Vin(low
to high)
Detector threshold=2.7V(25°C)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
2.3
2.5
2.7
2.9
3.1
Input voltage (V)
Vin(high
to low)
Vin(low to
high)
Detector threshold=2.7V(70°C)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
2.3
2.5
2.7
2.9
3.1
Input voltage (V)
Vin(high
to low)
Vin(low to
high)


Similar Part No. - BL8506-50NRN

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8506-09CSM BELLING-BL8506-09CSM Datasheet
619Kb / 19P
   Battery Back-up Circuit
BL8506-09NRM BELLING-BL8506-09NRM Datasheet
619Kb / 19P
   Battery Back-up Circuit
BL8506-11NRO BELLING-BL8506-11NRO Datasheet
619Kb / 19P
   Battery Back-up Circuit
BL8506-20CT BELLING-BL8506-20CT Datasheet
619Kb / 19P
   Battery Back-up Circuit
BL8506-21NRN BELLING-BL8506-21NRN Datasheet
619Kb / 19P
   Battery Back-up Circuit
More results

Similar Description - BL8506-50NRN

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE303 ACE-ACE303 Datasheet
1Mb / 12P
   High-precision Low Voltage Detector
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8506D BELLING-BL8506D Datasheet
211Kb / 12P
   High-precision Low Voltage Detector
logo
Lowpower Semiconductor ...
LP3808 POWER-LP3808 Datasheet
266Kb / 5P
   High-precision Low Voltage Detector
logo
SHANGHAI BELLING CO., L...
BL8504 BELLING-BL8504 Datasheet
383Kb / 10P
   High-Precision Low Voltage Detector
logo
ACE Technology Co., LTD...
ACE301 ACE-ACE301_1 Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.4
ACE301 ACE-ACE301_12 Datasheet
900Kb / 19P
   High-precision Low Voltage Detector
VER 1.6
ACE301 ACE-ACE301 Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.3
logo
Seiko Instruments Inc
S-808 SII-S-808 Datasheet
1Mb / 20P
   LOW-VOLTAGE HIGH-PRECISION VOLTAGE DETECTOR
S-807 SII-S-807 Datasheet
336Kb / 42P
   HIGH-PRECISION VOLTAGE DETECTOR
logo
EM Microelectronic - MA...
EM6352 EMMICRO-EM6352 Datasheet
409Kb / 7P
   Voltage Detector, High-Precision
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com