Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1972-F3 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS1972-F3
Description  1024-Bit EEPROM iButton
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1972-F3 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS1972-F3 Datasheet HTML 3Page - Maxim Integrated Products DS1972-F3 Datasheet HTML 4Page - Maxim Integrated Products DS1972-F3 Datasheet HTML 5Page - Maxim Integrated Products DS1972-F3 Datasheet HTML 6Page - Maxim Integrated Products DS1972-F3 Datasheet HTML 7Page - Maxim Integrated Products DS1972-F3 Datasheet HTML 8Page - Maxim Integrated Products DS1972-F3 Datasheet HTML 9Page - Maxim Integrated Products DS1972-F3 Datasheet HTML 10Page - Maxim Integrated Products DS1972-F3 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
DS1972: 1024-Bit EEPROM iButton
7 of 23
The protection control registers determine how incoming data on a Write Scratchpad command is loaded into the
scratchpad. A protection setting of 55h (Write Protect) causes the incoming data to be ingnored and the target
address main memory data to be loaded into the scratchpad. A protection setting of AAh (EPROM mode) causes
the logical AND of incoming data and target address main memory data to be loaded into the scratchpad. Any
other protection control register setting leaves the associated memory page open for unrestricted write access.
Protection control byte settings of 55h or AAh also write protects the protection control byte. The protection-control
byte setting of 55h does not block the copy. This allows write-protected data to be refreshed (i. e., reprogrammed
with the current data) in the device.
The copy protection byte is used for a higher level of security, and should only be used after all other protection
control bytes, user bytes, and write-protected pages are set to their final value. If the copy protection byte is set to
55h or AAh, all copy attempts to the register row and user byte row are blocked. In addition, all copy attempts to
write-protected main memory pages (i. e., refresh) are blocked.
ADDRESS REGISTERS AND TRANSFER STATUS
The DS1972 employs three address registers: TA1, TA2, and E/S (Figure 6). These registers are common to many
other 1-Wire devices but operate slightly differently with the DS1972. Registers TA1 and TA2 must be loaded with
the target address to which the data is written or from which data is read. Register E/S is a read-only transfer-
status register, used to verify data integrity with write commands. E/S bits E2:E0 are loaded with the incoming
T2:T0 on a Write Scratchpad command, and increment on each subsequent data byte. This is in effect a byte-
ending offset counter within the 8-byte scratchpad. Bit 5 of the E/S register, called PF, is a logic 1 if the data in the
scratchpad is not valid due to a loss of power or if the master sends less bytes than needed to reach the end of the
scratchpad. For a valid write to the scratchpad, T2:T0 must be 0 and the master must have sent 8 data bytes. Bits
3, 4, and 6 have no function; they always read 0. The highest valued bit of the E/S register, called AA or
Authorization Accepted, acts as a flag to indicate that the data stored in the scratchpad has already been copied to
the target memory address. Writing data to the scratchpad clears this flag.
Figure 6. Address Registers
Bit #
7
6
5
4
3
2
1
0
Target Address (TA1)
T7
T6
T5
T4
T3
T2
T1
T0
Target Address (TA2)
T15
T14
T13
T12
T11
T10
T9
T8
Ending Address with
Data Status (E/S)
(Read Only)
AA
0
PF
0
0
E2
E1
E0


Similar Part No. - DS1972-F3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1972-F3 MAXIM-DS1972-F3 Datasheet
281Kb / 23P
   1024-Bit EEPROM iButton
Rev 3; 4/10
More results

Similar Description - DS1972-F3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1972 MAXIM-DS1972_10 Datasheet
281Kb / 23P
   1024-Bit EEPROM iButton
Rev 3; 4/10
logo
Dallas Semiconductor
DS1971 DALLAS-DS1971 Datasheet
234Kb / 3P
   256-Bit EEPROM iButton
logo
Maxim Integrated Produc...
DS1971 MAXIM-DS1971 Datasheet
265Kb / 4P
   256-Bit EEPROM iButton®
7/09
DS2431 MAXIM-DS2431_09 Datasheet
274Kb / 26P
   1024-Bit, 1-Wire EEPROM
Rev 7; 6/09
DS2431 MAXIM-DS2431_V01 Datasheet
909Kb / 27P
   1024-Bit, 1-Wire EEPROM
2021
DS2431 MAXIM-DS2431_12 Datasheet
663Kb / 27P
   1024-Bit, 1-Wire EEPROM
Rev 12; 2/12
DS2431 MAXIM-DS2431 Datasheet
291Kb / 24P
   1024-Bit 1-Wire EEPROM
Rev 8; 10/09
logo
Dallas Semiconductor
DS2431 DALLAS-DS2431 Datasheet
170Kb / 23P
   1024-Bit 1-Wire EEPROM
logo
Maxim Integrated Produc...
DS2431_1203 MAXIM-DS2431_1203 Datasheet
334Kb / 27P
   1024-Bit, 1-Wire EEPROM
Rev 13; 3/12
DS2431 MAXIM-DS2431_08 Datasheet
283Kb / 25P
   1024-Bit, 1-Wire EEPROM
Rev 6; 8/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com