Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF8105 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # LF8105
Description  BANDPASS FILTER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

LF8105 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  LF8105 Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
B-9
ELECTRICAL CHARACTERISTICS @25 C
o
INPUT IMPEDANCE
2
6
5
1
BANDPASS
FILTER
7
8
11
Frequency
Minimum
Range
Impedance
(KHz)
0<f<=0.285
1M
0.285<f<=2.85
100K
2.85<f<=28.5
10K
28.5<f<=95
4K
95<f<=190
2K
190<f<=285
1.4K
285<f<=380
1K
380<f<=475
850
475<f<=570
700
570<f<=665
600
665<f<=760
525
760<f<=855
450
855<f<=950
400
950<f<=1000
350
Frequency
Minimum
Range
Impedance
(KHz)
1000 <f<= 1400
175
1400 <f<= 2300
100
2300 <f<= 2850
50
2850 <f<= 3085
25
3085 <f<= 3725
10
3725 <f<= 3935
25
3935 <f<= 4000
50
10000 <f<= 10450
40
10450 <f<= 10925
25
10925 <f<= 13125
10
13125 <f<= 14175
25
14175 <f<= 16800
50
16800 <f<= 21000
100
21000 <f<= 30000
50
0.667
2
0.5
0.5
Model
Filter
Insertion
Common Mode Rejection
Return
Attenuation
Type
Loss
Loss
(dB)
(dB Min)
(dB Min)
(dB Min)
BandPass
4.25~9.75 MHz
6~9MHz
LF8105
Filter
-1.0~-2.2
-12
-60@(1MHz)
-50@(54MHz)
-40@(200KHz~22MHz)
-35@(22MHz)
Hi-Pot Test @60Sec, 1500Vrms
G
C
I
J
H
B
LF8105
F
1
12
6
7
D
E
A
10.03
15.80
12.06
1.01
2.00
K
UNIT : mm / inch
A = 14.93 0.254 / 0.588 0.010
B = 11.91 0.254 / 0.469 0.010
C = 7.50 / 0.295 (MAX)
D = 14.96 0.254 / 0.589 0.010
E = 2.00 / 0.079 (TYP)
F = 0.70 0.127 / 0.028 0.005
G = 0.127 / 0.005 (REF)
H = 0.254 / 0.010 (TYP)
I = 1.00 / 0.039 (TYP)
J=
K = 10.03 / 0.395 (TYP)
0~8
oo
DATE CODE
MECHANICAL CONSTRUCTION
SCHEMATICS
252, SAN YING ROAD, KUEI SAN INDUSTRIAL ZONE, TAOYUAN SHIEN, TAIWAN, R.O.C.
TEL: 886-3-3591968; FAX: 886-3-3591991
DELTA ELECTRONICS, INC.
(TAOYUAN PLANT CPBG)
Http://www.deltaww.com/products/networking
LF8105
BANDPASS FILTER
HOME PNA
Networking Components


Similar Part No. - LF8105

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LF8114 ETC1-LF8114 Datasheet
48Kb / 1P
   BANDPASS FILTER
logo
Delta Electronics, Inc.
LF8152 DELTA-LF8152 Datasheet
62Kb / 1P
   Home PNA3.0 Bandpass Filter
logo
Kingbright Corporation
LF819EMBGMBC KINGBRIGHT-LF819EMBGMBC Datasheet
288Kb / 3P
   10mm FULL COLOR RGB LAMPS
More results

Similar Description - LF8105

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
   BANDPASS FILTER
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
   Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
   Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
   BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
   BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
   BANDPASS FILTER
XFVDSLCPE1 XFMRS-XFVDSLCPE1 Datasheet
62Kb / 1P
   BANDPASS FILTER
logo
Integrated Technology F...
250457B ITF-250457B Datasheet
196Kb / 5P
   Bandpass Filter
logo
KR Electronics, Inc.
2157-17.25-5-50 KR-2157-17.25-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-20-5-50 KR-2157-20-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-51.75-5-50 KR-2157-51.75-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com