Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16805 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX16805
Description  EEPROM-Programmable, High-Voltage, 350mA LED Drivers with LED Current Foldback
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16805 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX16805 Datasheet HTML 3Page - Maxim Integrated Products MAX16805 Datasheet HTML 4Page - Maxim Integrated Products MAX16805 Datasheet HTML 5Page - Maxim Integrated Products MAX16805 Datasheet HTML 6Page - Maxim Integrated Products MAX16805 Datasheet HTML 7Page - Maxim Integrated Products MAX16805 Datasheet HTML 8Page - Maxim Integrated Products MAX16805 Datasheet HTML 9Page - Maxim Integrated Products MAX16805 Datasheet HTML 10Page - Maxim Integrated Products MAX16805 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
EEPROM-Programmable, High-Voltage, 350mA
LED Drivers with LED Current Foldback
_______________________________________________________________________________________
7
LED CURRENT FALL TIME (EXPANDED)
MAX16805 toc10
20
µs/div
VDIM
2V/div
ILED
200mA/div
0V
0A
DIM PULSED AT
200Hz
LED CURRENT RISE TIME (EXPANDED)
MAX16805 toc11
20
µs/div
VDIM
2V/div
ILED
200mA/div
0V
0A
DIM PULSED AT
200Hz
OUTPUT CURRENT DUTY CYCLE
vs. ANALOG DIM VOLTAGE
VDIM (V)
3
2
1
20
40
60
80
100
120
0
04
VIN = 12V
RAMP REGISTER = 0x07
CFD = GND
TFP = 5V
TFN = GND
OUTPUT CURRENT
DUTY CYCLE vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
18
16
14
12
10
8
6
4
2
20
40
60
80
100
120
0
020
BIT3 = 1
BIT3 = 0
LED CURRENT
THRESHOLD REGISTER = (0x07)
OUTPUT CURRENT
DUTY CYCLE vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
25
20
15
10
5
20
40
60
80
100
120
0
030
BIT3 = 1
BIT3 = 0
LED CURRENT
THRESHOLD REGISTER = (0x00)
OUTPUT CLAMP
vs. THERMAL FOLDBACK SLOPE
VTFN (V)
1.4
1.2
0.8
1.0
0.4
0.6
0.2
5
10
15
20
25
30
35
40
45
0
0
1.6
THERMAL SLOPE = 4V/V
THERMAL SLOPE = 4V/V
THERMAL SLOPE = 8V/V
THERMAL SLOPE = 12V/V
THERMAL FOLDBACK
CLAMP LEVEL = 40%
THERMAL
KNEE = +60
°C
OUTPUT RESPONSE TO SW INPUT
MAX16805 toc16
40ms/div
VSW
5V/div
VSENSE
200mV/div
DEBOUNCE
TIME
DEBOUNCE
TIME
Typical Operating Characteristics (continued)
(VIN = 12V, VEN = VIN, CV5 = 0.1µF, IV5 = 0, CS- = GND, RSENSE = 0.56Ω, connect OUT to CS+, VDIM = 4V, SW = VFD = open,
VTFP/SC = 5V, VTFN/SD = GND, DGND = GND. TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX16805

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16805ATP MAXIM-MAX16805ATP Datasheet
305Kb / 19P
   EEPROM-Programmable, High-Voltage, 350mA LED Drivers with LED Current Foldback
19-0625; Rev 1; 1/07
MAX16805 MAXIM-MAX16805_07 Datasheet
305Kb / 19P
   EEPROM-Programmable, High-Voltage, 350mA LED Drivers with LED Current Foldback
19-0625; Rev 1; 1/07
More results

Similar Description - MAX16805

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16805 MAXIM-MAX16805_07 Datasheet
305Kb / 19P
   EEPROM-Programmable, High-Voltage, 350mA LED Drivers with LED Current Foldback
19-0625; Rev 1; 1/07
logo
Silicon Touch Technolog...
DM413 SITI-DM413 Datasheet
305Kb / 18P
   3-CHANNEL CONSTANT CURRENT LED DRIVERS WITH PROGRAMMABLE PWM OUTPUTS
logo
Maxim Integrated Produc...
MAX16833 MAXIM-MAX16833 Datasheet
1Mb / 22P
   High-Voltage HB LED Drivers with Integrated High-Side Current Sense
Rev 0; 6/10
MAX16833 MAXIM-MAX16833_V01 Datasheet
923Kb / 25P
   High-Voltage HB LED Drivers with Integrated High-Side Current Sense
2017
MAX16833 MAXIM-MAX16833_11 Datasheet
1Mb / 22P
   High-Voltage HB LED Drivers with Integrated High-Side Current Sense
Rev 3; 7/11
MAX16800 MAXIM-MAX16800 Datasheet
200Kb / 9P
   High-Voltage, 350mA, Adgustable Linear High-Brightness LED (HB LED) Driver
Rev 0; 8/05
MAX16800 MAXIM-MAX16800_09 Datasheet
182Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver
Rev 1; 4/09
logo
International Rectifier
IRPLLED1 IRF-IRPLLED1 Datasheet
671Kb / 30P
   350mA to 1.5A High Voltage LED Driver using
logo
Maxim Integrated Produc...
MAX16835 MAXIM-MAX16835_12 Datasheet
198Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED Driver
Rev 2; 10/12
logo
PAIRUI GROUP INC.
LPU-200C PAIRUI-LPU-200C Datasheet
973Kb / 8P
   Constant current LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com