Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16805 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX16805
Description  EEPROM-Programmable, High-Voltage, 350mA LED Drivers with LED Current Foldback
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16805 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX16805 Datasheet HTML 1Page - Maxim Integrated Products MAX16805 Datasheet HTML 2Page - Maxim Integrated Products MAX16805 Datasheet HTML 3Page - Maxim Integrated Products MAX16805 Datasheet HTML 4Page - Maxim Integrated Products MAX16805 Datasheet HTML 5Page - Maxim Integrated Products MAX16805 Datasheet HTML 6Page - Maxim Integrated Products MAX16805 Datasheet HTML 7Page - Maxim Integrated Products MAX16805 Datasheet HTML 8Page - Maxim Integrated Products MAX16805 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
EEPROM-Programmable, High-Voltage, 350mA
LED Drivers with LED Current Foldback
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = VEN = 12V, CV5 = 0.1µF, IV5 = 0, CS- = GND, RSENSE = 0.56Ω, VDIM = 4V, DGND = GND, TFP/SCL = 5V, TFN/SDA = 0V,
SW = CFD = Open, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN to GND ...............................................................-0.3V to +45V
DIM, OUT, EN to GND ................................-0.3V to (VIN + 0.3V)
IN Slew Rate (20V < VIN < 45V) ...................................250mV/µs
SDA, SCL (MAX16805), TFN/SDA,
TFP/SCL (MAX16806) to GND...............................-0.3V to +6V
CFD, CS+, V5 to GND ..............................................-0.3V to +6V
DGND and CS- to GND.........................................-0.3V to +0.3V
OUT Short Circuited to GND Duration (VIN < +16V)..........1 hour
Maximum Current Into Any Pin (except IN and OUT) ......±20mA
Continuous Power Dissipation (TA = +70°C)
20-Pin Thin QFN (derate 34.5mW/°C above +70°C)....2758.6mW
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VIN
(Note 2)
5.5
40
V
Ground Current
IG
ILOAD = 350mA
2.5
4.5
mA
Shutdown Supply Current
ISHDN
VEN
≤ 0.3V
12
40
µA
Guaranteed Output Current
IOUT
RSENSE = 0.55
350
mA
Output Current Accuracy
35mA < IOUT < 350mA, RSENSE tolerance
not included
3.0
%
IOUT = 350mA, 12V < VIN < 40V
0.4
1.2
Dropout Voltage (Note 3)
∆VDO
IOUT = 350mA, 6.5V < VIN < 12V
0.5
1.5
V
Current rising, DIM rising to 4V
17
Output Current Slew Rate
(External PWM Signal at DIM)
Current falling, DIM falling to 0.6V
17
mA/µs
Short-Circuit Current
VOUT = 0V
600
mA
ENABLE INPUT
EN Input Current
IEN
100
nA
EN Input-Voltage High
VIH
2.8
V
EN Input-Voltage Low
VIL
0.6
V
Enable Turn-On Time
tON
EN rising edge to 90% of OUT
225
µs
5V REGULATOR
0 < IV5 < 0.5mA,
SW = GND
4.9
5.1
5.3
Output Voltage Regulation
(MAX16806)
V5
6.5V < VIN < 40V
0 < IV5 < 2mA,
SW = open
4.9
5.1
5.3
V
Output Voltage Regulation
(MAX16805)
V5
0 < IV5 < 2mA, 6.5V < VIN < 40V
4.9
5.1
5.3
V
CURRENT SENSE
Regulated RSENSE Voltage
VRSNS
VSENSE = [VCS+ - VCS-], Binning
Adjustment register at factory default
(0x0F)
192
198
204
mV
Input Current (CS+)
VCS+ = 210mV
12
µA
Input Current (CS-)
VCS+ = 210mV
-75
µA


Similar Part No. - MAX16805

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16805ATP MAXIM-MAX16805ATP Datasheet
305Kb / 19P
   EEPROM-Programmable, High-Voltage, 350mA LED Drivers with LED Current Foldback
19-0625; Rev 1; 1/07
MAX16805 MAXIM-MAX16805_07 Datasheet
305Kb / 19P
   EEPROM-Programmable, High-Voltage, 350mA LED Drivers with LED Current Foldback
19-0625; Rev 1; 1/07
More results

Similar Description - MAX16805

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16805 MAXIM-MAX16805_07 Datasheet
305Kb / 19P
   EEPROM-Programmable, High-Voltage, 350mA LED Drivers with LED Current Foldback
19-0625; Rev 1; 1/07
logo
Silicon Touch Technolog...
DM413 SITI-DM413 Datasheet
305Kb / 18P
   3-CHANNEL CONSTANT CURRENT LED DRIVERS WITH PROGRAMMABLE PWM OUTPUTS
logo
Maxim Integrated Produc...
MAX16833 MAXIM-MAX16833 Datasheet
1Mb / 22P
   High-Voltage HB LED Drivers with Integrated High-Side Current Sense
Rev 0; 6/10
MAX16833 MAXIM-MAX16833_V01 Datasheet
923Kb / 25P
   High-Voltage HB LED Drivers with Integrated High-Side Current Sense
2017
MAX16833 MAXIM-MAX16833_11 Datasheet
1Mb / 22P
   High-Voltage HB LED Drivers with Integrated High-Side Current Sense
Rev 3; 7/11
MAX16800 MAXIM-MAX16800 Datasheet
200Kb / 9P
   High-Voltage, 350mA, Adgustable Linear High-Brightness LED (HB LED) Driver
Rev 0; 8/05
MAX16800 MAXIM-MAX16800_09 Datasheet
182Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver
Rev 1; 4/09
logo
International Rectifier
IRPLLED1 IRF-IRPLLED1 Datasheet
671Kb / 30P
   350mA to 1.5A High Voltage LED Driver using
logo
Maxim Integrated Produc...
MAX16835 MAXIM-MAX16835_12 Datasheet
198Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED Driver
Rev 2; 10/12
logo
PAIRUI GROUP INC.
LPU-200C PAIRUI-LPU-200C Datasheet
973Kb / 8P
   Constant current LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com