Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16805ATP Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX16805ATP
Description  EEPROM-Programmable, High-Voltage, 350mA LED Drivers with LED Current Foldback
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16805ATP Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX16805ATP Datasheet HTML 6Page - Maxim Integrated Products MAX16805ATP Datasheet HTML 7Page - Maxim Integrated Products MAX16805ATP Datasheet HTML 8Page - Maxim Integrated Products MAX16805ATP Datasheet HTML 9Page - Maxim Integrated Products MAX16805ATP Datasheet HTML 10Page - Maxim Integrated Products MAX16805ATP Datasheet HTML 11Page - Maxim Integrated Products MAX16805ATP Datasheet HTML 12Page - Maxim Integrated Products MAX16805ATP Datasheet HTML 13Page - Maxim Integrated Products MAX16805ATP Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
EEPROM-Programmable, High-Voltage, 350mA
LED Drivers with LED Current Foldback
10
______________________________________________________________________________________
SDA
SCL
tHD:STA
tLOW
tHIGH
tR
tF
tHD:DAT
tSU:DAT
REPEATED
START
tSU:STA
tHD:STA
tSU:STO
tSP
STOP
START
P
tBUF
Figure 1. I2C Serial Interface Timing Diagram
Detailed Description
The MAX16805/MAX16806 are constant-current regu-
lators that provide up to 350mA of current to one or
more strings of high-brightness LEDs. A wide operat-
ing input voltage range of 5.5V to 40V makes the
devices ideal for automotive applications. The
MAX16805/MAX16806 feature the I2C interface that
allows communication with the internal dynamic regis-
ters and EEPROM.
Dynamic registers control the MAX16805/MAX16806
functions and can be updated in real time through the
I2C interface. See Table 2 for register addresses. Turning
off the input voltage clears the dynamic register contents.
To save settings, store them into the EEPROM. The
MAX16805/MAX16806 load the stored settings into the
dynamic registers at power-up. In addition, during nor-
mal operation a write command to the EEPROM Content
Transfer register loads the stored settings into the
dynamic register. Information stored can be transferred
into dynamic registers after issuing a “write” command to
the EEPROM Content Transfer register.
The MAX16805/MAX16806’s 5V regulator (V5) provides
up to 2mA of current to external circuitry. However, the
MAX16806’s 5V regulator can deliver 2mA of output cur-
rent only when the momentary switch is not used. When
the momentary switch is active, the MAX16806 achieves
up
to
0.5mA
of
current.
In
addition,
the
MAX16805/MAX16806 feature thermal and output short-
circuit protection. The wide operating voltage range
helps protect the device against large transients up to
45V such as those found in load dump situations.
The MAX16805/MAX16806 use a feedback loop to
control the output current. The differential voltage
across the sense resistor is compared to a fixed refer-
ence voltage and the error is amplified to serve as the
drive to the internal pass device, see the
Functional
Diagram. The MAX16805/MAX16806 offer a program-
mable LED current reference using the Binning
Adjustment register.
These devices are current controllers internally opti-
mized for driving the impedance range expected from
1 to 10 (or more) high-brightness LEDs.
Dimming Input (DIM)
The MAX16805/MAX16806’s dimming input operates
with either an analog or PWM control signal. If the
pulse detector detects three edges of a PWM signal
with a frequency range between 80Hz to 2kHz, the
MAX16805/MAX16806 synchronize to external PWM
input signal and pulse-width-modulate the LED current.
If an analog control signal is applied to DIM, the
MAX16805/MAX16806 compare the DC input to an
internally generated 200Hz ramp to pulse-width-modu-
late the LED current. The maximum peak value of the
200Hz ramp can be programmed using the Ramp
Peak register. This allows the LED current to be adjust-
ed through the I2C interface from 50% (typ) to 100% in
real time when VDIM is 1.54V.
The output current duty cycle is adjustable from 0% to
100% (0.21V < VDIM < 3.1V).
Use the following formula to calculate the output cur-
rent duty cycle:
Duty cycle = (VDIM - 0.21V) / VRAMP


Similar Part No. - MAX16805ATP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16805ATP MAXIM-MAX16805ATP Datasheet
305Kb / 19P
   EEPROM-Programmable, High-Voltage, 350mA LED Drivers with LED Current Foldback
19-0625; Rev 1; 1/07
More results

Similar Description - MAX16805ATP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16805 MAXIM-MAX16805_07 Datasheet
305Kb / 19P
   EEPROM-Programmable, High-Voltage, 350mA LED Drivers with LED Current Foldback
19-0625; Rev 1; 1/07
logo
Silicon Touch Technolog...
DM413 SITI-DM413 Datasheet
305Kb / 18P
   3-CHANNEL CONSTANT CURRENT LED DRIVERS WITH PROGRAMMABLE PWM OUTPUTS
logo
Maxim Integrated Produc...
MAX16833 MAXIM-MAX16833 Datasheet
1Mb / 22P
   High-Voltage HB LED Drivers with Integrated High-Side Current Sense
Rev 0; 6/10
MAX16833 MAXIM-MAX16833_V01 Datasheet
923Kb / 25P
   High-Voltage HB LED Drivers with Integrated High-Side Current Sense
2017
MAX16833 MAXIM-MAX16833_11 Datasheet
1Mb / 22P
   High-Voltage HB LED Drivers with Integrated High-Side Current Sense
Rev 3; 7/11
MAX16800 MAXIM-MAX16800 Datasheet
200Kb / 9P
   High-Voltage, 350mA, Adgustable Linear High-Brightness LED (HB LED) Driver
Rev 0; 8/05
MAX16800 MAXIM-MAX16800_09 Datasheet
182Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver
Rev 1; 4/09
logo
International Rectifier
IRPLLED1 IRF-IRPLLED1 Datasheet
671Kb / 30P
   350mA to 1.5A High Voltage LED Driver using
logo
Maxim Integrated Produc...
MAX16835 MAXIM-MAX16835_12 Datasheet
198Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED Driver
Rev 2; 10/12
logo
PAIRUI GROUP INC.
LPU-200C PAIRUI-LPU-200C Datasheet
973Kb / 8P
   Constant current LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com