Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA1A-TN1 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SA1A-TN1
Description  High-Speed, Slim Style Photoelectric Sensors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SA1A-TN1 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SA1A-TN1 Datasheet HTML 1Page - List of Unclassifed Manufacturers SA1A-TN1 Datasheet HTML 2Page - List of Unclassifed Manufacturers SA1A-TN1 Datasheet HTML 3Page - List of Unclassifed Manufacturers SA1A-TN1 Datasheet HTML 4Page - List of Unclassifed Manufacturers SA1A-TN1 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Sensors
General Information
www.idec.com
USA: (800) 262-IDEC or (408) 747-0550, Canada: (888) 317-IDEC
Q-55
Q
Bright, extraneous light such as sunlight, incandescent lights, or fluorescent
lights may impair the performance of sensors in detecting color or light.
Make sure that extraneous light does not exceed recommended levels found
in the individual specifications sections. When 500 lux is specified, this is
equal to 50 footcandles. The average factory illumination is ordinarily below
this level, except in areas where visual inspection is being performed. Only in
such brightly lit areas is incident light of particular concern.
Unwanted light interference can often be avoided simply by making sure that
the optical receiver is not aimed directly toward a strong light source. When
mounting direction cannot be adjusted, place a light barrier between all
nearby light sources and the receiver.
When installing sensors which detect reflected light, make sure that
unwanted light reflections from nearby surfaces, such as the floor, walls,
reflective machinery, or stainless steel, do not reach the optical receiver.
Also, make sure that reflected-light sensors mounted in close proximity do not
cause interfering reflections. When it is not possible to maintain the recom-
mended clearance between sensors, as noted in the individual installation
sections, provide light barriers between sensors.
A slit attachment is available to modify the beam size of through-beam sen-
sors. This option is recommended for detecting very small objects (near the
size of the smallest object which a sensor can detect) or for eliminating light
interference when sensors are mounted in close proximity.
IMPORTANT: Always consider safety when installing a laser sensor of any kind.
Make sure that the laser beam cannot inadvertently shine into the eyes of people
passing by or working in the vicinity. See safety information on page Q-20.
The mounting bracket and hardware are included with sensors, where appli-
cable. Use the appropriate hardware for mounting, along with washers and
spring washers or lock nuts. Do not overtighten attachment hardware. Over-
tightening causes damage to the housing and will adversely affect the water-
proof characteristics of the sensor.
Best results can be obtained when the sensor is mounted so that the object
sensed is in the center of the beam, rather than when the object is located
near the edges of the sensing window. In addition, the most reliable sensing
occurs when the majority of the objects being sensed are well within the
sensing range, rather than at the extreme near and far limits.
3. SA6A ultrasonic sensors are not affected by extraneous light.
Mounting
Reflected-Light Sensors
Through-Beam Sensors
Laser Sensors
Do not operate a sensor under any conditions exceeding these specifications.
Do not operate a sensor under current and voltage conditions other than
those for which the individual sensor is rated.
Do not exceed the recommended operating temperature and humidity.
Although sensors are rated for operation below 0°C, this specification does
not imply that performance characteristics will remain constant under pro-
longed freezing conditions. Continued exposure and the accompanying frost,
ice, dew, and condensation which accumulate on the optical surface will
adversely affect sensor performance.
To maintain superior performance characteristics, do not exceed vibration and
shock resistance ratings while operating a sensor. In addition, avoid isolated
impacts to the sensor housing which are severe enough to adversely affect
the waterproof characteristics.
Sensors rated IP67 are resistant to moisture when occasionally immersed in
still water. Sensors rated IP64 through IP66 are resistant to moisture when
occasionally subjected to splashing or when located in the vicinity of turbu-
lent waters. These ratings do not imply that a sensor is intended for use
under continual high-pressure water spray. Avoid such applications to main-
tain optimal sensor performance.
Sensors rated IP64 through IP67 are dust-tight and water-tight. For best per-
formance, avoid using any sensor in an area where it will be subjected to
heavy particle blasts and where dust, water, or steam will accumulate on the
optical surface.
Do not test the housing for dielectric strength and insulation resistance, since
the housing is connected to the electronic circuit ground of a sensor. Do not
perform dielectric strength and insulation resistance tests on electrical sys-
tems without disconnecting photoelectric sensors, as such testing may result
in damage to the sensor.
Several lines of sensors, as noted in the individual operation sections, are
provided with an internal circuit to turn an output off for a specified amount of
time upon power-up. This delay is normal; it prevents a transient state when
turning power on.
The optical surface of each sensor must be cleaned on a regular basis for con-
tinual superior performance. Use a soft cloth dipped in isopropyl alcohol to
remove dust and moisture build-up.
IMPORTANT: Do not use organic solvents (such as thinner, ammonia, caustic
soda, or benzene) to clean any part of a sensor.
All sensors experience signal inconsistencies under the influence of inductive
noise. Do not use sensors in close proximity to transformers, large inductive
motors, or generators. Avoid using sensors in direct contact with sources of
excessive heat. Also avoid operation in close proximity to welding equipment.
Specifications
IEC (International Electrotechnical Commission) Ratings
Start-up
Optimum Performance
Extraneous Light
General Information
1.
Even though the SA6A ultrasonic sensor features protection against noise, there may be adverse effects from strong noise.
2.
It is strongly recommended to avoid using any sensor where it will be continually subjected to elements which impair perfor-
mance or cause corrosive damage to the sensor. In particular, avoid strong vibrations and shocks, corrosive gases, oils, and chemi-
cals, as well as blasts of water, steam, dust, or other particles.


Similar Part No. - SA1A-TN1

ManufacturerPart #DatasheetDescription
logo
Semikron International
SA1A SEMIKRON-SA1A Datasheet
147Kb / 2P
   Standard Avalanche Diodes
SA1A SEMIKRON-SA1A Datasheet
188Kb / 2P
   Standard Avalanche Diodes
SA1A SEMIKRON-SA1A_09 Datasheet
188Kb / 2P
   Standard Avalanche Diodes
More results

Similar Description - SA1A-TN1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M186E ETC2-M186E Datasheet
172Kb / 8P
   Stainless Steel 18 mm Barrel-style DC Photoelectric Sensors
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
WTB2S-2P1145 SICK-WTB2S-2P1145 Datasheet
695Kb / 6P
   Photoelectric sensors
WTB2S-2P1360 SICK-WTB2S-2P1360 Datasheet
628Kb / 6P
   Photoelectric sensors
WTB2S-2P3275 SICK-WTB2S-2P3275 Datasheet
709Kb / 6P
   Photoelectric sensors
WSE2S-2F3030S01 SICK-WSE2S-2F3030S01 Datasheet
688Kb / 6P
   Photoelectric sensors
WTB2S-2F1330 SICK-WTB2S-2F1330 Datasheet
648Kb / 6P
   Photoelectric sensors
GTB2S-N1331 SICK-GTB2S-N1331 Datasheet
704Kb / 6P
   Photoelectric sensors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com