Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AU2904N Datasheet(PDF) 4 Page - NXP Semiconductors

Part # AU2904N
Description  Low power dual operational amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AU2904N Datasheet(HTML) 4 Page - NXP Semiconductors

  AU2904N Datasheet HTML 1Page - NXP Semiconductors AU2904N Datasheet HTML 2Page - NXP Semiconductors AU2904N Datasheet HTML 3Page - NXP Semiconductors AU2904N Datasheet HTML 4Page - NXP Semiconductors AU2904N Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Philips Semiconductors Linear Products
Product specification
AU2904
Low power dual operational amplifier
August 31, 1994
157
TYPICAL PERFORMANCE CHARACTERISTICS
V +
VO
0.1
µF
VIN
V+ /2
V+ = 10 to 15 Vdc and
–55 oC < TA < +125
oC
V+ = 30 Vdc and
–55 oC < TA < +125 oC
140
120
100
80
60
40
20
0
1
10
100
1K
10K
100K
1M
10M
FREQUENCY (Hz)
Oper–Loop Frequency
Response
0
10
20
30
40
SUPPLY VOLTAGE (VDC)
160
120
80
40
0
RL = 2K
RL = 20K
Voltage Gain
4
3
2
1
0
0
10
20
30
40
TA = O°C to +125
oC
TA = –55
oC
SUPPLY VOLTAGE (VDC)
Supply Current
90
80
70
60
50
40
30
20
10
0
–55 –35 15
5
25
45
65
85 105 125
TEMPERATURE (oC)
Current Limiting
20
15
10
5
0
1K
10K
100K
1M
FREQUENCY (Hz)
Large–Signal
Frequency Response
RL > 2k, V+ = 15 VDC
TIME (
µs)
4
3
2
1
0
3
2
1
0
0
10
20
30
40
Voltage–Follower Pulse
Response
INPUT
OUTPUT
50pF
EO
TA = +25
oC
V+ = +30VDC
500
450
400
350
300
250
0
1
2
3
4
5
6
7
8
t — TIME (
µS)
θIN
Voltage–Follower Pulse
Response (Small–Signal)
V+
V2
IO
+V + / 2
+
INDEPENDENT OF V+
TA = +25°C
8
7
6
5
4
3
2
1
0.001
0.01
0.1
1
10
100
IO+ — OUTPUT SOURCE CURRENT (mADC)
Output Characteristics
Current Sourcing
VO
10
1
0.1
0.01
0.001
0.01
0.1
1
10
100
V+ = +5V
V+ = +15V
V+ = +30V
V+ /2
V+
TA = +25
oC
IO — OUTPUT SINK CURRENT (mADC)
+
Output Characteristics
Current Sinking
IO
10M
+
0.1µF
15VDC
100K
VIN
7.5VDC
2K
1K
VO
+


Similar Part No. - AU2904N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AU2901 PHILIPS-AU2901 Datasheet
102Kb / 10P
   Quad voltage comparator
2001 Aug 03
AU2901D PHILIPS-AU2901D Datasheet
102Kb / 10P
   Quad voltage comparator
2001 Aug 03
AU2901N PHILIPS-AU2901N Datasheet
102Kb / 10P
   Quad voltage comparator
2001 Aug 03
AU2902 PHILIPS-AU2902 Datasheet
104Kb / 10P
   Low power quad operational amplifier
2001 Aug 03
AU2902D PHILIPS-AU2902D Datasheet
104Kb / 10P
   Low power quad operational amplifier
2001 Aug 03
More results

Similar Description - AU2904N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2904AH STMICROELECTRONICS-LM2904AH Datasheet
999Kb / 19P
   Low-power, dual operational amplifier
November 2015 Rev 2
LM2904 STMICROELECTRONICS-LM2904_08 Datasheet
387Kb / 22P
   Low power dual operational amplifier
logo
Integral Corp.
IL2904 INTEGRAL-IL2904 Datasheet
325Kb / 6P
   Low Power Dual Operational Amplifier
logo
KODENSHI_AUK CORP.
KK358 KODENSHI-KK358 Datasheet
360Kb / 6P
   Low Power Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL2904 IKSEMICON-IL2904_11 Datasheet
373Kb / 6P
   Low Power Dual Operational Amplifier
logo
Shenzhen Huazhimei Semi...
LM358 HMSEMI-LM358 Datasheet
796Kb / 5P
   Low power dual operational amplifier
logo
IK Semicon Co., Ltd
IL358 IKSEMICON-IL358 Datasheet
449Kb / 7P
   Low Power Dual Operational Amplifier
logo
Ceramate Technical
CO358 CERAMATE-CO358 Datasheet
523Kb / 5P
   Low Power Dual Operational Amplifier
logo
Daewoo Semiconductor
DBL358 DAEWOO-DBL358 Datasheet
355Kb / 7P
   LOW POWER DUAL OPERATIONAL AMPLIFIER
logo
System Logic Semiconduc...
SL358 SLS-SL358 Datasheet
51Kb / 4P
   Low Power Dual Operational Amplifier
logo
STMicroelectronics
LM2904 STMICROELECTRONICS-LM2904_V01 Datasheet
1Mb / 28P
   Low-power dual operational amplifier
Rev 20 - August 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com