Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1967 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # CM1967
Description  Axial Filament Halogen Lamp
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

CM1967 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  CM1967 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Axial Filament Halogen Lamp
DESCRIP TION A ND FE A T URES
Part No.
Volts
Watts
Filament
Shape
Nominal MSCP Laboratory
Life Hours
CM1964
28.0
150
30° Spot
230
1000
CM196728.0
150
12° N Spot
210
1000
CM1970*
28.0
100
38° Flood
150
1000
CM1970X
28.0
100
12° N Spot
140
1000
CM1978X*
CM8-A103
28.0
10.0
50
100
12° N Spot
38° Flood
60
130
1000
2000
Configuration
A
A
A
A
C
B
Materials:
Globe: Quartz Glass
Base: Nickel Plated Brass
Atmosphere: Halogen Gas
* Lamp has a supported filament.
All dimensions in inches.
1.980 MAX .
1.135 MAX .
.422 T Y P .
.535 MAX .
.435 MAX .
1.75-1.87
.394 T Y P .
.500 MAX .
Ø.396-.415
1.063 NOM.
MAX .
1.125
1.880±.050
.440 MAX .
.535 MAX .
.210 MAX .
.375 T Y P .
2.250 MAX .
Description:
These Axial Filament Halogen Lamps were primarily designed for aircraft navigation lights although their unique configurations,
rugged construction and exceptionally high light output make them the ideal light source for many applications.
A
B
C
Caution:
These halogen cycle lamps may shatter if scratched or damaged. Use these lamps in fixtures designed for
their high operating temperature. Always turn power off when changing these lamps. For satisfactory
performance limit the seal and wire lead temperature to 350°C to avoid deterioration. Maintain a minimum
lamp wall temperature of 250°C to assure the halogen cycle occurs. Remove all grease and fingerprints
from these lamps before operation. Never exceed the design voltage of these lamps.
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack -NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Similar Part No. - CM1967

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CM1967 VCC-CM1967 Datasheet
87Kb / 1P
   Axial Filament Halogen Lamp
More results

Similar Description - CM1967

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CM1964 VCC-CM1964 Datasheet
87Kb / 1P
   Axial Filament Halogen Lamp
logo
Chicago Miniature Lamp,...
CM449X12V CML-CM449X12V Datasheet
221Kb / 1P
   Marine Halogen Lamp
logo
Visual Communications C...
CM1974 VCC-CM1974 Datasheet
84Kb / 1P
   Special Service Halogen Lamp
logo
Molex Electronics Ltd.
1301910055 MOLEX11-1301910055 Datasheet
27Kb / 1P
   Lamp 300 Watt Halogen
130191-0055 MOLEX11-130191-0055 Datasheet
35Kb / 1P
   Lamp 300 Watt Halogen
logo
LSI Computer Systems
LS7631 LSI-LS7631_05 Datasheet
69Kb / 4P
   TOUCH CONTROL HALOGEN LAMP DIMMER
LS7634 LSI-LS7634 Datasheet
66Kb / 4P
   TOUCH CONTROL HALOGEN LAMP DIMMER
LS7634 LSI-LS7634_08 Datasheet
205Kb / 4P
   TOUCH CONTROL HALOGEN LAMP DIMMER
LS7631 LSI-LS7631 Datasheet
44Kb / 4P
   TOUCH CONTROL HALOGEN LAMP DIMMER
logo
Gilway Technical Lamp
155-1493 GILWAY-155-1493 Datasheet
63Kb / 1P
   H250-150 HALOGEN LAMP HOLDER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com