Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68761 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M68761
Description  SILICON MOS FET POWER AMPLIFIER, 820-851MHz, 6W, FM MOBILE RADIO
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M68761 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M68761 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M68761 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M68761 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SILICON MOS FET POWER AMPLIFIER, 820-851MHz, 6W, FM MOBILE RADIO
M68761
MITSUBISHI RF POWER MODULE
Nov. ´97
OUTPUT POWER, TOTAL EFFICIENCY
VS. DRAIN SUPPLY VOLTAGE
DRAIN SUPPLY VOLTAGE VDD (V)
50
0
30
14
4
0
20
12
4
16
14
6
10
6
PO
10
70
10
8
f=851MHz
VGG=3.5V
Pin=1mW
ZG=ZL=50
8
12
2
40
60
ηT


Similar Part No. - M68761

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M68762H MITSUBISHI-M68762H Datasheet
38Kb / 3P
   440-490MHz, 12.5V, 30W, FM MOBILE RADIO
M68762L MITSUBISHI-M68762L Datasheet
39Kb / 3P
   400-450MHz, 12.5V, 30W, FM MOBILE RADIO
M68762SH MITSUBISHI-M68762SH Datasheet
34Kb / 1P
   470-512MHz, 12.5V, 30W, FM MOBILE RADIO
M68762SL MITSUBISHI-M68762SL Datasheet
333Kb / 1P
   Silicon Bipolar Power Amplifier, 350-400MHz 30W FM Mobile
M68763H MITSUBISHI-M68763H Datasheet
12Kb / 1P
   230-250MHz, 7.2V, 5.3W, FM PORTABLE RADIO
More results

Similar Description - M68761

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M68701 MITSUBISHI-M68701 Datasheet
28Kb / 3P
   SILICON MOS FET POWER AMPLIFIER, 820-851MHz, 6W, FM PORTABLE RADIO
M67766B MITSUBISHI-M67766B Datasheet
205Kb / 5P
   820-851MHz, 12.5V, 6W, FM MOBILE RADIO
RA06H8285M MITSUBISHI-RA06H8285M_10 Datasheet
94Kb / 9P
   820-851MHz 6W 12.5V, 3 Stage Amp. For MOBILE RADIO
M68701M MITSUBISHI-M68701M Datasheet
142Kb / 3P
   Silicon MOS FET Power Amplifier, 860-915MHz 6W FM /Digital Mobile
M68701H MITSUBISHI-M68701H Datasheet
133Kb / 3P
   Silicon MOS FET Power Amplifier, 890-960MHz 6W FM /Digital Mobile
RA06H8285M MITSUBISHI-RA06H8285M_11 Datasheet
186Kb / 9P
   RoHS Compliance, 820-851MHz 6W 12.5V, 3 Stage Amp. For MOBILE RADIO
M67759 MITSUBISHI-M67759 Datasheet
83Kb / 2P
   872-905MHz, 12.5V, 6W, FM MOBILE RADIO???
M68772 MITSUBISHI-M68772 Datasheet
245Kb / 2P
   Silicon MOS FET Power Amplifier, 890-915MHz 13W FM Mobile
M67754 MITSUBISHI-M67754 Datasheet
305Kb / 3P
   824-849MHz, 12.5V, 6W, FM MOBILE RADIO
M67799UHA MITSUBISHI-M67799UHA Datasheet
14Kb / 1P
   SILICON MOS FET POWER AMPLIFIER, 470-490MHz, 7W, FM PORTABLE RADIO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com