Electronic Components Datasheet Search |
|
5962-9758001QEA Datasheet(PDF) 2 Page - Texas Instruments |
|
|
5962-9758001QEA Datasheet(HTML) 2 Page - Texas Instruments |
2 / 6 page SN54F109, SN74F109 DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET SDFS047A – MARCH 1987 – REVISED OCTOBER 1993 2–2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 logic symbol† S 5 1J 2 1J 4 1CLK 1K 3 1Q 6 7 C1 11 14 2J 12 2CLK 13 2Q 10 9 1PRE 2PRE 1CLR 2K 1Q 2Q R 1 1K 15 2CLR † This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12. Pin numbers shown are for the D, J, and N packages. absolute maximum ratings over operating free-air temperature range (unless otherwise noted)‡ Supply voltage range, VCC – 0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI (see Note 1) – 1.2 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input current range – 30 mA to 5 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Voltage range applied to any output in the high state – 0.5 V to VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Current into any output in the low state 40 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free-air temperature range: SN54F109 – 55 °C to 125°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . SN74F109 0 °C to 70°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range – 65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTE 1: The input voltage ratings may be exceeded provided the input current ratings are observed. recommended operating conditions SN54F109 SN74F109 UNIT MIN NOM MAX MIN NOM MAX UNIT VCC Supply voltage 4.5 5 5.5 4.5 5 5.5 V VIH High-level input voltage 2 2 V VIL Low-level input voltage 0.8 0.8 V IIK Input clamp current –18 –18 mA IOH High-level output current –1 –1 mA IOL Low-level output current 20 20 mA TA Operating free-air temperature –55 125 0 70 °C |
Similar Part No. - 5962-9758001QEA |
|
Similar Description - 5962-9758001QEA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |