Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT7862SIT Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SPT7862SIT
Description  10-BIT, 40 MSPS, DUAL-CHANNEL A/D CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SPT7862SIT Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SPT7862SIT Datasheet HTML 2Page - List of Unclassifed Manufacturers SPT7862SIT Datasheet HTML 3Page - List of Unclassifed Manufacturers SPT7862SIT Datasheet HTML 4Page - List of Unclassifed Manufacturers SPT7862SIT Datasheet HTML 5Page - List of Unclassifed Manufacturers SPT7862SIT Datasheet HTML 6Page - List of Unclassifed Manufacturers SPT7862SIT Datasheet HTML 7Page - List of Unclassifed Manufacturers SPT7862SIT Datasheet HTML 8Page - List of Unclassifed Manufacturers SPT7862SIT Datasheet HTML 9Page - List of Unclassifed Manufacturers SPT7862SIT Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SPT
7
2/23/00
SPT7862
• Since only 16 comparators are used, a huge power sav-
ings is realized.
• The auto-zero operation is done using a closed loop sys-
tem that uses multiple samples of the comparator’s
response to a reference zero.
• The auto-calibrate operation, which calibrates the gain
of the MSB reference and the LSB reference, is also
done with a closed loop system. Multiple samples of
the gain error are integrated to produce a calibration volt-
age for each SAR ADC section.
• Capacitive displacement currents, which can induce sam-
pling error, are minimized since only one comparator
samples the input during a clock cycle.
• The total input capacitance is very low, since sections of
the converter which are not sampling the signal are iso-
lated from the input by transmission gates.
VOLTAGE REFERENCE
The SPT7862 requires the use of a single external voltage
reference for driving the high side of each reference ladder.
Each ladder is totally independent and may operate at dif-
ferent voltage levels. The high side of the reference ladder
must operate within a range of 3 V to 5 V. The lower side of
each ladder is typically tied to AGND (0.0 V), but can be run
up to 2.0 V with a second reference. The analog input volt-
age range will track the total voltage difference measured
between the ladder sense lines, VRHS and VRLS.
Force and sense taps are provided to ensure accurate and
stable setting of the upper and lower ladder sense line volt-
ages across part-to-part and temperature variations. By
using the configuration shown in figure 3, offset and gain
errors of less than
±2 LSB can be obtained.
In cases in which wider variations in offset and gain can be
tolerated, the external reference can be tied directly to VRHF
and AGND can be tied directly to VRLF as shown in figure 4.
Decouple force and sense lines to AGND with a .01
µF ca-
pacitor (chip cap preferred) to minimize high-frequency
noise injection. If this simplified configuration is used, the
following considerations should be taken into account:
The reference ladder circuit shown in figure 4 is a simplified
representation of the actual reference ladder with force and
sense taps shown. Due to the actual internal structure of the
ladder, the voltage drop from VRHF to VRHS is not equivalent
to the voltage drop from VRLF to VRLS.
Figure 3 – Ladder Force/Sense Circuit for Each ADC
AGND
VRHF
VRHS
VRLS
VRLF
VIN
1
2
3
5
6
7
+
-
All capacitors are 0.01 µF
4
N/C
Figure 4 – Simplified Reference Ladder Drive Circuit
Without Force/Sense Circuit
R/2
R
R
R
R
R
R
R/2
R=30
Ω (typ)
All capacitors are 0.01 µF
VRLF (AGND)
0.0 V
VRLS
(0.075 V)
VRHS
(+3.91 V)
90 mV
75 mV
+4.0 V
External
Reference
Typically, the top side voltage drop for VRHF to VRHS will
equal:
VRHF – VRHS = 2.25 % of (VRHF – VRLF) (typical),
and the bottom side voltage drop for VRLS to VRLF will equal:
VRLS – VRLF = 1.9 % of (VRHF – VRLF) (typical).
Figure 4 shows an example of expected voltage drops for a
specific case. VREF of 4.0 V is applied to VRHF and VRLF is
tied to AGND. A 90 mV drop is seen at VRHS (= 3.91 V) and
a 75 mV increase is seen at VRLS (= 0.075 V).


Similar Part No. - SPT7862SIT

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7862SIT CADEKA-SPT7862SIT Datasheet
188Kb / 10P
   10-BIT, 40 MSPS, DUAL-CHANNEL A/D CONVERTER
More results

Similar Description - SPT7862SIT

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7862 CADEKA-SPT7862 Datasheet
188Kb / 10P
   10-BIT, 40 MSPS, DUAL-CHANNEL A/D CONVERTER
logo
Hittite Microwave Corpo...
HMCAD1040-40 HITTITE-HMCAD1040-40 Datasheet
915Kb / 14P
   Dual 10-Bit 20/40 MSPS A/D Converter
logo
Intersil Corporation
HI5702 INTERSIL-HI5702 Datasheet
94Kb / 14P
   10-Bit, 40 MSPS A/D Converter
August 1997
HI5703 INTERSIL-HI5703 Datasheet
181Kb / 18P
   10-Bit, 40 MSPS A/D Converter
November 1998
HI5746 INTERSIL-HI5746 Datasheet
145Kb / 17P
   10-Bit, 40 MSPS A/D Converter
February 1999
logo
Cadeka Microcircuits LL...
SPT7864 CADEKA-SPT7864 Datasheet
148Kb / 8P
   10-BIT, 40 MSPS A/D CONVERTER
logo
Renesas Technology Corp
HI5703 RENESAS-HI5703 Datasheet
879Kb / 18P
   10-Bit, 40 MSPS A/D Converter
November 1998
logo
Analog Devices
AD9040A AD-AD9040A_15 Datasheet
298Kb / 16P
   10-Bit 40 MSPS A/D Converter
REV. D
AD9040A AD-AD9040A Datasheet
192Kb / 12P
   10-Bit 40 MSPS A/D Converter
REV. B
AD9050 AD-AD9050 Datasheet
151Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com