Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS74401KTWT Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS74401KTWT
Description  3.0A Ultra-Low Dropout Linear Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS74401KTWT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS74401KTWT Datasheet HTML 5Page - Texas Instruments TPS74401KTWT Datasheet HTML 6Page - Texas Instruments TPS74401KTWT Datasheet HTML 7Page - Texas Instruments TPS74401KTWT Datasheet HTML 8Page - Texas Instruments TPS74401KTWT Datasheet HTML 9Page - Texas Instruments TPS74401KTWT Datasheet HTML 10Page - Texas Instruments TPS74401KTWT Datasheet HTML 11Page - Texas Instruments TPS74401KTWT Datasheet HTML 12Page - Texas Instruments TPS74401KTWT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
www.ti.com
2.85
2.65
2.45
2.25
2.05
1.85
1.65
1.45
1.25
0
500
1000
1500
2000
2500
I
(mA)
OUT
3000
+125 C
°
+25 C
°
-
°
40 C
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
2.0
2.5
3.0
3.5
4.0
4.5
V
(V)
BIAS
5.0
T =
J
+125 C
°
T =+25 C
°
J
T =
J
-
°
40 C
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
-
40
-
20
0
20
40
60
80
100
120
V
=2.375V
BIAS
V
=5.5V
BIAS
765
750
735
720
705
690
675
-
40
-
20
0
20
40
60
80
100
120
Time(20 s/div)
m
V
OUT
50mV/div
I
OUT
1A/div
OutputOpen
OutputShorted
V
=0.8V
OUT
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
2
4
6
8
10
12
PGCurrent(mA)
TPS74401
SBVS066D – DECEMBER 2005 – REVISED AUGUST 2006
TYPICAL CHARACTERISTICS (continued)
At TJ = +25°C, VOUT = 1.5V, VIN = VOUT(TYP) + 0.3V, VBIAS = 3.3V, IOUT = 50mA, CIN = 1µF, CBIAS = 1µF, CSS = 0.01µF, and COUT = 10µF,
unless otherwise noted.
IBIAS vs IOUT AND TEMPERATURE
IBIAS vs VBIAS AND VOUT
Figure 21.
Figure 22.
SOFT-START CHARGING CURRENT (ISS)
IBIAS SHUTDOWN vs TEMPERATURE
vs TEMPERATURE
Figure 23.
Figure 24.
LOW-LEVEL PG VOLTAGE vs PG CURRENT
OUTPUT SHORT-CIRCUIT RECOVERY
Figure 25.
Figure 26.
9
Submit Documentation Feedback


Similar Part No. - TPS74401KTWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74401KTWT TI-TPS74401KTWT Datasheet
1Mb / 29P
[Old version datasheet]   3.0A Ultra-LDO with Programmable Soft-Start
TPS74401KTWT TI1-TPS74401KTWT Datasheet
1Mb / 40P
[Old version datasheet]   3.0-A, Ultra-LDO with Programmable Soft-Start
TPS74401KTWTG3 TI-TPS74401KTWTG3 Datasheet
1Mb / 29P
[Old version datasheet]   3.0A Ultra-LDO with Programmable Soft-Start
TPS74401KTWTG3 TI1-TPS74401KTWTG3 Datasheet
1Mb / 40P
[Old version datasheet]   3.0-A, Ultra-LDO with Programmable Soft-Start
More results

Similar Description - TPS74401KTWT

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TJ3966 HTC-TJ3966 Datasheet
292Kb / 11P
   3.0A Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
LR3866 UTC-LR3866 Datasheet
241Kb / 6P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_14 Datasheet
316Kb / 7P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_12 Datasheet
202Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966 Datasheet
200Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
logo
International Rectifier
OMR9601SF IRF-OMR9601SF Datasheet
129Kb / 8P
   Ultra Low Dropout Linear Regulator (3.3Vin to 2.5Vout at 3.0A)
IRUH33PA13A1M IRF-IRUH33PA13A1M Datasheet
56Kb / 7P
   Ultra Low Dropout Positive Adjustable Linear Regulator 3.3Vin at 3.0A
OMR9601SC IRF-OMR9601SC Datasheet
130Kb / 8P
   Ultra Low Dropout Linear Regulator 3.3Vin to 2.5Vout at 3.0A
logo
HTC Korea TAEJIN Techno...
TJ49300 HTC-TJ49300 Datasheet
574Kb / 12P
   3.0A Very Low Input / Output Voltage Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
LXXLD37 UTC-LXXLD37 Datasheet
241Kb / 7P
   ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com